PART |
Description |
Maker |
HD4043612S HD40A4368F HD40A43612S HD4043612 HD4043 |
H43XX Family Microcomputers 4-bit HMCS400-Series microcomputer
|
Hitachi Semiconductor
|
HD40A4052H HD40A4052S HD40A4054H HD40A4054S HD4074 |
HMCS400-series microcomputers designed to increase program productivity with large-capacity memory
|
HITACHI[Hitachi Semiconductor]
|
HD404418H |
IC,MICROCONTROLLER,4-BIT,HMCS400 CPU,CMOS,QFP,64PIN,PLASTIC
|
Renesas
|
HD40A4688 HD40A4689 HD40A4639R HCD404069 HCD404084 |
LT4356-3 - Surge Stopper with Fault Latchoff; Package: MSOP; Number of Pins: 10; Temperature Range: 40°C to 85°C 82801HEM I/O Controller Hub (ICH8EM) HMCS400 Series Application Notes/Q&A HMCS400系列应用笔记/ Q首页
|
Mimix Broadband, Inc. Hitachi,Ltd. Infineon Technologies AG
|
FST34X2245QSP FST34X2245 |
32-Bit Bus Switch with 25-Ohm Series Resistors in Outputs 32-Bit Bus Switch with 25 Series Resistors in Outputs From old datasheet system 32-Bit Bus Switch with 25з Series Resistors in Outputs CBT/FST/QS/5C/B SERIES, QUAD 8-BIT DRIVER, TRUE OUTPUT, PDSO80
|
FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor, Corp.
|
74LVTH322373G 74LVT322373 74LVT322373G 74LVTH32237 |
Low Voltage 32-Bit Transparent Latch with 3-STATE Outputs and 25蟹 Series Resistors in the Outputs 16K SPI 2K X 8, 32B PAGE, 2.5V SER EE, -40C to 125C, 8-MSOP, T/R LVT SERIES, QUAD 8-BIT DRIVER, TRUE OUTPUT, PBGA96 Low Voltage 32-Bit Transparent Latch with 3-STATE Outputs and 25?/a> Series Resistors in the Outputs Low Voltage 32-Bit Transparent Latch with 3-STATE Outputs and 25 Series Resistors in the Outputs Low Voltage 32-Bit Transparent Latch with 3-STATE Outputs and 25з Series Resistors in the Outputs Low Voltage 32-Bit Transparent Latch with 3-STATE Outputs and 25-Ohm Series Resistors in the Outputs Low Voltage 32-Bit Transparent Latch with 3-STATE Outputs and 25 Ohm Series Resistors in the Outputs
|
Fairchild Semiconductor Corporation Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
H8_3690 H8_3693 H8_3694F H8_3691 H8_3694 HD64F3694 |
(HD64xxxx Series) 16-BIT MICROCONTROLLER 16-BIT SINGLE-CHIP MICROCOMPUTER H8 FAMILY/H8/300H TINY SERIES
|
RENESAS[Renesas Electronics Corporation]
|
74ABT162244 74ABT162244DGG 74ABT162244DL 74ABTH162 |
16-bit buffer/line driver with 30ohm series termination resistors 3-State 16-bit buffer/line driver with 30W series termination resistors (3-State) Terminate the electric resistance with a series of 16 the buffer of a littles/ line driver(3- state) 16-Bit Buffer/Line DriverWith 30Ω Series Termination Resistors(3-State)(16位缓冲器/线驱动器(三态)) Octal bus transceivers 20-SOIC 0 to 70 16-bit buffer/line driver with 30 Ohm series termination resistors (3-State)
|
PHILIPS[Philips Semiconductors] NXP Semiconductors N.V.
|
74AC16244 74AC16244SSC 74ACT16244MTD 74ACT16244SSC |
From old datasheet system Octal Serial/Parallel Register with Sign Extend Complete, Dual, 12-Bit Multiplying DAC with 8-Bit Bus Interface ACT SERIES, QUAD 4-BIT DRIVER, TRUE OUTPUT, PDSO48 16-Bit Buffer/Line Driver with 3-STATE Outputs ACT SERIES, QUAD 4-BIT DRIVER, TRUE OUTPUT, PDSO48
|
Fairchild Semiconductor, Corp.
|
74LCX162373 74LCX162373GX 74LCX162373MEA 74LCX1623 |
8-Bit D-Type Latch LVC/LCX/Z SERIES, DUAL 8-BIT DRIVER, TRUE OUTPUT, PDSO48 Low Voltage 16-Bit Transparent Latch with 5V Tolerant Inputs and Outputs and 26з Series Resistor Low Voltage 16-Bit Transparent Latch with 5V Tolerant Inputs and Outputs and 26 Series Resistor From old datasheet system Low Voltage 16-Bit Transparent Latch with 5V Tolerant Inputs and Outputs and 26-Ohm Series Resistor Low Voltage 16-Bit Transparent Latch with 5V Tolerant Inputs and Outputs and 26 Ohm Series Resistor
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
IDT49C460EJB IDT49C460DFF IDT49C460AG IDT49C460AJ |
Rectangular Connector; Body Material:Polyester; Series:8016; Number of Contacts:90; Contact Material:Phosphor Bronze; Contact Plating:Gold Over Nickel; Gender:Female; Leaded Process Compatible:Yes; Peak Reflow Compatible (260 C):Yes 32位CMOS错误检测和纠正装置 32-BIT CMOS ERROR DETECTION AND CORRECTION UNIT 49C SERIES, 32-BIT ERROR DETECT AND CORRECT CKT, CQFP68 32-BIT CMOS ERROR DETECTION AND CORRECTION UNIT 49C SERIES, 32-BIT ERROR DETECT AND CORRECT CKT, CPGA68 32-BIT CMOS ERROR DETECTION AND CORRECTION UNIT 49C SERIES, 32-BIT ERROR DETECT AND CORRECT CKT, PQCC68
|
Integrated Device Technology, Inc.
|