PART |
Description |
Maker |
MC34118 MC34118DW MC34118P |
ECONOLINE: RSZ/P - 1kVDC & 2kVDC Isolation- UL94V-0 Package Material- No Heatsink Required- No Extern. Components Required- Toroidal Magnetics- ContinuousShort Circuit Protection ( /P-Suffix) VOICE SWITCHED SPEAKERPHONE CIRCUIT
|
Motorola, Inc.
|
7490100111 |
This drawing is dual dimensioned. dimensions in brackets are in millimeters.
|
Wurth Elektronik GmbH & Co. KG, Germany.
|
2SC3380 |
Silicon NPN Triple Diffused ECONOLINE: RSZ/P - 1kVDC & 2kVDC Isolation- UL94V-0 Package Material- No Heatsink Required- No Extern. Components Required- Toroidal Magnetics- ContinuousShort Circuit Protection ( /P-Suffix) ECONOLINE: RSZ/P - 1kVDC ECONOLINE:RSZ / P - 1kVDC 2kVDC隔离UL94V - 0封装材料所需的散热片,无外置。组件所需的环形磁ContinuousShort电路保护 P的后缀
|
HITACHI[Hitachi Semiconductor] Hitachi,Ltd.
|
SI8431SV-C-IS SI8431BB-C-IS SI8430SV-C-IS SI8435SV |
LOW-POWER TRIPLE-CHANNEL DIGITAL ISOLATOR High-speed operation DC to 150 Mbps No start-up initialization required High-speed operation DC to 150 Mbps No start-up initialization required
|
Silicon Laboratories
|
RAD-ANT-VAN-MKT |
Mounting material for wall mounting of OMNI omnidirectional antenna with protection against vandals
|
PHOENIX CONTACT
|
2200160 |
Mounting foot for 122 mm UM-PRO profiles for mounting on DIN rails
|
PHOENIX CONTACT
|
GM9135 |
Only 5 external components required
|
Gamma Microelectronics ...
|
0710280 |
Header, nominal current: 12 A, rated voltage: 320 V, pitch: 5.08 mm, no. of positions: 13, mounting: Direct mounting - DFK-MSTB 2,5/13-GF-5,08
|
Phoenix Contact
|
0707170 |
Header, nominal current: 12 A, rated voltage: 320 V, pitch: 5.0 mm, no. of positions: 10, mounting: Direct mounting - DFK-MSTB 2,5/10-G
|
Phoenix Contact
|
0707057 |
Header, nominal current: 12 A, rated voltage: 320 V, pitch: 5.08 mm, no. of positions: 8, mounting: Direct mounting - DFK-MSTB 2,5/ 8-G-5,08
|
Phoenix Contact
|