Part Number Hot Search : 
050UIT N4735 BC201 PG5393 PG5393 TZA3019 MAX9401 384206
Product Description
Full Text Search
  requirements. Datasheet PDF File

For requirements. Found Datasheets File :: 92284    Search Time::1.891ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

    CY8CTST120-56LFXIT CY8CTST120-00AXI CY8CTST120-56LFXI

CYPRESS SEMICONDUCTOR CORP
Part No. CY8CTST120-56LFXIT CY8CTST120-00AXI CY8CTST120-56LFXI
OCR Text ...een configurations to match the requirements of each individual touchscreen application. Various configurations of Flash program memory, SRAM data memory, and configurable IO are included in a range of convenient pinouts. The TrueTouch arch...
Description For datasheet please contact tsbusdev@cypress.com; Vcc (V): 3 V to 5.25 V; Package: QFN;
TrueTouch Single-Touch Touchscreen Controller

File Size 442.50K  /  32 Page

View it Online

Download Datasheet





    Mitel Semiconductor
MITEL[Mitel Networks Corporation]
Part No. MT9162 MT9162AS MT9162AN MT9162AE
OCR Text ...ce supports both A-law and -law requirements. The analog interface is capable of driving a 20k ohm load. The MT9162 is fabricated in Mitel's ISO2-CMOS technology ensuring low power consumption and high reliability. Applications * * * Ce...
Description ISO2-CMOS 5 Volt Single Rail Codec

File Size 82.72K  /  17 Page

View it Online

Download Datasheet

    ONSEMI[ON Semiconductor]
Part No. MC74LCX7405 MC74LCX74DR2 MC74LCX74DR2G MC74LCX74DTR2 MC74LCX74DTR2G MC74LCX74MELG MC74LCX74 MC74LCX74D MC74LCX74DG MC74LCX74DT MC74LCX74DTG MC74LCX74MEL
OCR Text ...at meet the setup and hold time requirements, on the LOW-to-HIGH Clock (CP) transition. Features http://onsemi.com MARKING DIAGRAMS 14 14 1 SOIC-14 D SUFFIX CASE 751A 1 LCX74G AWLYWW * * * * * * 14 14 1 TSSOP-14 DT SUFFIX CASE 948G ...
Description Low-Voltage CMOS Dual D-Type Flip-Flop With 5 V−Tolerant Inputs

File Size 83.61K  /  8 Page

View it Online

Download Datasheet

    MC74LCX541DWG MC74LCX54105 MC74LCX573DWG MC74LCX57305 MC74LCX574DWR2G MC74LCX574DWR2 MC74LCX57405 MC74LCX574MEL MC74LCX5

ONSEMI[ON Semiconductor]
Part No. MC74LCX541DWG MC74LCX54105 MC74LCX573DWG MC74LCX57305 MC74LCX574DWR2G MC74LCX574DWR2 MC74LCX57405 MC74LCX574MEL MC74LCX574 MC74LCX574DT MC74LCX574DTR2
OCR Text ...at meet the setup and hold time requirements on the LOW-to-HIGH Clock (CP) transition. With the OE LOW, the contents of the eight flip-flops are available at the outputs. When the OE is HIGH, the outputs go to the high impedance state. The ...
Description Low-Voltage CMOS Octal Buffer Flow Through Pinout With 5 V?Tolerant Inputs and Outputs (3?State, Non?Inverting)
Low-Voltage CMOS Octal Transparent Latch Flow Through Pinout With 5 V?Tolerant Inputs and Outputs (3?State, Non?Inverting)
Low-Voltage CMOS Octal D-Type Flip-Flop Flow Through Pinout With 5 V?Tolerant Inputs and Outputs (3?State, Non?Inverting)
Low-Voltage CMOS Octal D-Type Flip-Flop Flow Through Pinout With 5 V−Tolerant Inputs and Outputs (3−State, Non−Inverting)

File Size 88.44K  /  8 Page

View it Online

Download Datasheet

    MITEL[Mitel Networks Corporation]
Part No. SP8858IGHCAR SP8858IGHPAS SP8858MGHCAR SP8858
OCR Text ...characteristics and input drive requirements 3 SP8858 ELECTRICAL CHARACTERISTICS These characteristics are guaranteed over the following range of operating conditions unless otherwise stated: Supply voltage VCC = 14*75V to 15*25V. T...
Description 1・5GHz Professional Synthesiser
15GHz Professional Synthesiser

File Size 271.32K  /  17 Page

View it Online

Download Datasheet

    ONSEMI[ON Semiconductor]
Part No. MC74LCX374DR2G MC74LCX374DWR2 MC74LCX37405 MC74LCX374DTR2 MC74LCX374MEL MC74LCX374
OCR Text ...at meet the setup and hold time requirements on the LOW-to-HIGH Clock (CP) transition. With the OE LOW, the contents of the eight flip-flops are available at the outputs. When the OE is HIGH, the outputs go to the high impedance state. The ...
Description Low-Voltage CMOS Octal D-Type Flip-Flop With 5 V−Tolerant Inputs and Outputs (3−State, Non−Inverting)

File Size 90.47K  /  8 Page

View it Online

Download Datasheet

    CEL[California Eastern Labs]
Part No. UPG2310TK-E2 UPG2310TK
OCR Text ...ed below are compliant with the requirements of European Union (EU) Directive 2002/95/EC Restriction on Use of Hazardous Substances in electrical and electronic equipment (RoHS) and the requirements of EU Directive 2003/11/EC Restriction on...
Description GaAs MMIC LOW NOISE AMPLIFIER FOR SATELLITE RADIO

File Size 184.75K  /  8 Page

View it Online

Download Datasheet

    Murata
Part No. PTGL12AR100M6C01B0 PTGL07BD100N2B51B0 PTGL18AR6R8M6B72B0 PTGL13AR100H8B72B0 PTGLS8ARR27M1B51B0 PTGLS5AR0R8M1B53B0
OCR Text ...ures 1. best suited to meet the requirements for power supply and motor protection. error-free operation is assured by rush current. 2. circuit is protected until current is turned off. 3. restores the original low resistance valu...
Description POSISTOR

File Size 556.54K  /  34 Page

View it Online

Download Datasheet

    MC74LCX16240DTR2 MC74LCX16244DTG MC74LCX16244DTR2 MC74LCX16245DTG MC74LCX16373DTR2 MC74LCX16373DTG MC74LCX16374 MC74LCX1

ONSEMI[ON Semiconductor]
Part No. MC74LCX16240DTR2 MC74LCX16244DTG MC74LCX16244DTR2 MC74LCX16245DTG MC74LCX16373DTR2 MC74LCX16373DTG MC74LCX16374 MC74LCX16374DT MC74LCX16374DTG MC74LCX16374DTR2 M74LCX16374DTR2G
OCR Text ...at meet the setup and hold time requirements on the LOW-to-HIGH Clock (CP) transition. With the OE LOW, the contents of the flip-flops are available at the outputs. When the OE is HIGH, the outputs go to the high impedance state. The OE inp...
Description Low?Voltage CMOS 16?Bit Buffer With 5 V?Tolerant Inputs and Outputs (3?State, Inverting)
Low?Voltage CMOS 16?Bit Buffer With 5 V?Tolerant Inputs and Outputs (3?State, Non?Inverting)
Low?Voltage CMOS 16?Bit Transceiver With 5 V?Tolerant Inputs and Outputs (3?State, Non?Inverting)
Low?Voltage CMOS 16?Bit Transparent Latch With 5 V?Tolerant Inputs and Outputs (3?State, Non?Inverting)
Low−Voltage CMOS 16−Bit D−Type Flip−Flop With 5 V−Tolerant Inputs and Outputs (3−State, Non−Inverting)
Low?Voltage CMOS 16?Bit D?Type Flip?Flop With 5 V?Tolerant Inputs and Outputs (3?State, Non?Inverting)

File Size 95.58K  /  8 Page

View it Online

Download Datasheet

For requirements. Found Datasheets File :: 92284    Search Time::1.891ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of requirements.

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
1.1166541576385