PART |
Description |
Maker |
C-15-13-F02-BD-NLCM |
1550nm Emitting ,1310nm Receiving (PIN-TIA, 3.3V), Bi-directional Diplexer Optical Module
|
Source Photonics, Inc.
|
SFU-43-48H-HP-RDE SFU-43-48H-HP-TDE SFU-43-48H-HP- |
1490nm/1310nm Single Fiber SFFB Transceiver
|
Source Photonics, Inc.
|
SBH52444G-FSAN SBH52444X SBH52444Z-FSAN SBH52444N- |
High Power BIDI Optical Standard Module 1310 nm Emitting/ 1550 nm Receiving Components and FTTx solutions - Tx 1310nm/Rx 1550nm, 155 MBit/s TIA High Power BIDI Optical Standard Module 1310 nm Emitting 1550 nm Receiving From old datasheet system High Power BIDI Optical Standard Module 1310 nm Emitting, 1550 nm Receiving Snap-in Panel Mount Switch, Double Pole Double Throw (DPDT) Circuitry, 10 A at 277 Vac, Bullet Nose Plunger Actuator, Silver Contacts, Quick Connect Termination
|
http:// INFINEON[Infineon Technologies AG]
|
S0188-TRPV3GER1C000E2G |
Single Channel Optical Receiver
|
OPLINK Communications Inc. OPLINK Communications I...
|
OL3492N OL3492LR |
1310nm MQW Laser Diode Uncooled Coax Module with Single Mode Fiber
|
OKI electronic components OKI[OKI electronic componets] OKI SEMICONDUCTOR CO., LTD.
|
62P22-N4S 62P22-L4S 62P22-N0S |
SINGLE, 2 CHANNELS, ROTARY OPTICAL POSITION ENCODER COMPACT PACKAGE-6 PC Mount Optical Encoder SINGLE, 2 CHANNELS, ROTARY OPTICAL POSITION ENCODER
|
Grayhill, Inc.
|
62C1122-01-060C 62C1122-02-090C 62C3018-01-185ST 6 |
Concentric Shafts, Optical Encoder SINGLE, 2 CHANNELS, ROTARY OPTICAL POSITION ENCODER
|
Grayhill, Inc. GRAYHILL INC
|
62A11-02-P 62A22-02-100CH 62V22-02-160C 62A22-02-1 |
1/2" Package Optical Encoder SINGLE, 2 CHANNELS, ROTARY OPTICAL POSITION ENCODER Dual-Output Remote-Junction Temperature Switches 光电编码
|
Grayhill, Inc. GRAYHILL INC
|
ZL60003TBD ZL60006TED ZL60006_TDD ZL60006_TBD ZL60 |
1310 nm, 1550 nm 622 Mbps PIN with preamplifier. RCLED 650 nm, Plastic Optical Fiber Communications - 125 to 250 Mbps 1310 nm, 1550 nm 2.5 Gbps PIN with Preamplifier 1310nm, 1550nm 622Mbps PIN with Preamplifier
|
ZARLINK[Zarlink Semiconductor Inc]
|