Part Number Hot Search : 
P19NB2 27096103 PAW887B ADC2050 ADC2050 T62M0002 PAW887B ADC2050
Product Description
Full Text Search
  1310nm Datasheet PDF File

For 1310nm Found Datasheets File :: 694    Search Time::1.844ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

    DTR-1250-SM-GB-H8-I DTR1250SMGB-I DTR-1250-SM-GB-H3-I DTR-1250-SM-GB-H5-I DTR-1250-SM-GB-H7-I

OPLINK Communications Inc.
Part No. DTR-1250-SM-GB-H8-I DTR1250SMGB-I DTR-1250-SM-GB-H3-I DTR-1250-SM-GB-H5-I DTR-1250-SM-GB-H7-I
OCR Text ...rastructure. Option "H3" uses a 1310nm DFB laser and provides a minimum optical link budget of 19dB, corresponding to a minimum distance of 42km, assuming fiber loss of 0.35dB/km. Options "H5", "H7" and "H8" use 1550nm DFB lasers, and provi...
Description 5V GBIC Long Distance Single Mode Transceivers

File Size 101.69K  /  5 Page

View it Online

Download Datasheet





    FTM-9412S-F20DCG FTM-9412S-F20IDCG FTM-9412S-F20G FTM-9412S-F20IG

Source Photonics, Inc.
Part No. FTM-9412S-F20DCG FTM-9412S-F20IDCG FTM-9412S-F20G FTM-9412S-F20IG
OCR Text ... Tx/Rx operation at 1310/1490nm 1310nm burst-mode transmitter with DFB laser 1490nm continuous-mode receiver with PIN-TIA 1550nm optical signal rejection 0 to 70 temperature 2x 5 SFF package with SC receptacle form Single 3.3V power supply...
Description 2x5 SFF GEPON ONU Transceiver FTM-9412S-F20(i)(DC)G
2x5 SFF GEPON ONU Transceiver FTM-9412S-F20(i)(DC)G

File Size 850.54K  /  11 Page

View it Online

Download Datasheet

    HMUA-P0.9-H201 HMUA-2P0.9-H201 HMUA-P2-H107 HMUA-F3A2-A12510 HMUA-F3A2-A125510 HMUA-F3A2-A12610 HMUA-SLIT-SLEEVE01 HMUA-

HIROSE ELECTRIC Co., Ltd.
圆形连接
Hirose Electric USA, INC.
Part No. HMUA-P0.9-H201 HMUA-2P0.9-H201 HMUA-P2-H107 HMUA-F3A2-A12510 HMUA-F3A2-A125510 HMUA-F3A2-A12610 HMUA-SLIT-SLEEVE01 HMUA-2AS-4 HMUA-2P0.9-H101 HMUA-10SR-4I HMUA-10SR-B4 HMUA-16A-B2 HMUA-16SR-55 HMUA-16SR-B5 HMUA-2AH-4 HMUA-2P2-H107 HMUA-2P2-H207 HMUA-8A-3 HMUA-8AS-3H HMUA-8SR-2 HMUA-8SR-3 HMUA-8SR-B2 HMUA-8SR-B3 HMUA-D01 HMUA-F3-A12510 HMUA-F3-A125510 HMUA-F3-A12610 HMUA-FK-A12504 HMUA-FK-A125504 HMUA-FK-A12604 HMUA-FK-T3 HMUA-P2-H207 HMUA-P0.9-H101 MUA-16A-2 HMUA-2A-40-4 HMUA-2A-40-4-S1 HMUA-4A-40-4 HMUA-P1.1-H2 HMUA-8A-B2 HMUA-SR-B1 HMUA-2P2-H1 HMUB-TJ-1 HMUA-AS-3 HMUA-AH-3 HMUB-DJ-1 HMUA-A-3 HMUA-2AK-1 HMUA-2AS-6 HMUA-SR-1 HMUA-8SR-3I HMUA.J/PR-MD HMUA-TP-1 HMUB-TP-1 HMUB-L2PA-1 HMUB-L2HA-1 HMUB-L2HB-1 HMUA-8AS-3 HMUB-L8HB-1 HMUB-L8PA-1 HMUB-TS-1 HMUB-L8HA-1 HMUA-DP-2 HMUA-16A-2 HMUA-8A-2 HMUA-8AH-3
OCR Text ...EC 61300/JIS C 5961) Wavelength 1310nm (LD) Wavelength 1310nm (LED) Wavelength 1310nm (LD) Specifications 0.5dB max. (AdPC) 0.3dB max. (AdPC) 40dB min. (AdPC) Simplex plug Engagement force: 20 N max. Separation force: 20 N max. Duplex pl...
Description DUPLEX FIBER OPTIC ADAPTER
MU Type Fiber Optic Connectors MU型光纤连接器
AC MEXICO
20 characters x 4 Lines, 5x7 Dot Matric Character and Cursor
RECTIFIER FAST-RECOVERY DUAL COMMON-CATHODE 16A 100V 100A-ifsm 0.975V-vf 30ns 5uA-ir D2PAK 800/REEL-13
JT 41C 41#20 SKT PLUG
RECTIFIER FAST-RECOVERY SINGLE 1A 600V 35A-ifsm 1.25V-vf 50ns 5uA-ir DO-41 5K/REEL-13
Circular Connector; Body Material:Aluminum; Series:PT01; No. of Contacts:18; Connector Shell Size:14; Connecting Termination:Solder; Circular Shell Style:Cable Receptacle; Circular Contact Gender:Pin; Insert Arrangement:14-18

File Size 818.49K  /  20 Page

View it Online

Download Datasheet

    FTM-9423P-F10DC FTM-9423P-F10DCG

Source Photonics, Inc.
Part No. FTM-9423P-F10DC FTM-9423P-F10DCG
OCR Text ...a link in single fiber by using 1310nm burst mode transmitter and 1490nm continuous mode receiver with 1550nm optical signal rejection. The transmitter section uses a multiple quantum well 1310nm FP laser, which is Class laser compliant pr...
Description SFF 1.25G/2.5G EPON ONU Transceiver

File Size 242.31K  /  10 Page

View it Online

Download Datasheet

   
Part No. STW1301F-100ST STW1301F-050ST
OCR Text ...m fiber optic products catalog 1310nm laser diode product facts power to 2 mw singlemode 9/125/900 fiber 14-pin dip buried hetero-structure laser design high stability fiber coupling hermetically sealed applications telecommunicatio...
Description 1270 nm, LASER DIODE

File Size 67.09K  /  1 Page

View it Online

Download Datasheet

   
Part No. HSC-PH1.7-J2
OCR Text ...1300) specifications wavelength 1310nm (ld) wavelength 1310nm (led) wavelength 1310nm (ld) measured with corresponding connector. 98n tensile load for one minute 1000 times frequency: 10 to 55hz, single amplitude of 0.75mm, acceleration of ...
Description SINGLE/MULTI MODE, SIMPLEX SC CONNECTOR, PLUG

File Size 125.38K  /  3 Page

View it Online

Download Datasheet

    FTM-9823T-CGHI FTM-9823T-CGH FTM-9823T-CGHIG FTM-9823T-CGHG

Source Photonics, Inc.
Part No. FTM-9823T-CGHI FTM-9823T-CGH FTM-9823T-CGHIG FTM-9823T-CGHG
OCR Text ...a link in single fiber by using 1310nm burst mode transmitter and 1490nm continuous mode digital receiver with 1555nm CATV receiver. The transmitter section uses a multiple quantum well 1310nm DFB laser, supporting power levelling with 3 mo...
Description GPON ONT Triplexer

File Size 323.52K  /  18 Page

View it Online

Download Datasheet

    FTM-9812T-C10 FTM-9812T-C10G

Source Photonics, Inc.
Part No. FTM-9812T-C10 FTM-9812T-C10G
OCR Text ...a link in single fiber by using 1310nm burst mode transmitter and 1490nm continuous mode digital receiver with 1550nm CATV analog receiver. The transmitter section uses a multiple quantum well 1310nm FP laser ,which is Class laser complian...
Description GEPON ONU Triplexer

File Size 294.93K  /  12 Page

View it Online

Download Datasheet

   
Part No. T-11-155-R-SST
OCR Text ... differential g 15 18 22 v/mw =1310nm bandwidth bw 120 150 - mhz - saturation power p sat - -11 - dbm =1310nm sensitivity sens - -33 -31 dbm ber=10 -10 @155mbps output resistance r out - 50 65 ohm - ac/optical and electrical characteris...
Description FIBER OPTIC RECEIVER, 1100-1650nm, 155Mbps, BOARD/PANEL MOUNT, ST CONNECTOR

File Size 964.95K  /  4 Page

View it Online

Download Datasheet

    FTM-9712S-SL20 FTM-9712S-SL20E FTM-9712S-SL20EG FTM-9712S-SL20G

Source Photonics, Inc.
Part No. FTM-9712S-SL20 FTM-9712S-SL20E FTM-9712S-SL20EG FTM-9712S-SL20G
OCR Text ...elength Tx/Rx operation at 1490/1310nm 1490nm continuous-mode transmitter with DFB laser 1310nm burst-mode receiver with APD-TIA Optical isolator built in for extreme Return Loss tolerance Resetless burst-mode receiver design Support more t...
Description SC Receptacle SFP GE-PON OLT Transceiver

File Size 472.21K  /  15 Page

View it Online

Download Datasheet

For 1310nm Found Datasheets File :: 694    Search Time::1.844ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of 1310nm

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
5.1082561016083