PART |
Description |
Maker |
STP270N8F7 STH270N8F7-6 STH270N8F7-2 |
N-channel 80 V, 2.1 mOhm typ., 180 A STripFET(TM) VII DeepGATE(TM) Power MOSFET in TO-220 package N-channel 80 V, 1.7 mOhm typ., 180 A STripFET(TM) VII DeepGATE(TM) Power MOSFET in H2PAK-6 package N-channel 80 V, 1.7 mOhm typ., 180 A STripFET(TM) VII DeepGATE(TM) Power MOSFET in H2PAK-2 package
|
ST Microelectronics
|
STL40N75LF3 |
N-channel 75 V, 16 mOhm typ., 10 A STripFET(TM) III Power MOSFET in PowerFLAT(TM) 5x6 package
|
ST Microelectronics
|
STP105N3LL |
N-channel 30 V, 2.7 mOhm typ., 150 A, STripFET(TM) VII DeepGATE(TM) Power MOSFET in a TO-220 package
|
ST Microelectronics
|
STH245N75F3-6 |
Automotive-grade N-channel 75 V, 2.6 mOhm typ., 180 A STripFET F3 Power MOSFET in H2PAK-6 package
|
ST Microelectronics
|
STB18NF30 |
Automotive-grade N-channel 330 V, 160 mOhm typ., 18 A STripFET(TM) II Power MOSFET in a D2PAK package
|
ST Microelectronics
|
STL7DN6LF3 |
Dual N-channel 60 V, 35 mOhm typ., 6.5 A STripFET(TM) III Power MOSFET in PowerFLAT(TM) 5x6 double island package
|
ST Microelectronics
|
STH270N4F3-6 STH270N4F3-2 |
N-channel 40 V, 1.4 mOhm typ., 180 A STripFET(TM) III Power MOSFET in H2PAK-2 package N-channel 40 V, 1.4 mΩ typ., 180 A STripFET III Power MOSFET in H2PAK-2 and H2PAK-6 packages
|
ST Microelectronics STMicroelectronics
|
2N7002T |
N-channel TrenchMOS FET - Configuration: Single N-channel ; I<sub>D</sub> DC: 0.3 A; R<sub>DS(on)</sub>: 5000@10V5300@4.5V mOhm; V<sub>DS</sub>max: 60 V 300 mA, 60 V, N-CHANNEL, Si, SMALL SIGNAL, MOSFET, TO-236AB
|
NXP Semiconductors N.V.
|
STP95N4F3 STB95N4F3 STD95N4F3 |
N-channel 40 V, 5.4 mOhm, 80 A, TO-220 STripFET(TM) III Power MOSFET N-channel 40 V, 5.0, 80 A STripFET III N-channel 40 V, 5.0 mOhm, 80 A, D2PAK STripFET(TM) III Power MOSFET
|
STMicroelectronics ST Microelectronics
|
STP9N65M2 STD9N65M2 STF9N65M2 |
Extremely low gate charge N-channel 650 V, 0.79 Ohm typ., 5 A MDmesh M2 Power MOSFET in TO-220FP package N-channel 650 V, 0.79 Ohm typ., 5 A MDmesh M2 Power MOSFET in DPAK package N-channel 650 V, 0.79 Ohm typ., 5 A MDmesh M2 Power MOSFET in TO-220 package
|
STMicroelectronics ST Microelectronics
|
MC10XS3435BHFK MC10XS3435DHFK |
Quad High Side Switch (Dual 10 mOhm, Dual 35 mOhm)
|
Freescale Semiconductor, Inc Freescale Semiconductor...
|