PART |
Description |
Maker |
S0239-TRPV3GELRX000M2G TRPV3GELRE000M2G TRPV3GELRX |
1310nm Video SFP Optical Transceiver
|
OPLINK Communications I... OPLINK Communications Inc.
|
C-15-13-F02-BD-NLCM |
1550nm Emitting ,1310nm Receiving (PIN-TIA, 3.3V), Bi-directional Diplexer Optical Module
|
Source Photonics, Inc.
|
HEDS-5500 HEDS-5540 HEDS-5505-A14 HEDS5540 HEDM-55 |
HEDL-5561#J06 · Encoder Line Drivers HEDS-5540#A01 · Quick Assembly Two and Three Channel Optical Encoder HEDS-5140#A02 · Two and Three Channel Codewheels HEDS-5505#A04 · Quick Assembly Two and Three Channel Optical Encoder HEDM-5505#B04 · Quick Assembly Two and Three Channel Optical Encoder HEDS-5600#A06 · Quick Assembly Two and Three Channel Optical Encoder HEDS-5500#A01 · Quick Assembly Two and Three Channel Optical Encoder HEDM-5605#B06 · Quick Assembly Two and Three Channel Optical Encoder HEDM-5600#B06 · Quick Assembly Two and Three Channel Optical Encoder HEDS-5120#A01 · Two and Three Channel Codewheels HEDM-5120#B02 · Two and Three Channel Codewheels HEDM-5500#B01 · Quick Assembly Two and Three Channel Optical Encoder HEDS-8910#001 · Alignment Tool For The 3-channel Quick Assembly Encoders HEDS-554X/564X Series Quick Assembly Two and Three Channel Optical Encoders
|
Agilent (Hewlett-Packard) HP[Agilent(Hewlett-Packard)]
|
SBM52414X SBM52414Z SBM51414G SBM51414N SBM51414Z |
Medium Power BIDI Optical Standard Module 1310 nm Emitting, 1550 nm Receiving 中功率比迪光学标准模310纳米发光550纳米接收 Transceiver Components and FTTx solutions - Tx 1310nm/Rx 1550nm, Medium Power
|
INFINEON[Infineon Technologies AG]
|
SBH52454Z-FSAN SBH52454G-FSAN SBH52454N-FSAN SBH52 |
High Power BIDI Optical Standard Module 1310 nm Emitting, 1550 nm Receiving 高功率比迪光学标准模310纳米发光550纳米接收 High Power BIDI Optical Standard Module 1310 nm Emitting/ 1550 nm Receiving Components and FTTx solutions - Tx 1310nm/Rx 1550nm, 622 MBit/s TIA
|
INFINEON[Infineon Technologies AG] http://
|
HEDS-6500-A05 HEDS-6500-A10 HEDS-6500-A11 HEDS-650 |
HEDS-6510#005 · Large Diameter (56mm), Housed Two and Three Channel Optical Encoders HEDS-6505#B05 · Large Diameter (56mm), Housed Two and Three Channel Optical Encoders HEDS-6500#A05 · Large Diameter (56mm), Housed Two and Three Channel Optical Encoders HEDM-6500#T05 · Large Diameter (56mm), Housed Two and Three Channel Optical Encoders HEDM-6505#T05 · Large Diameter (56mm), Housed Two and Three Channel Optical Encoders HEDL-6545#B09 · Large Diameter (56mm), Housed Two and Three Channel Optical Encoders HEDL-6540#B11 · Large Diameter (56mm), Housed Two and Three Channel Optical Encoders HEDM-6540#T11 · Large Diameter (56mm), Housed Two and Three Channel Optical Encoders Large Diameter (56 mm), Housed Two and Three Channel Optical Enco
|
Agilent (Hewlett-Packard) HP[Agilent(Hewlett-Packard)]
|
CPC5001 CPC5001GSTR |
Dual, One Channel Each Direction Digital Optical Isolator
|
IXYS Corporation
|
TCUT1300X01 TCUT1300X0111 |
Subminiature Dual Channel Transmissive Optical Sensor with Phototransistor Outputs
|
Vishay Siliconix
|
TCUT1350X01 |
Subminiature Dual Channel Transmissive Optical Sensor with Phototransistor Outputs
|
Vishay Siliconix
|
HEDS-5120-A13 HEDT-9100 HEDS-5120-A14 HEDT-9101-I0 |
HEDT-9101#A00 · High Temperature 125 degrees C Two Channel Optical Incremental Encoder Modules HEDT-9100#A00 · High Temperature 125 degrees C Two Channel Optical Incremental Encoder Modules HEDT-9001#A00 · High Temperature 125 degrees C Two Channel Optical Incremental Encoder Modules HIGH TEMPERATURE 125 DEGREE CELCIOUS TWO CHANNEL OPTICAL INCREMENTAL ENCODER MODULES ANALOG Replaced PQ025EH02ZPH High Temperature 125 degrees C Two Channel Optical Incremental Encoder Modules 高温125℃双通道光学增量编码器模 SINGLE, 2 CHANNELS, ROTARY OPTICAL POSITION ENCODER
|
Agilent (Hewlett-Packard) HP[Agilent(Hewlett-Packard)] Avago Technologies, Ltd.
|
H22LTI H22L H22LOB H22LOI H22LTB |
OPTOLOGIC OPTICAL INTERRUPTER SWITCH 3.15 mm SLOT WIDTH, 1 CHANNEL SLOTTED OPTICAL SWITCH LOGIC OUTPUT
|
Fairchild Semiconductor, Corp. Fairchild Semiconductor Corporation FAIRCHILD[Fairchild Semiconductor]
|