Part Number Hot Search : 
CM1962B IDTQS3 15420 P5616 C1206 HE871 LFPHV001 16100
Product Description
Full Text Search

ATC200B822MW50XT - Rugged Construction

ATC200B822MW50XT_7611875.PDF Datasheet


 Full text search : Rugged Construction


 Related Part Number
PART Description Maker
MADP-042908-13060T MADP-042908-13060G MADP-042308- Rugged Silicon-Glass Construction
M/A-COM Technology Solu...
EQ158 Low mass, rugged construction
EUROQUARTZ limited
UP0.4C-680-R UP0.4C-4R7-R UP0.4C-2R2-R UP0.4C-270- Miniature size and rugged construction
Cooper Bussmann, Inc.
1N965 JANTX1N957B-1 1N960 1N985 1N963 1N967 JANTXV METALLURGICALLY BONDED DOUBLE PLUG CONSTRUCTION 24 V, 0.417 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-204AA
METALLURGICALLY BONDED DOUBLE PLUG CONSTRUCTION 10 V, 0.417 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-204AA
METALLURGICALLY BONDED DOUBLE PLUG CONSTRUCTION 20 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-35
METALLURGICALLY BONDED DOUBLE PLUG CONSTRUCTION 10 V, 0.48 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-204AH
METALLURGICALLY BONDED DOUBLE PLUG CONSTRUCTION 56 V, 0.417 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-204AA
METALLURGICALLY BONDED DOUBLE PLUG CONSTRUCTION 27 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-35
METALLURGICALLY BONDED DOUBLE PLUG CONSTRUCTION 12 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-35
MVSTBW 2,5/21-ST 12 V, 0.417 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-204AA
Zener Voltage Regulator Diode
RES 348-OHM 0.1% 0.125W 25PPM THIN-FILM SMD-1206 TR-7-PA
METALLURGICALLY BONDED DOUBLE PLUG CONSTRUCTION
MICROSEMI CORP-LAWRENCE
Microsemi, Corp.
MICROSEMI[Microsemi Corporation]
http://
BYV72EW-150 BYV72EW-200 BYV72EW BYV72EW-100 Rectifier diodes ultrafast, rugged
Rectifier diodes ultrafast/ rugged
Hook-Up Wire; Conductor Size AWG:22; No. Strands x Strand Size:19 x 34; Jacket Color:Red; Approval Bodies:UL; Approval Categories:UL AWM Style 1213; Passes VW-1 Flame Test; Cable/Wire MIL SPEC:MIL-W-16878/4 Type E RoHS Compliant: Yes
NXP Semiconductors
PHILIPS[Philips Semiconductors]
SP508CF SP508 SP508EF Rugged 20Mbps, 8 Channel Multi-Protocol Transceiver with Programmable DCE/DTE and Termination Resistors
Rugged 40Mbps, 8 Channel Multiprotocol Transceiver with Programmable DCE/DTE and Termination Resistors
SIPEX[Sipex Corporation]
ECHU1C332MB5 ECHU1H332MB5 ECHU1H823MB9 ECHU1H821MB Stacked metallized PPS film as dielectric with simple mold-less construction
Stacked matallized PPS film as dielectric with simple mold less construction
Film Chip Capacitor
Panasonic Semiconductor
40SERIES 43NJR10E 47NJR10E 40NJR10E 41NJR10E 42NJR All-welded construction
Ohmite Mfg. Co.
RES-20 20SERIES All-welded construction
All-welded construction.
Ohmite Mfg. Co.
IRGS14C40LPBF-15 MOST RUGGED IN INDUSTRY
International Rectifier
 
 Related keyword From Full Text Search System
ATC200B822MW50XT SePIC ATC200B822MW50XT max ATC200B822MW50XT specification ATC200B822MW50XT saw filter ATC200B822MW50XT 技术资料下载
ATC200B822MW50XT 型号替换 ATC200B822MW50XT Reset ATC200B822MW50XT single ATC200B822MW50XT crystal ATC200B822MW50XT Untuk apa ic
 

 

Price & Availability of ATC200B822MW50XT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
0.12460207939148