PART |
Description |
Maker |
5PNR-3538Z 332PN-3489Z 332PN-3490Z 332PN-3491Z 332 |
Variable Coils Inductance Range(uH) = 56.0 Inductance Range(uH) = 82.0 Inductance Range(uH) = 120.0 Inductance Range(uH) = 470.0
|
http:// TOKO Inc. TOKO[TOKO, Inc] TOKO, Inc.
|
BAV21WS BAV20WS BAV19WS |
SMALL SIGNAL DIODE VOLTAGE RANGE 120 to 250 Volts CURRENT 200 mAmpere
|
RECTRON[Rectron Semiconductor]
|
ADM660ARZ-REEL ADM660ARUZ-REEL ADM660ARUZ-REEL7 AD |
CMOS Switched-Capacitor Voltage Converter; Package: SOIC; No of Pins: 8; Temperature Range: Industrial SWITCHED CAPACITOR CONVERTER, 120 kHz SWITCHING FREQ-MAX, PDSO8 CMOS Switched-Capacitor Voltage Converter; Package: TSSOP; No of Pins: 16; Temperature Range: Industrial SWITCHED CAPACITOR CONVERTER, 120 kHz SWITCHING FREQ-MAX, PDSO16 CMOS Switched-Capacitor Voltage Converter w/ Low Power Shutdown Pin SWITCHED CAPACITOR CONVERTER, 120 kHz SWITCHING FREQ-MAX, PDIP8 CMOS Switched-Capacitor Voltage Converters
|
Analog Devices, Inc.
|
DT18F08KDL-A DT18F08KSB-A DT18F08KDB-A DT18F08KEL- |
40 A, 800 V, SCR MODULE-5 100 A, 800 V, SCR 120 A, 1100 V, SCR 120 A, 1200 V, SCR 120 A, 1300 V, SCR 120 A, 1000 V, SCR
|
|
EH2725TS-120.000M |
OSCILLATORS 25PPM 0 70 2.5V 4 120.000MHZ TS CMOS 7.0X5.0 4PAD SMD CRYSTAL OSCILLATOR, CLOCK, 120 MHz, LVCMOS OUTPUT
|
Ecliptek, Corp.
|
EH3525ETTTS-120.000M |
OSCILLATORS 25PPM -40 85 5.0V 4 120.000MHZ TS CMOS 5.0X3.2MM 4PAD SMD CRYSTAL OSCILLATOR, CLOCK, 120 MHz, HCMOS/TTL OUTPUT
|
Ecliptek, Corp.
|
SX15U-24S SX15U SX15U-05S SX15U-12S SX15U-15S |
15 Watt,120 VAC Input Fully Enclosed Switchiing Power Supply 15 Watttt ,,120 VAC IInputt Fulllly Encllosed Swiittchiing Powerr Supplly
|
List of Unclassifed Manufacturers ETC[ETC] Volgen Kaga Electronics Inc.
|
STP190N55LF3 |
N-channel 55 V, 2.9 miliohm, 120 A, TO-220 N-channel 55 V, 2.9 mOhm typ., 120 A STripFET(TM) Power MOSFET in a TO-220 package
|
STMicroelectronics ST Microelectronics
|
597-2401-213 |
LED Lamp; LED Color:Yellow; Luminous Intensity:32ucd; Viewing Angle:120 ; Forward Current:10mA; Forward Voltage:2V; Operating Temperature Range:-55 C to 100 C; Color:Yellow; Leaded Process Compatible:No; Lens Color:Clear RoHS Compliant: No
|
DIALIGHT CORP
|
CX241 CX241R |
1.5Amp 120/240Vac AC Output Low Profile SIP 1.5Amp 120/240Vac AC输出超薄园区
|
Crydom Co ETC[ETC] List of Unclassifed Manufacturers Electronic Theatre Controls, Inc.
|