PART |
Description |
Maker |
CBP87-C CBP31-C CBP37-C CBP12-C |
Circuit Board Posts
|
PANDUIT CORP.
|
CES-123-01-T-S CES-150-01-T-S SLW-108-01-G-D CES-1 |
6 CONTACT(S), FEMALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER, SOCKET 20 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER, SOCKET LOW PROFILE .025" SQUARE STRIPS 23 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER, SOCKET CONN RCPT 50POS .100 SNGL TIN 50 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER, SOCKET .050 MICRO STRIPS 16 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER, SOCKET 14 CONTACT(S), FEMALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER, SOCKET 2 CONTACT(S), FEMALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER, SOCKET
|
Samtec, Inc. SAMTEC INC
|
43650-0330 43650-0417 43650-9915 43650-1116 43650- |
MicroFit 3.0 SR Vert TH/Void Tin 3 Ckt 2 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER HEADER,4 POS,VERTICAL,.118 PIT. SELCT GOLD PLATING,15U MIN 4 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER MicroFit 3.0 SR Vert TH/Void Tin 5Ckt 4 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER Header; No. of Contacts:11; Pitch Spacing:0.118"; No. of Rows:1; Series:Mini-Fit 3.0; Body Material:Liquid Crystal Polymer 11 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER MicroFit 3.0 SR Vert TH Peg 30Au 9Ckt 9 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER CONN HEADER 11POS 3MM VERT TIN 11 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER
|
Molex, Inc.
|
MWDM2L-15SBRP MWDM2L-15SBRR1 MWDM2L-15SBRR2 MWDM2L |
100 CONTACT(S), FEMALE, D MICROMINIATURE CONNECTOR, SOLDER Micro-D Metal Shell Printed Circuit Board Connectors
|
GLENAIR INC Glenair, Inc.
|
2-104352-1 2-104352-0 1-104352-2 1-104352-6 |
HEADER ASSY, MOD II, BREAKAWAY, DBL ROW, .100X .100 VERT, .025 SQ POSTS W/ HOLD- OWN CONFIG HEADER ASSY, MOD II, BREAKAWY, DBL ROW, .100X.100 VERT, .025 SQ POSTS W/ HOLD- DOWN CONFIG 24 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER 34 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER
|
Tyco Electronics
|
HC13300 HC13301 HC13303 HC13307 HC13210 HC13211 HC |
Breake Away Header .025(0.64mm) Square Posts HC Series / Breake Away Header Square Posts (HC Series) Non-Shrouded Headers Header, PCB Mount Breake Away Header .025(0.64mm) Square Posts 破开客场025.64毫米)方形岗 Breake Away Header .025(0.64mm) Square Posts 破开客场0250.64毫米)方形岗
|
Foxconn Electronic Theatre Controls, Inc. http:// List of Unclassifed Manufacturers ETC[ETC] List of Unclassifed Manufac... List of Unclassifed Man...
|
IE-V850E-MC-MM2 IE-V850E-MC-EM1-B |
V850E Famly in-circuit emulator memory board 2(8MB) NB85E in-circuit emulator core adapter board(3.3V)
|
NEC
|
350-10-101-00-006000 350-10-164-00-006000 399-44-1 |
INTERCONNECTS 2,54 Grid (0,46 dia.) Pins, Straight and Right Angle Single Row 55 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER 46 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER, SOCKET 51 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER, SOCKET 4 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER, SOCKET 46 CONTACT(S), FEMALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER, SOCKET 50 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER 41 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER, SOCKET 13 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER, SOCKET 15 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER, SOCKET 19 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER, SOCKET 21 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER, SOCKET 48 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER, SOCKET
|
Mill-Max Mfg. Corp. MILL-MAX MFG CORP
|
790-042S-L6P6ZNUE 790-042S-L6P6ZNUN 790-042S-L6P6M |
Right Angle Printed Circuit Board Connectors 6 CONTACT(S), FEMALE, D MICROMINIATURE CONNECTOR, SOLDER, PLUG 5 CONTACT(S), FEMALE, D MICROMINIATURE CONNECTOR, SOLDER, PLUG
|
Glenair, Inc. GLENAIR INC
|
|