PART |
Description |
Maker |
DDTC114ECA DDTC114ECA-7 DDTC124ECA DDTC124ECA-7 DD |
STIPAX PROMO; RoHS Compliant: NA NPN PRE-BIASED SMALL SIGNAL SOT-23 SURFACE MOUNT TRANSISTOR 50 mA, 50 V, NPN, Si, SMALL SIGNAL TRANSISTOR NPN PRE-BIASED SMALL SIGNAL SOT-23 SURFACE MOUNT TRANSISTOR npn型预偏置信号小的SOT - 23表面贴装晶体 NPN PRE-BIASED SMALL SIGNAL SOT-23 SURFACE MOUNT TRANSISTOR 100 mA, 50 V, NPN, Si, SMALL SIGNAL TRANSISTOR
|
Diodes Inc. Diodes, Inc. DIODES[Diodes Incorporated]
|
DDTC114TUA DDTC113TUA-7 DDTC114TUA-7 DDTC115TUA-7 |
NPN PRE-BIASED SMALL SIGNAL SOT-323 DUAL SURFACE MOUNT TRANSISTOR 100 mA, 50 V, NPN, Si, SMALL SIGNAL TRANSISTOR
|
Diodes, Inc. Diodes Incorporated
|
DDTC143EE DDTC124EE DDTC144EE DDTC123EE DDTC115EE |
NPN PRE-BIASED SMALL SIGNAL SURFACE MOUNT TRANSISTOR NPN PRE-BIASED SMALL SIGNAL SOT-523 SURFACE MOUNT TRANSISTOR 20 mA, 50 V, NPN, Si, SMALL SIGNAL TRANSISTOR NPN PRE-BIASED SMALL SIGNAL SOT-523 SURFACE MOUNT TRANSISTOR 100 mA, 50 V, NPN, Si, SMALL SIGNAL TRANSISTOR
|
Diodes Incorporated Diodes, Inc.
|
DMMT3904W-7-F |
MATCHED NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR 200 mA, 40 V, 2 CHANNEL, NPN, Si, SMALL SIGNAL TRANSISTOR
|
Diodes Inc. Diodes, Inc.
|
DDTC123EKA DDTC114EKA DDTC123EKA2 DDTC124EKA DDTC1 |
NPN PRE-BIASED SMALL SIGNAL SURFACE MOUNT TRANSISTOR NPN PRE-BIASED SMALL SIGNAL SC-59 SURFACE MOUNT TRANSISTOR 100 mA, 50 V, NPN, Si, SMALL SIGNAL TRANSISTOR
|
Diodes Incorporated Diodes, Inc.
|
BC847PN-7-F |
COMPLEMENTARY PAIR SMALL SIGNAL SURFACE MOUNT TRANSISTOR 100 mA, 45 V, 2 CHANNEL, NPN AND PNP, Si, SMALL SIGNAL TRANSISTOR
|
Diodes, Inc.
|
DDC114YU-7 DDC114EU-7 |
NPN PRE-BIASED SMALL SIGNAL SOT-363 DUAL SURFACE MOUNT TRANSISTOR 70 mA, 50 V, 2 CHANNEL, NPN, Si, SMALL SIGNAL TRANSISTOR NPN PRE-BIASED SMALL SIGNAL SOT-363 DUAL SURFACE MOUNT TRANSISTOR 50 mA, 50 V, 2 CHANNEL, NPN, Si, SMALL SIGNAL TRANSISTOR
|
Diodes, Inc.
|
DDTD114TU-7 DDTD114EU-13 |
NPN PRE-BIASED 500 mA SOT-323 SURFACE MOUNT TRANSISTOR 500 mA, 40 V, NPN, Si, SMALL SIGNAL TRANSISTOR 500 mA, 50 V, NPN, Si, SMALL SIGNAL TRANSISTOR
|
Diodes, Inc. DIODES INC
|
MMDT2227 MMDT2907A |
COMPLEMENTARY NPN/PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR 40 V, 2 CHANNEL, NPN AND PNP, Si, SMALL SIGNAL TRANSISTOR
|
Diodes, Inc. Diodes Incorporated
|
2DC4617QLP-7B 2DC.617QLP-7 2DC.617QLP11 2DC4617QLP |
Discrete - Bipolar Transistors - Transistor (BJT) Master Table - Transistors 30V to 50V 100 mA, 50 V, NPN, Si, SMALL SIGNAL TRANSISTOR 50V NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
|
Diodes Incorporated
|
CEN741 BFY90 2N2857 2N2865 2N5179 2N3478 CEN832 2N |
Leaded Small Signal Transistor General Purpose Small Signal NPN Transistors / Dual Transistors UHF BAND, Si, NPN, RF SMALL SIGNAL TRANSISTOR, TO-72 Small Signal NPN Transistors / Dual Transistors Si, NPN, RF SMALL SIGNAL TRANSISTOR, TO-72 Small Signal NPN Transistors / Dual Transistors 60 V, 2 CHANNEL, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-71 Small Signal NPN Transistors / Dual Transistors 45 V, 2 CHANNEL, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-71 From old datasheet system
|
Advanced Semiconductor, Inc. Central Semiconductor, Corp. Central Semiconductor Corp. CENTRAL[Central Semiconductor Corp]
|
MSD1819A-RT1 MSD1819A-ST1 MSD1819ART1 |
NPN GENERAL PURPOSE AMPLIFIER TRANSISTORS SURFACE MOUNT 100 mA, 50 V, NPN, Si, SMALL SIGNAL TRANSISTOR
|
Motorola Mobility Holdings, Inc. Motorola, Inc
|
|