PART |
Description |
Maker |
PM3316-150M |
Inductor; Series:PM3316; Inductance:15uH; Inductance Tolerance: /- 20 %; Terminal Type:PCB Surface Mount; Core Material:Ferrite; Current Rating:3.1A; Leaded Process Compatible:No; Mounting Type:Surface Mount; Packaging:Tape And Reel
|
BOURNS INC
|
54809-2798 54809-2598 54809-3398 |
0.3 FPC ZIF E/O Hsg Assy 27Ckt EmbsTpPkg 27 CONTACT(S), RIGHT ANGLE FFC/FPC CONNECTOR, SURFACE MOUNT connector 25 CONTACT(S), RIGHT ANGLE FFC/FPC CONNECTOR, SURFACE MOUNT Header; No. of Contacts:13; Pitch Spacing:1.25mm; No. of Rows:1; Series:53398; Connector Body Material:Nylon; Mounting Type:PC Board; Terminal Type:Surface Mount RoHS Compliant: Yes 33 CONTACT(S), RIGHT ANGLE FFC/FPC CONNECTOR, SURFACE MOUNT
|
Molex, Inc.
|
PM2120-1R2M-RC PM2120-3R3M-RC PM2120-3R9M-RC PM212 |
Toroidal Inductor; Series:PM2120; Inductance:1.2uH; Inductance Tolerance: /- 20 %; Terminal Type:PCB Surface Mount; Current Rating:25.4A; External Height:0.82"; Leaded Process Compatible:Yes; Mounting Type:Surface Mount Toroidal Inductor; Series:PM2120; Inductance:3.3uH; Inductance Tolerance: /- 20 %; Terminal Type:PCB Surface Mount; Current Rating:18A; External Height:0.82"; Leaded Process Compatible:Yes; Mounting Type:Surface Mount Toroidal Inductor; Series:PM2120; Inductance:3.9uH; Inductance Tolerance: /- 20 %; Terminal Type:PCB Surface Mount; Current Rating:18A; External Height:0.82"; Leaded Process Compatible:Yes; Mounting Type:Surface Mount Toroidal Inductor; Series:PM2120; Inductance:5.6uH; Inductance Tolerance: /- 20 %; Terminal Type:PCB Surface Mount; Current Rating:15.6A; External Height:0.82"; Leaded Process Compatible:Yes; Mounting Type:Surface Mount Toroidal Inductor; Series:PM2120; Inductance:18uH; Inductance Tolerance: /- 10 %; Terminal Type:PCB Surface Mount; Current Rating:11.8A; External Height:0.82"; Leaded Process Compatible:Yes; Mounting Type:Surface Mount
|
BOURNS INC
|
0454.750MR 0452.375MRL 0452.375NRL 045202.5NRL 045 |
Surface Mount Fuses NANO2? > Slo-Blo? > 452/454 Series Surface Mount Fuses Surface Mount Fuses Surface Mount Fuses NANO2 > Slo-Blo > 452/454 Series Surface Mount Fuses NANO2? > Slo-Blo? > 452/454 Series The NANO2 Slo-Blo? fuse has enhanced inrush withstand characteristics over the NANO2 Fast-Acting fuse. Surface Mount Fuses NANO2 > Slo-Blo > 452/454 Series FAST BLOW ELECTRIC FUSE, 2A, 125VAC, 125VDC, 50A (IR), SURFACE MOUNT
|
Littelfuse
|
74099-2013 74099-1013 74099-1003 74099-1009 74099- |
SL SMT VT Shrd Hdr 30 SAu 13Ckt 13 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT SL SMT VT Shrd Hdr 15 SAu 13Ckt 13 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT Header; No. of Contacts:3; Pitch Spacing:2.54mm; No. of Rows:1; Series:SL; Connector Body Material:Polyester; Mounting Type:PC Board; Terminal Type:Surface Mount RoHS Compliant: Yes 3 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT CONN HEADER .100 VERT 9POS SMD 9 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT SL SMT VT Shrd Hdr 30 SAu 5Ckt 5 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT
|
Molex, Inc.
|
SAI01 SAI01-V1 SAI06 |
Surface-Mount, Separate Excitation Switching Type Surface-Mount Separate Excitation Switching Type Two-output LNB Supply And Control-voltage Regulator Surface-Mount/ Separate Excitation Switching Type Surface-mount and Separate Excitation Type
|
SANKEN[Sanken electric] ALLEGRO Sanken Electric Co.,Ltd.
|
VEB100M1ETR063053 |
ALUMINUM ELECTROLYTIC CAPACITORS VEB Series: Surface Mount Type, Bi-Polar
|
RFE international
|
VEL100M1CTR040057 |
ALUMINUM ELECTROLYTIC CAPACITORS VEL Series: Surface Mount Type, 105C
|
RFE international
|
VEH470M1VTR080100 |
ALUMINUM ELECTROLYTIC CAPACITORS VEH Series: Surface Mount Type, Low Impedance
|
RFE international
|
CC0805ZRY5V6BB103 CC0805ZRY5V5BB103 CC0805ZRY5V7BB |
SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS14 SURFACE-MOUNT CERAMIC CERAMIC SURFACE-MOUNT CERAMIC SURFACE-MOUNT CERAMIC SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS SURFACE-MOUNT CERAMIC CERAMIC This cpecification describes Y5V series chip catacitors with lead-free terminations. SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS14
|
YAGEO Corporation List of Unclassifed Man...
|
15-91-3300 15-91-3740 15-91-2780 15-91-2160 15-91- |
CGrid SMT Bkwy Hdr 30 SAu 30Ckt Tube 30 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT CGrid SMT Bkwy Hdr 30 SAu 74Ckt Tube 74 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT CGrid SMT Bkwy Hdr Tin 78Ckt Tube 78 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT Header Connector,PCB Mnt,RECEPT,16 Contacts,PIN,0.1 Pitch 16 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT CGrid SMT Bkwy Hdr 15 SAu 22Ckt Tube 22 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT Header; No. of Contacts:20; Pitch Spacing:2.54mm; No. of Rows:1; Series:SL; Connector Body Material:Polyester; Mounting Type:PC Board; Terminal Type:Right Angle Pin 20 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT CGrid SMT Bkwy Hdr 30 SAu 32Ckt Tube 32 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT CGrid SMT Bkwy Hdr Tin 32Ckt Tube 32 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT CGrid SMT Bkwy Hdr 15 SAu 32Ckt Tube 32 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT CGrid SMT Bkwy Hdr 30 SAu 22Ckt Tube 22 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT CGrid SMT Bkwy Hdr Tin 68Ckt Tube 68 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT CGrid SMT Bkwy Hdr 30 SAu 62Ckt Tube 62 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT CGrid SMT Bkwy Hdr Tin 60Ckt Tube 60 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT CGrid SMT Bkwy Hdr 15 SAu 66Ckt Tube 66 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT CGrid SMT Bkwy Hdr 30 SAu 80Ckt Tube 80 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT CGrid SMT Bkwy Hdr 15 SAu 62Ckt Tube 62 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT CGrid SMT Bkwy Hdr 30 SAu 38Ckt Tube 38 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT CGrid SMT Bkwy Hdr Tin 66Ckt Tube 66 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT CGrid SMT Bkwy Hdr 30 SAu 64Ckt Tube 64 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT Header; Number of Contacts:8; Pitch Spacing:2.54mm; Number of Rows:2; Series:C-Grid; Connector Body Material:Plastic; Mounting Type:PC Board; Terminal Type:Right Angle Pin 8 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT CGrid SMT Bkwy Hdr 30 SAu 16Ckt Tube 16 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT CGrid SMT Bkwy Hdr 30 SAu 14Ckt Tube 14 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT CGrid SMT Bkwy Hdr 15 SAu 72Ckt Tube 72 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT CGrid SMT Bkwy Hdr Tin 36Ckt Tube 36 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT CGrid SMT Bkwy Hdr 15 SAu 60Ckt Tube 60 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT CGrid SMT Bkwy Hdr 30 SAu 8Ckt Tube Header Connector,PCB Mnt,RECEPT,10 Contacts,PIN,0.100 Pitch CONN HEADER 12POS .100 VERT TIN 15913040
|
Molex, Inc. MOLEX INC
|
|