PART |
Description |
Maker |
ASPI-0315FS-6R8M-T4 ASPI-0315FS-220M-T4 ASPI-0315F |
1 ELEMENT, 6.8 uH, NICKEL-ZINC FERRITE-CORE, GENERAL PURPOSE INDUCTOR, SMD CHIP, 3030-15M, ROHS COMPLIANT 1 ELEMENT, 22 uH, NICKEL-ZINC FERRITE-CORE, GENERAL PURPOSE INDUCTOR, SMD CHIP, 3030-15M, ROHS COMPLIANT 1 ELEMENT, 4.7 uH, NICKEL-ZINC FERRITE-CORE, GENERAL PURPOSE INDUCTOR, SMD CHIP, 3030-15M, ROHS COMPLIANT 1 ELEMENT, 3.3 uH, NICKEL-ZINC FERRITE-CORE, GENERAL PURPOSE INDUCTOR, SMD CHIP, 3030-15M, ROHS COMPLIANT 1 ELEMENT, 10 uH, NICKEL-ZINC FERRITE-CORE, GENERAL PURPOSE INDUCTOR, SMD CHIP, 3030-15M, ROHS COMPLIANT 1 ELEMENT, 2.2 uH, NICKEL-ZINC FERRITE-CORE, GENERAL PURPOSE INDUCTOR, SMD CHIP, 3030-15M, ROHS COMPLIANT
|
Abracon, Corp.
|
127/16 |
WASHERS S/S SPRING M16 BX50 Inhalt pro Packung: 50 Stk. 垫圈的S / 弹簧M16赛车BX50 Inhalt亲Packung50沙头角
|
Electronic Theatre Controls, Inc.
|
SGR80 SGR81 SGR40 |
Circular connectors with threaded joint M16 acc. to IEC 61076-2-106, IP40/IP67/IP68
|
Lumberg
|
KGR80 KGR81 KGR40 |
Circular connectors with threaded joint M16 acc. to IEC 61076-2-106, IP40/IP67/IP68
|
Lumberg
|
03650006-1 03650005-3 |
Circular connectors with threaded joint M16 acc. to IEC 61076-2-106, IP40/IP67/IP68
|
Lumberg
|
033200 036500 |
Circular connectors with threaded joint M16 acc. to IEC 61076-2-106, IP40/IP67/IP68
|
Lumberg
|
KV60-8 KV30-8 KV70-8 KV120-8 KV50-8 KV50/6-8 |
Circular connectors with threaded joint M16 acc. to IEC 61076-2-106, IP40/IP67/IP68
|
Lumberg
|
0508567812 |
Ring Tongue Terminal for 10 and 12 AWG, Closed Uninsulated Brazed Barrel, Stud Size 5/8 (M16), Oxygen Free Copper, Length 48.00mm (1.890)
|
Molex Electronics Ltd.
|
PAT0816 PAT1632-C-3DB-1 PAT1632-C-3DB-5 PAT1632-C- |
PAT series, RAT series, high-precision chip attenuators
|
http:// List of Unclassifed Manufacturers ETC
|
NESG2101M16-A NESG2101M16-T3 NESG2101M16-T3-A NESG |
L BAND, SiGe, NPN, RF SMALL SIGNAL TRANSISTOR NPN SiGe RF TRANSISTOR FOR MEDIUM OUTPUT POWER AMPLIFICATION (125 mW) 6-PIN LEAD-LESS MINIMOLD (M16, 1208 PKG)
|
NEC
|
AGB3303S24Q1 AGB3303 |
The AGB3303 is one of a series of high performance InGaP HBT amplifiers designed for use in applications requiring high linearity, ... 50 OHM HIGH LINEARITY LOW NOISE WIDEBAND GAIN BLOCK
|
Anadigics Inc ANADIGICS[ANADIGICS, Inc]
|
CMPD2005S |
SURFACE MOUNT DUAL, IN SERIES HIGH VOLTAGE SILICON SWITCHING DIODES 0.225 A, 350 V, 2 ELEMENT, SILICON, SIGNAL DIODE SMD Switching Diode Dual: High Voltage: In Series
|
Central Semiconductor, Corp. Central Semiconductor Corp
|
|