Part Number Hot Search : 
TB10S FAN7083M LTC2845 MPXM2010 M67729L2 AN328 LA5540 3806BH
Product Description
Full Text Search
  m16 Datasheet PDF File

For m16 Found Datasheets File :: 1029    Search Time::1.375ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

    Bourns, Inc.
Part No. EMS22P30-m16-MD6 EMS22P30-M25-LD6 EMS22P30-m16-LD6 EMS22P30-M28-WD6 EMS22P30-M20-WD6 EMS22P30-M28-LD6 EMS22P30-M25-MD6 EMS22P30-M20-LD6 EMS22P30-M20-MD6 EMS22P30-R20-WD6 EMS22P30-R28-WD6 EMS22P30-m16-WD6 EMS22P30-M25-WD6 EMS22P30-R25-LD6 EMS22P30-R28-LD6 EMS22P30-M28-MD6 EMS22P30-R20-LD6 EMS22P30-R25-WD6 EMS22P30-R20-MD6 EMS22P30-R25-MD6 EMS22P30-R28-MD6 EMS22P50-M28-MD6 EMS22P50-M20-MD6 EMS22P50-M25-MD6 EMS22P50-m16-MD6
OCR Text features 3.3 and 5 vdc voltage supply option pwm absolute position bushing or servo mount non-contacting magnetic technology small size cmos and ttl compatible resolution: 1024 states long life high operating speed...
Description SINGLE, ROTARY OPTICAL POSITION ENCODER ROHS COMPLIANT PACKAGE-6

File Size 301.76K  /  4 Page

View it Online

Download Datasheet





    MB89P945 MB89P945PF MB89943PF MB89945PF MB89940 MB89PV940

Fujitsu Component Limited.
Part No. MB89P945 MB89P945PF MB89943PF MB89945PF MB89940 MB89PV940
OCR Text ...48-pin Ceramic MQFP (FPT-48P-m16) (MQP-48C-P01) MB89940 Series s PRODUCT LINEUP Part number Item Classification ROM size RAM size CPU functions MB89943 MB89945 MB89P945 One-time PROM 16 K x 8 bits (internal ROM) MB89PV940 Piggyba...
Description 8-bit Proprietary Microcontrolle

File Size 191.82K  /  38 Page

View it Online

Download Datasheet

    HIN232CBZ HIN232CBZ-T HIN238CBZ HIN238CBZ-T HIN238IBZ HIN237CBZ HIN237CBZ-T HIN236CBZ HIN232CPZ HIN239CBZ HIN239CBZ-T HI

Integrated Silicon Solution Inc
Integrated Silicon Solution, Inc
Part No. HIN232CBZ HIN232CBZ-T HIN238CBZ HIN238CBZ-T HIN238IBZ HIN237CBZ HIN237CBZ-T HIN236CBZ HIN232CPZ HIN239CBZ HIN239CBZ-T HIN239CPZ HIN241CAZ HIN241CB-T HIN241CBZ HIN241CBZ-T HIN241IBZ HIN232CP HIN232CB HIN232CB-T HIN232IB-T HIN232IBZ-T FN3138 HIN232IPZ
OCR Text ...e and Reel 16 Ld SOIC (Pb-free) m16.3 PKG. DWG. # m16.3 Ordering Information (Continued) PART NUMBER HIN241CAZ (See Note) HIN241CB HIN241CB-T HIN241CBZ (See Note) HIN241CBZ-T (See Note) HIN241IB m16.3 HIN241IBZ (See Note) TEMP. RANGE (o...
Description 5V Powered RS-232 Transmitters/Receivers

File Size 578.95K  /  20 Page

View it Online

Download Datasheet

    HIN232CB HIN238 HIN238CB HIN238CP HIN238IB HIN238IP HIN234 HIN234CB HIN234IB HIN237 HIN237CB HIN237CP HIN237IB HIN237IP

INTERSIL[Intersil Corporation]
Part No. HIN232CB HIN238 HIN238CB HIN238CP HIN238IB HIN238IP HIN234 HIN234CB HIN234IB HIN237 HIN237CB HIN237CP HIN237IB HIN237IP HIN233 HIN233CP HIN236 HIN236CB HIN236CP HIN236IB HIN236IP HIN230 HIN230CB HIN230IB HIN232CP HIN231 HIN231CB HIN231CP HIN231IB HIN231IP HIN235 HIN235CP HIN239 HIN239CB HIN239CP HIN239IB HIN241 HIN241CA HIN241CB HIN241IA HIN241IB HIN240 HIN240CN HIN240IN HIN232IB HIN232IP HIN232
OCR Text ...24 Ld SOIC PKG. NO. M20.3 M20.3 m16.3 E14.3 m16.3 E14.3 E16.3 m16.3 E16.3 m16.3 E20.3 m16.3 m16.3 E24.6 E24.3 M24.3 E24.3 M24.3 PART NUMBER HIN237CP HIN237CB HIN237IP HIN237IB HIN238CP HIN238CB HIN238IP HIN238IB HIN239CB HIN239CP HIN239IB H...
Description     5V Powered RS-232 Transmitters/Receivers

File Size 378.61K  /  15 Page

View it Online

Download Datasheet

    N141.103AA N141.103AB N141

Baumer IVO GmbH & Co. KG
Part No. N141.103AA N141.103AB N141
OCR Text ... cm) with male/female connector m16, 5-pin Membrane with one key Surface-mount with hollow shaft 56 x 100 x 62.5 mm 200 g Polycarbonate black, UL 94V-0 Subject to modification in technic and design. Errors and omissions excepted. 30/10/200...
Description Spindle Position Displays

File Size 430.39K  /  4 Page

View it Online

Download Datasheet

    ICL3221 ICL3222 ICL3223 ICL3232 ICL3241 ICL3243 ICL3232CA ICL3232CP ICL3232CB FN4805

INTERSIL[Intersil Corporation]
Part No. ICL3221 ICL3222 ICL3223 ICL3232 ICL3241 ICL3243 ICL3232CA ICL3232CP ICL3232CB FN4805
OCR Text ...28 Ld SOIC 28 Ld TSSOP PKG. NO. m16.209 m16.173 M20.209 M18.3 E18.3 M20.173 M20.209 E20.3 M20.173 m16.209 m16.3 E16.3 m16.173 M28.209 M28.3 M28.173 M28.209 M28.3 M28.173 Pinouts ICL3221 (SSOP, TSSOP) TOP VIEW ICL3222 (PDIP, SOIC) TOP VI...
Description 1 Microamp Supply-Current/ 3V to 5.5V/ 250kbps/ RS-232 Transmitters/Receivers
1 Microamp Supply-Current, 3V to 5.5V, 250kbps, RS-232 Transmitters/Receivers
From old datasheet system

File Size 171.87K  /  17 Page

View it Online

Download Datasheet

    NESG2031M16-T3 NESG2031M16-T3-A NESG2031M16 NESG2031M16-A

NEC
Part No. NESG2031m16-T3 NESG2031m16-T3-A NESG2031m16 NESG2031m16-A
OCR Text ...ATION 6-PIN LEAD-LESS MINIMOLD (m16, 1208 PKG) FEATURES * The device is an ideal choice for low noise, high-gain amplification NF = 0.8 dB TYP., Ga = 17.0 dB TYP. @ VCE = 2 V, IC = 5 mA, f = 2 GHz NF = 1.3 dB TYP., Ga = 10.0 dB TYP. @ VCE...
Description NPN SiGe RF TRANSISTOR FOR LOW NOISE, HIGH-GAIN AMPLIFICATION 6-PIN LEAD-LESS MINIMOLD (m16, 1208 PKG)

File Size 109.31K  /  12 Page

View it Online

Download Datasheet

    NESG2021M16-T3 NESG2021M16-T3-A NESG2021M16 NESG2021M16-A

NEC
Part No. NESG2021m16-T3 NESG2021m16-T3-A NESG2021m16 NESG2021m16-A
OCR Text ...ATION 6-PIN LEAD-LESS MINIMOLD (m16, 1208 PKG) FEATURES * The device is an ideal choice for low noise, high-gain at low current amplifications NF = 0.9 dB TYP., Ga = 18.0 dB TYP. @ VCE = 2 V, IC = 3 mA, f = 2 GHz NF = 1.3 dB TYP., Ga = 10...
Description NPN SiGe RF TRANSISTOR FOR LOW NOISE, HIGH-GAIN AMPLIFICATION 6-PIN LEAD-LESS MINIMOLD (m16, 1208 PKG)

File Size 110.35K  /  12 Page

View it Online

Download Datasheet

    440H-S34010 440H-S34012 440H-S34014 440H-S34015 440H-S34021 440H-S34022 440H-S34023 440H-S34024 440H-S34025 440H-S34026

Allen-Bradley
Part No. 440H-S34010 440H-S34012 440H-S34014 440H-S34015 440H-S34021 440H-S34022 440H-S34023 440H-S34024 440H-S34025 440H-S34026 440H-S34027 440H-S34028 440H-S34029 440H-S34018 440H-S34019 440H-S34017 440H-S34020 440H-S34030
OCR Text ...yester Stainless Steel IP67 1 x m16 or quick-disconnect style -20C to +80C (-4F to 176F) 2 x M4 Any position 1,000,000 operations 1,000,000 operations 80g (0.176lb) Red Category Approvals Safety Contacts Utilisation Cat. AC (Ue) (le) ...
Description Hinge Switches

File Size 57.88K  /  2 Page

View it Online

Download Datasheet

   
Part No. A165K-J3MR-2
OCR Text ... outputs. (unit: mm) 4 10.8 9.5 m16 1 lock ring mounting nut model, standard, lot no., serial number 18 12.2 21.1 28.5 34.5 1 packing (t0.5) 12.4 15.8 2.8 1.5 18 20 24 rectangular a165k-j solder terminals (tab terminals #110) * refer to t...
Description ROTARY SWITCH-2POSITIONS, DPDT, LATCHED, 3A, 30VDC, PANEL MOUNT

File Size 1,883.75K  /  13 Page

View it Online

Download Datasheet

For m16 Found Datasheets File :: 1029    Search Time::1.375ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of m16

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
0.77274298667908