PART |
Description |
Maker |
DM74ALS564A DM74ALS564AWM DM74ALS564AN |
Octal D-Type Edge Triggered Flip-Flop with 3-STATE Outputs Octal D-Type Edge-Triggered Flip-Flop with From old datasheet system
|
FAIRCHILD[Fairchild Semiconductor]
|
28F256 M28F256-90C1TR M28F256-90C3TR M28F256-90C6T |
Octal D-Type Transparent Latches With 3-State Outputs 20-SOIC 0 to 70 256K2K的8,芯片擦除)闪存 Octal D-Type Transparent Latches With 3-State Outputs 20-PDIP 0 to 70 256K32K的8,芯片擦除)闪存 256K(32K x8, Chip Erase)FLASH MEMORY 256K2K的8,芯片擦除)闪存 KAPTON STRAP F/GLASS TUBE PKG/5 Octal D-Type Edge-Triggered Flip-Flops With 3-State Outputs 20-SOIC 0 to 70 Octal D-Type Edge Triggered Flip-Flops with 3-State Outputs 20-SO 0 to 70 Octal D-Type Edge-Triggered Flip-Flops With 3-State Outputs 20-PDIP 0 to 70 256K(32K x8 / Chip Erase)FLASH MEMORY 512 Kbit (64Kb x8 Bulk Erase)Flasxh Memory
|
STMicroelectronics N.V. 意法半导 STMICROELECTRONICS[STMicroelectronics] ST Microelectronics
|
U74HCT374 |
OCTAL EDGE-TRIGGERED D-TYPE FLIP-FLOPS
|
Unisonic Technologies
|
MM74HC574 MM74HC574MTCX |
3-STATE Octal D-Type Edge-Triggered Flip-Flop
|
Fairchild Semiconductor
|
HD74LV374A |
Octal Edge-Triggered D-type Flip-Flops with 3-state Outputs
|
HITACHI[Hitachi Semiconductor]
|
HD74LV574A |
Octal Edge-Triggered D-type Flip-Flops with 3-state Outputs
|
HITACHI[Hitachi Semiconductor]
|
HCS374DMSR HCS374KMSR HCS374MS HCS374D HCS374HMSR |
Radiation Hardened Octal D-Type Flip-Flop/ Three-State/ Positive Edge Triggered Radiation Hardened Octal D-Type Flip-Flop, Three-State, Positive Edge Triggered Radiation Hardened Octal D-Type Flip-Flop Three-State Positive Edge Triggered
|
INTERSIL[Intersil Corporation]
|
DM74AS574 DM74AS574N DM74AS574WM |
From old datasheet system Octal D-Type Edge-Triggered Flip-Flops with 3-STATE Outputs
|
FAIRCHILD[Fairchild Semiconductor]
|
IDT74ALVCH374PG IDT74ALVCH374PY IDT74ALVCH374 IDT7 |
3.3V CMOS OCTAL POSITIVE EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH 3-STATE OUTPUTS AND BUS-HOLD
|
IDT[Integrated Device Technology]
|