PART |
Description |
Maker |
T495B157004AE900 T495D107004AE800 T495A685004AE2K0 |
Low ESR MnO2 Tantalum & Aluminum Surface Mount Capacitors T495 Surge Robust Low ESR MnO2 Series
|
Kemet Corporation
|
T494A226004A T494C476004A T494A335004A T494C686004 |
Low ESR MnO2 Tantalum & Aluminum Surface Mount Capacitors T494 Industrial Grade Low ESR MnO2 Series
|
Kemet Corporation
|
T495B106K025ATE750 |
Tantalum, MnO2 Tantalum, T495, 10 uF, 10%, 25 V, 3528, SMD, MnO2, Molded, Low ESR, 750 mOhms, 2.1mm
|
Kemet Corporation
|
T495B106M016ATE650 |
Tantalum, MnO2 Tantalum, T495, 10 uF, 20%, 16 V, 3528, SMD, MnO2, Molded, Low ESR, 650 mOhms, Height Max = 2.1mm
|
Kemet Corporation
|
T495B106K010ATE600 |
T495, Tantalum, MnO2 Tantalum, 10 uF, 10%, 10 V, 3528, SMD, MnO2, Molded, Low ESR, 600 mOhms, Height Max = 2.1mm
|
Kemet Corporation
|
T495D107K010ATE100-17 |
Tantalum, MnO2 Tantalum, T495, 100 uF, 10%, 10 V, 7343, SMD, MnO2, Molded, Low ESR, 100 mOhms, 3.1mm
|
Kemet Corporation
|
T495C476K010ATE300 |
Tantalum, MnO2 Tantalum, T495, 47 uF, 10%, 10 V, 6032, SMD, MnO2, Molded, Low ESR, 300 mOhms, Height Max = 2.8mm
|
Kemet Corporation
|
T495D685K050ATE300 |
Tantalum, MnO2 Tantalum, T495, 6.8 uF, 10%, 50 V, 7343, SMD, MnO2, Molded, Low ESR, 300 mOhms, Height Max = 3.1mm
|
Kemet Corporation
|
T495X476K035ATE300 |
Tantalum, MnO2 Tantalum, T495, 47 uF, 10%, 35 V, 7343, SMD, MnO2, Molded, Low ESR, 300 mOhms, 4.3mm
|
Kemet Corporation
|
T491B685M016AT |
T491, Tantalum, MnO2 Tantalum, 6.8 uF, 20%, 16 V, 3528, SMD, MnO2, Molded, 2.5 Ohms, Height Max = 2.1mm
|
Kemet Corporation
|
T491B685K025AT |
Tantalum, MnO2 Tantalum, T491, 6.8 uF, 10%, 25 V, 3528, SMD, MnO2, Molded, 2.8 Ohms, Height Max = 2.1mm
|
Kemet Corporation
|
T510X686K025ATE045 |
Capacitor, Tantalum, SMD, MnO2, Molded, Multiple Anodes, Low ESR,
|
Kemet Corporation
|
|