PART |
Description |
Maker |
SG237AK SG237AR SG237AT SG237K SG237R SG237T SG137 |
1.2 V-37 V ADJUSTABLE NEGATIVE REGULATOR, MBCY2 1.5 AMP NEGATIVE ADJUSTABLE REGULATOR Negative Adjustable Linear Voltage Regulators; Package: TO-99; VDIFF (V): 40; IOUT (A): 0.5; 1.2 V-37 V ADJUSTABLE NEGATIVE REGULATOR, MBCY3 Negative Adjustable Linear Voltage Regulators; Package: LCC; VDIFF (V): 40; IOUT (A): 0.5; 1.2 V-37 V ADJUSTABLE NEGATIVE REGULATOR, CQCC20
|
MICROSEMI CORP-ANALOG MIXED SIGNAL GROUP Microsemi Corporation Microsemi, Corp.
|
LM337D2T LM337BT LM337_D LM337 LM337BD2T ON0312 LM |
AML21 Series, Electronic Control Pushbutton, Square, Standard Bezel, Unlighted, SPDT, Momentary Action, Snap in panel mount From old datasheet system THREE-ERMINAL ADJUSTABLE POSITIVE THREE-TERMINAL ADJUSTABLE NEGATIVE VOLTAGE REGULATOR Three-Terminal Adjustable Output Negative Voltage Regulator
|
ONSEMI[ON Semiconductor] http://
|
FAN1581T FAN1581 FAN1581D15X FAN1581D25X FAN1581DX |
From old datasheet system 5A Adjustable/Fixed Ultra Low Dropout Linear Regulator 1.237 V-5.7 V ADJUSTABLE POSITIVE LDO REGULATOR, 0.6 V DROPOUT, SFM5 5A Adjustable Low Dropout Voltage Regulator (LDO) 1.25 V-5.7 V ADJUSTABLE POSITIVE LDO REGULATOR, 0.6 V DROPOUT, PSFM5
|
FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor Corporation Fairchild Semiconductor, Corp.
|
LM337HV LM137A LM137AHV LM337 LM137SG LM137ASG LM1 |
1.5A Adjustable Negative Voltage Regulator 1.5 AMP NEGATIVE ADJUSTABLE VOLTAGE REGULATOR 1.25 V-50 V ADJUSTABLE NEGATIVE REGULATOR, CBCC3
|
TT electronics Semelab Limited SEME-LAB[Seme LAB] TT electronics Semelab, Ltd.
|
LM2931CDG |
100 mA, Adjustable Output, LDO Voltage Regulator with 60 V Load Dump Protection 2.7 V-29.5 V ADJUSTABLE POSITIVE LDO REGULATOR, 0.6 V DROPOUT, PDSO8
|
ON Semiconductor
|
MSK5332-10D MSK5332-5.0ES MSK5332-15U MSK5332-15HT |
NEGATIVE, 3 AMP, LOW DROPOUT VOLTAGE REGULATOR 负,3安培,低压差稳压 NEGATIVE, 3 AMP, LOW DROPOUT VOLTAGE REGULATOR 5 V FIXED NEGATIVE LDO REGULATOR, 1.2 V DROPOUT, PSIP3 NEGATIVE, 3 AMP, LOW DROPOUT VOLTAGE REGULATOR 5 V FIXED NEGATIVE LDO REGULATOR, 1.3 V DROPOUT, PSFM3 NEGATIVE, 3 AMP, LOW DROPOUT VOLTAGE REGULATOR 5 V FIXED NEGATIVE LDO REGULATOR, 1.2 V DROPOUT, PSFM3 NEGATIVE, 3 AMP, LOW DROPOUT VOLTAGE REGULATOR 5.2 V FIXED NEGATIVE LDO REGULATOR, 1.2 V DROPOUT, PSSO3 NEGATIVE, 3 AMP, LOW DROPOUT VOLTAGE REGULATOR 5.2 V FIXED NEGATIVE LDO REGULATOR, 1.2 V DROPOUT, PSFM3
|
M.S. Kennedy, Corp. MS KENNEDY CORP
|
RHFL7913A11 RHFL7913KPA-02V |
Rad-Hard 2.0A adjustable negative Vreg Rad-hard adjustable negative voltage regulator
|
ST Microelectronics STMicroelectronics
|
ADSP-2195MBST-140X ADSP-2195MKST-160X ADSP-2195MBC |
DSP Microcomputer LM2991 Negative Low Dropout Adjustable Regulator; Package: TO-263; No of Pins: 5; Qty per Container: 45; Container: Rail LM2991 Negative Low Dropout Adjustable Regulator; Package: CERDIP; No of Pins: 16; Container: Rail ADSP-2195M: 16-bit Fixed-Point DSP for Telecommunications Applications Preliminary Data Sheet (Rev. PrA. 9/01) LM2991 Negative Low Dropout Adjustable Regulator; Package: CERDIP; No of Pins: 16; Qty per Container: 25; Container: Rail
|
Analog Devices, Inc.
|
NCV8502D100R2 NCV8502PDW100R2 NCV8502DADJ NCV8502P |
Micropower 150 mA LDO Linear Regulators with DELAY, Adjustable RESET, and Monitor FLAG Micropower 150 mA LDO Linear Regulators with DELAY, Adjustable RESET, and Monitor FLAG 1.242 V-1.318 V ADJUSTABLE POSITIVE LDO REGULATOR, 0.6 V DROPOUT, PDSO8
|
ONSEMI[ON Semiconductor] 可调正电压单路输出LDO稳压
|