PART |
Description |
Maker |
KSD-D6S003-002 |
400V, 10A ULTRAFAST RECOVERY RECTIFIERS
|
KODENSHI KOREA CORP.
|
D10LC40 |
Super Fast Recovery Rectifiers(400V 10A)
|
SHINDENGEN[Shindengen Electric Mfg.Co.Ltd]
|
FUF2005 FUF2007 FUF2006 FUF2004 FUF2003 FUF2002 FU |
50 V, 2 A glass passivated ultrafast recovery rectifier 100 V, 2 A glass passivated ultrafast recovery rectifier 200 V, 2 A glass passivated ultrafast recovery rectifier 400 V, 2 A glass passivated ultrafast recovery rectifier 800 V, 2 A glass passivated ultrafast recovery rectifier 1000 V, 2 A glass passivated ultrafast recovery rectifier 600 V, 2 A glass passivated ultrafast recovery rectifier RECTIFIER DIODE, DO-15 Ultrafast Recovery Rectifiers 超快恢复二极
|
Fagor International Rectifier, Corp. Vishay Intertechnology, Inc.
|
IRUD360CW40 |
400V Fast Recovery Diode in a TO-244AB Non-Isolated package ULTRAFAST SOFT RECOVERY DIODE
|
IRF[International Rectifier]
|
1S2G 1S4G |
Super Fast Recovery Pack: R-1 ULTRAFAST EFFICIENT GLASS PASSIVATED RECTIFIER VOLTAGE: 200 TO 400V CURRENT: 0.7A
|
Gulf Semiconductor
|
IRC740 |
Power MOSFET(Vdss=400V/ Rds(on)=0.55ohm/ Id=10A) Power MOSFET(Vdss=400V, Rds(on)=0.55ohm, Id=10A) 400V Single N-Channel HEXFET Power MOSFET in a TO-220 5-Pin (HEXSense) package
|
International Rectifier
|
150EBU04 |
400V 150A Ultra-Fast Discrete Diode in a PowIRtab package Ultrafast Soft Recovery Diode
|
IRF[International Rectifier]
|
IRF740S 6111 |
N-Channel 400V-0.48Ω-10A- D2PAK PowerMESHTM MOSFET(N沟道MOSFET) N沟道400V -0.48Ω- 10A条,采用D2PAK PowerMESHTM MOSFET的(不适用沟道MOSFET的) N-Channel 400V-0.48Ω-10A- D2PAK PowerMESHTM MOSFET(N沟道MOSFET) From old datasheet system N - CHANNEL 400V - 0.48 - 10 A -D 2 PAK PowerMESH TM MOSFET N - CHANNEL 400V - 0.48 ohm - 10 A - D2PAK PowerMESH] MOSFET N - CHANNEL 400V - 0.48 Ohm -10 A -D 2 PAK PowerMESH MOSFET
|
STMicroelectronics N.V. 意法半导 SGS Thomson Microelectronics
|
IRFN340SMD |
N-Channel Power MOSFET(BVdss:400V,Id(cont):10A,Rds(on):0.55Ω)(N沟道功率MOS场效应管(BVdss:400V,Id(cont):10A,Rds(on):0.55Ω))
|
SemeLAB SEME-LAB[Seme LAB]
|
IRF340 IRF340-15 |
Repetitive Avalanche Ratings TRANSISTORS N-CHANNEL(Vdss=400V, Rds(on)0.55ohm, Id=10A) HEXFET?TRANSISTORS 400V, N-CHANNEL 400V Single N-Channel Hi-Rel MOSFET in a TO-204AA package
|
IRF[International Rectifier]
|
ISL9V2040S3ST ISL9V2040D3S04 ISL9V2040D3ST ISL9V20 |
10A, 400V Logic Level, Voltage Clamped, Avalanche Energy Rated, ESD Protected IGBT EcoSPARKTM 200mJ, 400V, N-Channel Ignition IGBT
|
FAIRCHILD[Fairchild Semiconductor]
|