PART |
Description |
Maker |
9GL1224E101 9GL1212G101 9GL1248M101 9GL1224H101 9G |
AC Fan 120 9AD type AC Fan 120 9AD type
|
List of Unclassifed Manufacturers List of Unclassifed Man...
|
C9732DK-11-15 |
For soft X-ray imaging, cassette type with USB 2.0 interface Large photodiode area: 120 x 120 mm
|
Hamamatsu Corporation
|
TC647BEUATR TC642B TC642BEOA713 TC642BEOATR TC642B |
PWM Fan Speed Controllers With Minimum Fan Speed, Fan Restart and FanSense⑩ Technology for Fault Detection
|
MICROCHIP[Microchip Technology]
|
TC642BEPA713 TC647BEPA713 TC642BEPATR TC647BEOA713 |
PWM Fan Speed Controllers With Minimum Fan Speed, Fan Restart and FanSense Technology for Fault Detection
|
Microchip Technology
|
AQY221N1SX AQY221N1SZ |
PhotoMOS relay, RF (radio frequency). C x R 20 type. AC/DC type. Output rating: load voltage 40 V, load current 120 mA.
|
Matsushita Electric Works(Nais)
|
AQW454 AQW454AZ AQW454A AQW454AX |
PhotoMOS relay, HE (high-function economy) [2-channel (form B) type]. AC/DC type. Output rating: load voltage 400 V, load current 120 mA. Surface mount terminal. Picked from the 5/6/7/8-pin side. PhotoMOS relay, HE (high-function economy) [2-channel (form B) type]. AC/DC type. Output rating: load voltage 400 V, load current 120 mA. Surface mount terminal. Picked from the 1/2/3/4-pin side. PhotoMOS relay, HE (high-function economy) [2-channel (form B) type]. AC/DC type. Output rating: load voltage 400 V, load current 120 mA. Through hole terminal. HE (High-function Economy) Type [2-Channel (Form B) Type] 他(高功能经济)类型[2通道(表B)型]
|
Matsushita Electric Works(Nais) NAIS[Nais(Matsushita Electric Works)] Panasonic, Corp.
|
TC654 |
(TC654 / TC655) PWM Fan Speed Controllers With Fan Fault Detection
|
Microchip Technology
|
TC664EUN |
SMBus??PWM Fan Speed Controllers With Fan Fault Detection
|
Microchip Technology Inc.
|
EMC6W201-AEZG |
Thermal Management Products- Brushless DC Fan Controllers & Fan Fault Detectors
|
Microchip
|
2SC3928 2SC3928A |
200mW SMD NPN transistor, maximum rating: 50V Vceo, 200mA Ic, 120 to 820 hFE. Improve on 2SC3928 For Low Frequency Amplify Application Sillcon Npn Epitaxial Type (Mini type) 低频扩增应用Sillcon npn型外延式(迷你型
|
Isahaya Electronics Corporation List of Unclassifed Manufacturers ETC[ETC] Electronic Theatre Controls, Inc.
|