PART |
Description |
Maker |
REEL-SC-70-3 |
Carrier Width (W) 8.0 -0.1 mm Pitch (P) 4.0 -0.1 mm
|
Analog Microelectronics
|
REEL-SSOP-28 |
Carrier Width (W) 16.0 -0.1 mm Pitch (P) 4.0 -0.1 mm
|
Analog Microelectronics
|
REEL-TO-263-5 |
Carrier Width (W) 24.0 -0.1 mm Pitch (P) 4.0 -0.1 mm
|
Analog Microelectronics
|
MSOP-10 MSOP-10PP REEL-MSOP-10PP |
Carrier Width (W) 12.0 -0.1 mm Pitch (P) 4.0 -0.1 mm
|
Analog Microelectronics
|
REEL-TO-263-2 |
Carrier Width (W) 24.0 -0.1 mm Pitch (P) 4.0 -0.1 mm
|
Analog Microelectronics
|
REEL-SC-70-5 |
Carrier Width (W) 8.0 -0.1 mm Pitch (P) 4.0 -0.1 mm
|
Analog Microelectronics
|
CXA1452N |
Dual Precision Operational Amplifier 8-PDIP -40 to 85 承运偏离/滤波器调毫米录像 CARRIER/DEVIATION/FILTER ADJUSTMENT FOR 8 mm VCRS Carrier/Deviation/Filter Adjustment for 8mm VCRs
|
Sony, Corp. Sony Corporation
|
MIC-3961 MIC-3961-AE |
6U CompactPCI庐 PCI Carrier Board 6U CompactPCI? PCI Carrier Board
|
Advantech Co., Ltd. http://
|
UTCA-5503 UTCA-5503-1000E UTCA-5503-2000E |
MicroTCA垄芒 Carrier Hub: Layer 2 GbE switch with MCMC MicroTCA Carrier Hub: Layer 2 GbE switch with MCMC
|
Advantech Co., Ltd.
|
SP4-2512/883 SP2-2512/883 SP4-2510-2 SP3-2512-2 SP |
OP-AMP, 10000 uV OFFSET-MAX, 12 MHz BAND WIDTH, CQCC20 CERAMIC, LCC-20 OP-AMP, 10000 uV OFFSET-MAX, 12 MHz BAND WIDTH, MBCY8 METAL CAN-8 OP-AMP, 8000 uV OFFSET-MAX, 12 MHz BAND WIDTH, CQCC20 OP-AMP, 10000 uV OFFSET-MAX, 12 MHz BAND WIDTH, PDIP8
|
Ecliptek, Corp.
|
TF-ECB-917T-A10-01 |
COM Express Carrier Board
|
AAEON Technology
|