Part Number Hot Search : 
SC502 NJM2113 TB0640H1 1960629 MAX488 USF13 245MT TON9300
Product Description
Full Text Search
  carrier Datasheet PDF File

For carrier Found Datasheets File :: 30011    Search Time::1.547ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

    MRF8S9260HR3 MRF8S9260HSR3

Freescale Semiconductor, Inc
Part No. MRF8S9260HR3 MRF8S9260HSR3
OCR Text ...ation formats. * Typical Single-carrier W-CDMA Performance: VDD = 28 Volts, IDQ = 1700 mA, Pout = 75 Watts Avg., IQ Magnitude Clipping, Channel Bandwidth = 3.84 MHz, Input Signal PAR = 7.5 dB @ 0.01% Probability on CCDF. Frequency 920 MHz ...
Description RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs

File Size 302.27K  /  14 Page

View it Online

Download Datasheet





    NCN49599MNG NCN49599MNTWG

ON Semiconductor
Part No. NCN49599MNG NCN49599MNTWG
OCR Text ...9599 product preview power line carrier modem the ncn49599 is a powerful power line communication soc combining low power cortex m0 processor with a high precision analogue front end. based on a dual 4800 baud s ? fsk channel technology, it...
Description Power Line carrier Modem

File Size 424.73K  /  39 Page

View it Online

Download Datasheet

    RELIACELL10-20

List of Unclassifed Manufacturers
List of Unclassifed Man...
Part No. RELIACELL10-20
OCR Text ...o deploy C certifed and carrier approved ? ruggedized for commercial and industrial applications ? optional gps capability reliacell 10-20 ruggedized - ip67 mountable C the enclosure design makes the reliacell 10-20 ideally s...
Description Global Cellular Support for: Ready to Deploy ?certified and carrier approved

File Size 543.03K  /  2 Page

View it Online

Download Datasheet

    80C51X2 P80C51X2 P87C54X2 P87C54X2BA P87C54X2BN P87C54X2FA P80C31X2 P80C31X2BA P80C31X2BN P80C32 P80C32X2 P80C32X2BA P80

PHILIPS[Philips Semiconductors]
Part No. 80C51X2 P80C51X2 P87C54X2 P87C54X2BA P87C54X2BN P87C54X2FA P80C31X2 P80C31X2BA P80C31X2BN P80C32 P80C32X2 P80C32X2BA P80C32X2BN P80C32X2FA P80C32X2FN P87C52 P87C52X2 P87C52X2BA P87C52X2BN P87C52X2FA P87C52X2FN P87C38X2 P80C52X2 87C58X2 P87C58X2 P87C58X2BA P87C58X2BN P87C58X2FA P87C51X2BA P87C51X2BN 80C52X2 80C31X2 87C54X2 P87C32X2 80C38X2 P80C38X2
OCR Text ...Description plastic leaded chip carrier; 44 leads plastic dual in-line package; 40 leads (600 mil) plastic leaded chip carrier; 44 leads plastic dual in-line package; 40 leads (600 mil) plastic leaded chip carrier; 44 leads plastic dual in-...
Description 80C51 8-bit microcontroller family 4K/8K/16K/32K ROM/OTP 128B/256B RAM low voltage 2.7 to 5.5 V, low power, high speed 30/33 MHz
80C51 8-bit microcontroller family 4K/8K/16K/32K ROM/OTP 128B/256B RAM low voltage 2.7 to 5.5 V low power high speed 30/33 MHz

File Size 367.82K  /  57 Page

View it Online

Download Datasheet

    80C51 P80C51SBAA P80C51SBBB P80C51SBPN P80C51SFAA P80C51SFBB P80C51SFPN P80C51UBAA P80C51UBBB P80C51UBPN P80C51UFAA P80C

PHILIPS[Philips Semiconductors]
Part No. 80C51 P80C51SBAA P80C51SBBB P80C51SBPN P80C51SFAA P80C51SFBB P80C51SFPN P80C51UBAA P80C51UBBB P80C51UBPN P80C51UFAA P80C51UFBB P80C51UFPN P87C51 P80C31 P80C31SBAA P80C31SBBB P80C31SBPN P80C31SFAA P80C31SFBB P80C31SFPN P80C31UBAA P80C31UBBB P80C31UBPN P80C31UFAA P80C31UFBB P80C31UFPN P87C51SBPN P87C51UBAA P87C51UBBB P87C51UBPN P87C51SFAA P87C51SFBB P87C51SFPN P87C51SBAA 80C31 P80C51 P87C51UFPN 87C51 P87C51SBBB P87C51UFAA P87C51UFBB
OCR Text ...-40 to +85, Plastic Leaded Chip carrier 40 +85 5V 0 to 33 SOT187-2 SOT187 2 0 to +70 Plastic Quad Flat Pack +70, 5V 0 to 33 SOT307-2 SOT307 2 0 to +70 Plastic Dual In line Package +70, In-line 5V 0 to 33 SOT129-1 SOT129 1 0 to +70, Plastic ...
Description 80C51 8-bit microcontroller family 4K/128 OTP/ROM/ROMless low voltage 2.7V.5.5V low power high speed 33 MHz
80C51 8-bit microcontroller family 4K/128 OTP/ROM/ROMless low voltage 2.7V.5.5V, low power, high speed 33 MHz

File Size 349.80K  /  38 Page

View it Online

Download Datasheet

    AD524 AD524A AD524AD AD524AE AD524AR-16 AD524AR-16-REEL AD524AR-16-REEL7 5962-8853901EA AD524BD AD524B AD524BE AD524C AD

Analog Devices, Inc.
AD[Analog Devices]
Part No. AD524 AD524A AD524AD AD524AE AD524AR-16 AD524AR-16-REEL AD524AR-16-REEL7 5962-8853901EA AD524BD AD524B AD524BE AD524C AD524CD AD524S AD524SCHIPS AD524SD AD524SE_883B AD524SD_883B AD524SE/883B AD524SD/883B
OCR Text ...and a 20-terminal leadless chip carrier. 1. The AD524 has guaranteed low offset voltage, offset voltage drift and low noise for precision high gain applications. 2. The AD524 is functionally complete with pin programmable gains of 1, 10,...
Description Single Supply, Rail-to-Rail, Low Cost Instrumentation Amplifier INSTRUMENTATION AMPLIFIER, 1000 uV OFFSET-MAX, 1 MHz BAND WIDTH, CDIP16
Single Supply, Rail-to-Rail, Low Cost Instrumentation Amplifier INSTRUMENTATION AMPLIFIER, 250 uV OFFSET-MAX, 1 MHz BAND WIDTH, CDIP16
VARISTOR 150V RMS 14MM RADIAL
PQ II HIP 7 REV A NO-PB
Precision Instrumentation Amplifier

File Size 392.59K  /  16 Page

View it Online

Download Datasheet

    SF2094B

RF Monolithics, Inc
Part No. SF2094B
OCR Text ...pe 0.32 mm 0.3 2.15 mm 0.2 w (carrier tape size) a o b o p (pitch) 1.5 mm +0.1 -0.0 4.0 mm 0.1 2.0 mm 0.1 1.75 mm 0.1 7.5 mm 0.1 1.5 mm +0.3 -0.0 pin #1 user direction of feed component orientation and dimensions carrier tape dime...
Description 380.00 MHz SAW Filter

File Size 391.52K  /  12 Page

View it Online

Download Datasheet

    MFRC50001T

NXP Semiconductors
Part No. MFRC50001T
OCR Text ...5 tx1 o transmitter 1 modulated carrier output; 13.56 mhz 6 tvdd p transmitter power supply for the tx1 and tx2 output stages 7 tx2 o transmitter 2 modulated carrier output; 13.56 mhz 8 tvss g transmitter ground for the tx1 and tx2 output s...
Description The “OriginalMIFARE reader solution

File Size 650.41K  /  110 Page

View it Online

Download Datasheet

    MN101CF54C MN101CF54A

Panasonic Semiconductor
Part No. MN101CF54C MN101CF54A
OCR Text ...t, generation of remote control carrier, simple pulse width measurement) (square-wave/pwm output to large current terminal p50 possible) clock source 1/2, 1/4 of system clock frequency; 1/1, 1/4, 1/16, 1/32, 1/64 of osc oscillation clock f...
Description Lower limit

File Size 404.85K  /  5 Page

View it Online

Download Datasheet

For carrier Found Datasheets File :: 30011    Search Time::1.547ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of carrier

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
1.5226571559906