PART |
Description |
Maker |
BYT51A BYT51J BYT51 BYT51D BYT51M BYT51B BYT51K BY |
INNOLINE: High Voltage Input Series - For Telecom DSM, XDSL, Aplication- Internal Pi Filter- Multi-Outputs- Overcurrent Protection- High Efficiency INNOLINE: High Voltage Output Series - For Telecom DSM, XDSL, Aplication- Internal Pi Filter- Multi-Outputs- Overcurrent Protection- High Efficiency - Adjustable Output Voltage, Independently Regulated Outputs- No Minimum Load- Industry Standard Footprint- Halt Tested- Compact 61.0 x From old datasheet system Silicon Mesa Rectifiers
|
Vishay Intertechnology,Inc. Vishay Telefunken
|
BD9011EKN-E2 |
Dual-output, high voltage, high-efficiency step-down Switching Regulator
|
Rohm
|
LTC3630AEMSE LTC3630EMSE |
High Efficiency High Voltage 500mA Synchronous Step-Down Converter
|
Linear Technology
|
ZXRD1050PQ16 ZXM64NO3X ZXRD1033PQ16 ZXRD1033NQ16 Z |
HIGH EFFICIENCY SIMPLESYNC?PWM DC-DC CONTROLLERS 5 V, High efficiency simplesync PWM DC-DC controller 3.3 V, High efficiency simplesync PWM DC-DC controller PTSE 30C 29#20 1#16 PIN RECP MC680X0 FPU COPROCESSOR Circular Connector; MIL SPEC:MIL-C-26482, Series I; Body Material:Aluminum Alloy; Series:MS3121; No. of Contacts:11; Connector Shell Size:18; Connecting Termination:Crimp; Circular Shell Style:Cable Receptacle RoHS Compliant: No HIGH EFFICIENCY SIMPLESYNC PWM DC-DC CONTROLLERS Adj, High efficiency simplesync PWM DC-DC controller
|
Diodes Incorporated ZETEX PLC Zetex Semiconductors
|
LX1741CLM LX1741CDU LX1741 |
High Efficiency High Voltage Boost Controller
|
Microsemi Corporation
|
SP6832EK SP6832 SP6832EK_TR SP6832EK/TR SP6832EK-L |
High Speed, High Efficiency Voltage Inverter
|
http:// SIPEX[Sipex Corporation]
|
FCP600-48 |
High Efficiency, High Voltage 50mA Synchronous Step-Down Converter; Package: 8-DFN; Temperature Range: -40 to 125C; Container: Tape and Reel
|
Power-One
|
21PCF130TW4-002 |
DUAL COLOR LED, HIGH EFFICIENCY RED/HIGH EFFICIENCY GREEN
|
LEDTRONICS INC
|
TC115501EMTTR TC115 TC115301ECT TC115301EMTTR TC11 |
The TC115 is a high-efficiency step-up DC/DC converter for small, low input voltage or battery powered sys-tems. This device has ... The TC115 is a high-efficiency step-up DC/DC converter for small, low input voltage or battery powered sys-tems. This device has a guaranteed start-up voltage of 0.9V and a typical supply current of 80 µA. Phase compensation and soft- PFM/PWM Step-Up DC/DC Converter
|
MICROCHIP[Microchip Technology]
|