PART |
Description |
Maker |
0263.375TX832 026301.5TX832 263.125 0263.125TX832 |
FUSE 375MA VERY FAST Low-Input-Voltage, 300mA LDO Regulators with RESET in SOT and TDFN FUSE 125MA VERY FAST FUSE 750MA VERY FAST FUSE 500MA VERY FAST FUSE 250MA VERY FAST FUSE 62MA VERY FAST FUSE 3.5A VERY FAST FUSE 5.0A VERY FAST FUSE 3.0A VERY FAST FUSE 2.0A VERY FAST FUSE 1.0A VERY FAST FUSE 4.0A VERY FAST FUSE 2.5A VERY FAST 特快速保险丝.5a FUSE 1.5A VERY FAST 保险.5A非常快
|
Littelfuse, Inc. KEMET Corporation
|
SR-5-1.25A-BK COOPERINDUSTRIES-SR-5-1.25A-AP SR-5- |
FUSE 1.25A 250V T-LAG IEC SHORT TIME DELAY BLOW ELECTRIC FUSE, 1.25A, 250VAC, 35A (IR), THROUGH HOLE FUSE 1.6A 250V T-LAG IEC SHORT PC Board Fuse; Current Rating:1A; Voltage Rating:250V; Fuse Terminals:Radial Lead; Fuse Size/Group:Subminiature; Fuse Type:Time Delay; Interrupting Current Max:35A; Leaded Process Compatible:Yes; Packaging:Ammo Pack FUSE 1A 250V T-LAG IEC SHORT Subminiature Fuses
|
Cooper Bussmann, Inc. COOPER INDUSTRIES List of Unclassifed Man...
|
Z86B0712PEC |
Leaded Cartridge Fuse; Current Rating:250mA; Voltage Rating:250V; Fuse Terminals:Axial Lead; Fuse Type:Time Delay; Voltage Rating:250V; Body Material:Ceramic; Diameter:6.985mm; Fuse Size/Group:1/4 x 1-1/4 " RoHS Compliant: Yes 8位微控制
|
Pasternack Enterprises, Inc.
|
BC860CL BC860AL |
Leaded Cartridge Fuse; Current Rating:700mA; Voltage Rating:125V; Fuse Terminals:Radial Lead; Fuse Type:Fast Acting; Voltage Rating:125V; Body Material:Plastic Cap; Diameter:6.35mm; Leaded Process Compatible:Yes; Length:8.89mm RoHS Compliant: Yes Automotive Fuse; Current Rating:15A; Voltage Rating:32V; Fuse Type:Fast Acting; Fuse Terminals:Blade; Length:18.54mm; Series:257; Fuse Size/Group:18.54 x 19.05 x 5.08mm 晶体管|晶体管|进步党| 45V的五(巴西)总裁| 100mA的一(c)| SOT - 23封装
|
Ironwood Electronics
|
3414.0114.11 3414.0124.22 |
SUPER FAST BLOW ELECTRIC FUSE, 0.75A, 32VDC, 35A (IR), SURFACE MOUNT FUSE, SMD, USF0402, 5A; Current, fuse rating:5A; Case style:0402; Approval Bodies:CCC; Approval category:UL Recognised; Current, breaking capacity DC:35A; Depth, external:0.4mm; Device marking:T; Flammability rating:UL94V-1; Fuse RoHS Compliant: Yes
|
SCHURTER INC
|
390-18R-2C-2.75W 390-18R-2C-5.5W 390-18R-2C-8.25S |
MEDIUM BLOW ELECTRIC FUSE, 390A, 2750VAC, 1500A (IR), INLINE/HOLDER MEDIUM BLOW ELECTRIC FUSE, 390A, 5500VAC, 1500A (IR), INLINE/HOLDER MEDIUM BLOW ELECTRIC FUSE, 390A, 8250VAC, 1440A (IR), INLINE/HOLDER MEDIUM BLOW ELECTRIC FUSE, 700A, 5500VAC, 80000A (IR), INLINE/HOLDER MEDIUM BLOW ELECTRIC FUSE, 550A, 5500VAC, 2400A (IR), INLINE/HOLDER MEDIUM BLOW ELECTRIC FUSE, 450A, 8250VAC, 1910A (IR), INLINE/HOLDER MEDIUM BLOW ELECTRIC FUSE, 450A, 2750VAC, 1950A (IR), INLINE/HOLDER MEDIUM BLOW ELECTRIC FUSE, 200A, 2750VAC, 760A (IR), INLINE/HOLDER MEDIUM BLOW ELECTRIC FUSE, 150A, 5500VAC, 390A (IR), INLINE/HOLDER MEDIUM BLOW ELECTRIC FUSE, 130A, 2750VAC, 340A (IR), INLINE/HOLDER MEDIUM BLOW ELECTRIC FUSE, 150A, 8250VAC, 440A (IR), INLINE/HOLDER MEDIUM BLOW ELECTRIC FUSE, 200A, 5500VAC, 760A (IR), INLINE/HOLDER MEDIUM BLOW ELECTRIC FUSE, 100A, 8250VAC, 225A (IR), INLINE/HOLDER MEDIUM BLOW ELECTRIC FUSE, 100A, 5500VAC, 250A (IR), INLINE/HOLDER MEDIUM BLOW ELECTRIC FUSE, 230A, 2750VAC, 1000A (IR), INLINE/HOLDER MEDIUM BLOW ELECTRIC FUSE, 150A, 2750VAC, 390A (IR), INLINE/HOLDER MEDIUM BLOW ELECTRIC FUSE, 450A, 5500VAC, 1950A (IR), INLINE/HOLDER MEDIUM BLOW ELECTRIC FUSE, 170A, 2750VAC, 500A (IR), INLINE/HOLDER MEDIUM BLOW ELECTRIC FUSE, 230A, 5500VAC, 1000A (IR), INLINE/HOLDER
|
HIROSE ELECTRIC Co., Ltd. Littelfuse, Inc. Microsemi, Corp.
|
SBR8215 SBR8210 |
Schottky ORing Diode
|
MICROSEMI[Microsemi Corporation]
|
FST8115 FST8120 |
Schottky Oring Diode
|
http:// MICROSEMI[Microsemi Corporation]
|
FST15515 |
Schottky PowerMod ORING Rectifier
|
Microsemi Corporation
|
|