PART |
Description |
Maker |
AP35A070054A |
35mm One Stage GPS Active Patch Antenna Module with back-end Saw Filter
|
List of Unclassifed Manufacturers
|
AT-230TR |
DC-2 GHz, 28dB, digital attenuator, 3-Bit
|
MA-Com
|
RFPP2870 |
28dB Push Pull Hybrid 40MHz to 1003MHz
|
RF Micro Devices
|
FXP612070095A |
FXP612 Flexible Polymer GPS L1 / GPS L2 / GPS L5 / GALILEO / GLONASS G1 / BEIDOU Antenna
|
Taoglas antenna solutio...
|
ANP-C-129 |
OnBoard Micro GPS Patch 1573.42 MHz - 1577.42 MHz GPS ANTENNA, 1.5 dBi GAIN
|
Sumida, Corp.
|
MA203AAB035 MA203.A.AB.035 |
MA.203 Stingray GPS/Cellular Adhesive Antenna GPS-High gain LNA up to 32dB
|
List of Unclassifed Manufac... Taoglas antenna solutio...
|
2MP04-018-15 2MP04-018-10 2MP04-018-12 2MP04018 |
Specifications The series of two-stage TE modules has been designed for applications where a relatively large cold side is required as well as two-stage level cooling.
|
RMT Ltd.
|
2MP04-060-10 2MP04-060-12 2MP04-060-15 2MP04060 |
Specifications The series of two-stage TE modules has been designed for applications where a relatively large cold side is required as well as two-stage level cooling.
|
RMT Ltd.
|
HCF4521 HCF4521B HCF4521BEY HCF4521BM1 HCF4521BM01 |
Octal Buffers/Drivers With 3-State Outputs 20-CFP -55 to 125 24 STAGE FREQUENCY DIVIDER 24-STAGE FREQUENCY DIVIDER
|
意法半导 STMICROELECTRONICS[STMicroelectronics] SGS Thomson Microelectronics
|
BC859C BC860B BC860C BC859 BC859_860_4 BC860 BC859 |
High Speed CMOS Logic 14-Stage Binary Counter with Oscillator 16-SOIC -55 to 125 From old datasheet system PNP general purpose transistors Leaded Cartridge Fuse; Current Rating:500mA; Voltage Rating:125V; Fuse Terminals:Radial Lead; Fuse Type:Fast Acting; Voltage Rating:125V; Body Material:Plastic Cap; Diameter:6.35mm; Leaded Process Compatible:Yes; Length:8.89mm RoHS Compliant: Yes FUSE, SLO-BLO, .25A,250V,5X20MM TRANSISTOR SOT-323
|
NXP Semiconductors Philips Semiconductors
|
STA2062 |
Cartesio Infotainment application processor with embedded GPS Cartesio⑩ Infotainment application processor with embedded GPS
|
STMicroelectronics
|
MMC4014 MMC4021 |
S-STAGE STATIC SHIFT REGISTERS 8-stage static shift register with synchronous parallel or serial input/serial output
|
Micro Electronics Microelectronica
|