PART |
Description |
Maker |
9GV1212P1J01 |
AC Fan 120 9AD type
|
List of Unclassifed Man...
|
9LB1448M501 9LB1424B501 9LB1424S501 9LB1412M501 |
AC Fan 120 9AD type
|
List of Unclassifed Man...
|
FFB1212VH |
120 x 120 x 25.4 MM SERIES FAN
|
DELTA
|
C9732DK-11-15 |
For soft X-ray imaging, cassette type with USB 2.0 interface Large photodiode area: 120 x 120 mm
|
Hamamatsu Corporation
|
PT2129A PT2129A-S84S PT2129A-S84D PT2129A-S21S PT2 |
FAN MALTESE 115VAC MA2B3 W/O FG Remote Fan Controller IC 遥控风扇控制IC FAN 48 DC SPRITE SD48B2 遥控风扇控制IC FAN MALTESE 12VDC MT12B3 遥控风扇控制IC
|
PTC[Princeton Technology Corp] Princeton Technology Corporation Princeton Technology, Corp.
|
TC647BEUATR TC642B TC642BEOA713 TC642BEOATR TC642B |
PWM Fan Speed Controllers With Minimum Fan Speed, Fan Restart and FanSense⑩ Technology for Fault Detection
|
MICROCHIP[Microchip Technology]
|
TC664 TC664EUN TC665 TC665EUN |
The TC665 is a single PWM mode fan speed controller with FanSense TM technology for use with brush-less DC motors. The device allows temperature proportional speed control and therefore accomplishes lower acoustic fan noise and longer fan The TC664 is a single PWM mode fan speed controller with FanSense TM technology for use with brush-less DC motors. The device allows temperature proportional speed control and therefore accomplishes lower acoustic fan noise and longer fan SMBus PWM Fan Speed Controllers With Fan Fault Detection SMBus⑩ PWM Fan Speed Controllers With Fan Fault Detection
|
MICROCHIP[Microchip Technology]
|
AT27C020 AT27C020-12JC AT27C020-12JI AT27C020-12PC |
2-Megabit 256K x 8 OTP EPROM 256K X 8 OTPROM, 70 ns, PDSO32 Octal Transparent D-Type Latches With 3-State Outputs 20-TSSOP -40 to 85 256K X 8 OTPROM, 120 ns, PDSO32 Octal Transparent D-Type Latches With 3-State Outputs 20-TSSOP -40 to 85 256K X 8 OTPROM, 120 ns, PDIP32 LED 470NM BLUE SMD PLCC4
|
Atmel, Corp. Atmel Corp. ATMEL[ATMEL Corporation]
|
DT18F08KDL-A DT18F08KSB-A DT18F08KDB-A DT18F08KEL- |
40 A, 800 V, SCR MODULE-5 100 A, 800 V, SCR 120 A, 1100 V, SCR 120 A, 1200 V, SCR 120 A, 1300 V, SCR 120 A, 1000 V, SCR
|
|
EMC6W201-AEZG |
Thermal Management Products- Brushless DC Fan Controllers & Fan Fault Detectors
|
Microchip
|
SC2128C-D80D SC2128C-D80S SC2128C-D82S SC2128C-D83 |
Remote fan control IC for electronic fan application
|
Silan Semiconductors
|