PART |
Description |
Maker |
FCX491A |
1 Amp continuous current
|
TY Semiconductor Co., Ltd
|
FMMT551 |
60 Volt VCEO, 1 Amp continuous current.
|
TY Semiconductor Co., Ltd
|
PS710B-1A PS710B-1A-A PS710BL-1A PS710BL-1A-A PS71 |
6-PIN DIP, 0.05 楼? LOW ON-STATE RESISTANCE 2.5 A CONTINUOUS LOAD CURRENT 1-ch Optical Coupled MOS FET 6-PIN DIP, 0.05 Ω LOW ON-STATE RESISTANCE 2.5 A CONTINUOUS LOAD CURRENT 1-ch Optical Coupled MOS FET
|
NEC http://
|
PS7206-1A1 PS7206-1A-E3-A PS7206-1A-F3-A PS7206-1A |
4-PIN SOP, 0.6 Ω LOW ON-STATE RESISTANCE 600 mA CONTINUOUS LOAD CURRENT 1-ch Optical Coupled MOS FET 4-PIN SOP, 0.6 楼? LOW ON-STATE RESISTANCE 600 mA CONTINUOUS LOAD CURRENT 1-ch Optical Coupled MOS FET
|
NEC
|
HS-1410RH 5962F9851801VXC HS9-1410RH-Q |
Radiation Hardened/ High Speed/ Low Power/ Current Feedback Op Amp with Output Disable CAP 4-ARRAY 47000PF 16V X7R 1206 Radiation Hardened, High Speed, Low
Power, Current Feedback Op Amp with
Output Disable(抗辐射高速、低功耗电流反馈放大器(输出禁止)) Radiation Hardened, High Speed, Low Power, Current Feedback Op Amp with Output Disable OP-AMP, PDFP10
|
Intersil Corporation Intersil, Corp.
|
PMD20K PMD20K150 PMD20K200 |
150 WATT (14 AMP CONTINUOUS, 20 AMP PEAK)
|
New Jersey Semi-Conductor Products, Inc.
|
LT1169CN8PBF |
Dual Low Noise, Picoampere Bias Current, JFET Input Op Amp; Package: PDIP; No of Pins: 8; Temperature Range: 0°C to 70°C DUAL OP-AMP, 4000 uV OFFSET-MAX, 4 MHz BAND WIDTH, PDIP8
|
Linear Technology, Corp.
|
ACS781 ACS781KLRTR-150B-T ACS781LLRTR-100B-T ACS78 |
High-Precision Linear Hall-Effect-Based Current Sensor IC With 200 μΩ Current Conductor Core-less, micro-sized, 100 A continuous current package
|
Allegro MicroSystems
|
MCP6041 MCP6043 MCP6044 MCP6042 MCP6044T MCP6041T |
The MCP6041 operational amplifier (op amp) has a gain bandwidth product of 14 kHz with a low typical operating current of 600 nA ... The MCP6044 quad operational amplifier (op amp) has a gain bandwidth product of 14 kHz with a low typical operating current of 600 ... The MCP6043 operational amplifier (op amp) has a gain bandwidth product of 14 kHz with a low typical operating current of 600 nA ... The MCP6042 dual operational amplifier (op amp) has a gain bandwidth product of 14 kHz with a low typical operating current of 600 ... 600 nA, Rail-to-Rail Input/Output Op Amps
|
MICROCHIP[Microchip Technology]
|
LTC1433CGNTR LTC1433-15 |
450mA, Low Noise Current Mode Step-Down DC/DC Converter; Package: SSOP; No of Pins: 16; Temperature Range: 0°C to 70°C 1.2 A SWITCHING REGULATOR, 700 kHz SWITCHING FREQ-MAX, PDSO16 450mA, Low Noise Current Mode Step-Down DC/DC Converters
|
Linear Technology, Corp.
|