PART |
Description |
Maker |
M80-321 M80-322 |
DATAMATE MIX-TEK POWER CONTACT FEMALE VERTICAL PC-TAIL
|
Harwin Plc
|
M80-302 M80-301 |
DATAMATE MIX-TEK COAX CONTACT FEMALE VERTICAL PC-TAIL
|
Harwin Plc
|
M80-4C10405F1-04-325-00-000 |
Datamate 2-Row Mix-Tek Female Crimp Connector, Hexagonal jackscrews, 4 x Small bore signal contacts, 4 x 12 AWG Power contacts 8 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP
|
Harwin PLC
|
M80-4T1164200-06-301-00-000 |
Datamate 2-Row Mix-Tek Female Vertical PC Tail Connector, No jackscrews, 16 x 3mm PC Tail signal contacts, 6 x 3mm PC Tail Coax contacts 22 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER
|
Harwin PLC
|
M80-5D1120500-01-317-01-317 |
Datamate 2-Row Mix-Tek Male Crimp Connector, No jackscrews, 12 x Large bore signal contacts, 2 x ?2.7mm Crimp Coax contacts
|
HARWIN INC
|
M80-335 |
DATAMATE MIX-TEK POWER CONTACT MALE STRAIGHT SOLDER
|
Harwin Plc
|
M80-5L12042M5-02-313-01-313 |
Datamate 2-Row Mix-Tek Male Horizontal PC Tail Connector, Jackscrews 5mm board mount, 20 x 3mm PC Tail signal contacts, 3 x 3mm PC Tail Coax contact
|
HARWIN INC
|
M83-LFD100N27-0000-000 M83-LFD1F2N54-0000-000 |
27 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP Datamate J-Tek 3-Row Female Large Bore Crimp Connector, gold, Hex Socket jackscrews, 3 x 18-way (54)
|
HARWIN INC
|
M80-4012601 M80-4013405 |
Datamate J-Tek DIL Female Vertical 4.5mm PC Tail Connector, gold clip tin/lead shell, with jackscrews, 13 13-way 26 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER Datamate J-Tek DIL Female Vertical 4.5mm PC Tail Connector, gold clip gold shell, with jackscrews, 17 17-way
|
Harwin PLC HARWIN INC
|
M80-5L22022M1-02-334-02-334 |
Datamate 2-Row Mix-Tek Male Horizontal PC Tail Connector, Jackscrews, 20 x 4.5mm PC Tail signal contacts, 4 x 5mm PC Tail Power contacts 24 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER
|
Harwin PLC
|
M80-5000000M2-05-331-00-000 |
Datamate 2-Row Mix-Tek Male Vertical PC Tail Connector, Jackscrews 3.5mm board mount, no signal contacts, 5 x 3.5mm PC Tail Power contacts 5 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER
|
Harwin PLC
|
|