PART |
Description |
Maker |
XC9247 XC9246 |
16V Driver Transistor Built-In Step-Down DC/DC Converters
|
Torex Semiconductor
|
BRA114EMP BRA144EMP BRA123EMP BRA124EMP BRA143EMP |
PNP Built-in Resistor Transistor MPAK Series Inverter, Driver, Switching
|
HITACHI[Hitachi Semiconductor]
|
ADP3624 ADP3623 ADP3625 ADP3633 ADP3634 |
High Speed, Dual, 4 A MOSFET Driver, non-inverting A/B input pins, 4.5V < Vin < 18V High Speed, Dual, 4 A MOSFET Driver, inverting A/B input pins, 4.5V < Vin < 18V High Speed, Dual, 4 A MOSFET Driver, inverting A & non-inverting B input pins, 4.5V < V<sub>in</sub> < 18V High Speed, Dual, 4 A MOSFET Driver, inverting A/B input pins, 9.5V < V-in < 18V High Speed, Dual, 4 A MOSFET Driver, non-inverting A/B input pins, 9.5V < Vin < 18V
|
Analog Devices
|
RN1910FE RN1911FE |
Transistor Silicon NPN Epitaxial Type (PCT process) (Bias Resistor built-in Transistor) Switching, Inverter Circuit, Interface Circuit and Driver Circuit Applications.
|
TOSHIBA
|
RN2968FE RN2967FE RN2969FE |
Transistor Silicon NPN Epitaxial Type (PCT process) (Bias Resistor built-in Transistor) Switching, Inverter Circuit, Interface Circuit and Driver Circuit Applications.
|
TOSHIBA
|
RN47A3 |
Transistor Silicon NPN PNP Epitaxial Type (PCT process) (Bias Resistor built-in Transistor) Switching, Inverter Circuit, Interface Circuit and Driver Circuit Applications.
|
TOSHIBA[Toshiba Semiconductor]
|
NE052025-28 NE050214E12 NEM054029-28 NEM054029-12 |
TRANSISTOR | BJT | NPN | 18V V(BR)CEO | 400MA I(C) | TO-39 TRANSISTOR | BJT | NPN | 6A I(C) | SOT-119VAR TRANSISTOR | BJT | NPN | 10A I(C) | SOT-119VAR TRANSISTOR | BJT | NPN | 18V V(BR)CEO | 2.2A I(C) | RFMOD 晶体管|晶体管|叩| 18V的五(巴西)总裁| 2.2AI(丙)| RFMOD TRANSISTOR | BJT | NPN | 18V V(BR)CEO | 2.2A I(C) | STX-M4 晶体管|晶体管|叩| 18V的五(巴西)总裁| 2.2AI(丙)|希捷M4 TRANSISTOR | BJT | NPN | 18V V(BR)CEO | 3A I(C) | STX-M4 晶体管|晶体管|叩| 18V的五(巴西)总裁| 3A条一(c)|希捷M4 TRANSISTOR | BJT | NPN | 12V V(BR)CEO | 750MA I(C) | RFMOD 晶体管|晶体管|叩| 12V的五(巴西)总裁| 750mA电流一(c)| RFMOD TRANSISTOR | BJT | NPN | 3A I(C) | STX-M4 晶体管|晶体管|叩| 3A条一(c)|希捷M4 TRANSISTOR | BJT | NPN | 12V V(BR)CEO | 750MA I(C) | RFMOD 晶体管|晶体管|叩| 12V的五(巴西)总裁| 750mA电流一c)| RFMOD
|
Alpha Industries, Inc. NXP Semiconductors N.V. Vicor, Corp.
|
EUM6861 |
18V PWM Fan Motor Driver
|
Eutech Microelectronics Inc
|
EUM686112 |
18V PWM Fan Motor Driver
|
Eutech Microelectronics Inc
|
EDGE819 EVM819AHF E819AHF |
Octal, 18V Pin Electronics Driver
|
Semtech Corporation
|