PART |
Description |
Maker |
FTM-6112C-SL10043G FTM-6112C-SL10045G FTM-6112C-SL |
1.25Gbps CWDM Spring-latch SFP Transceiver FIBER OPTIC TRANSCEIVER, 1465-1478nm, 1250Mbps(Tx), 1250Mbps(Rx) FIBER OPTIC TRANSCEIVER, 1425-1438nm, 1250Mbps(Tx), 1250Mbps(Rx) FIBER OPTIC TRANSCEIVER, 1485-1498nm, 1250Mbps(Tx), 1250Mbps(Rx)
|
Source Photonics, Inc.
|
TRF7565ALLT TRF2716AMLB TRF7765ALLB TRF5736AALT TR |
FIBER OPTIC TRANSCEIVER, 1480-1580nm, 622Mbps(Tx), 622Mbps(Rx), SURFACE MOUNT, LC CONNECTOR FIBER OPTIC TRANSCEIVER, 770-860nm, 1250Mbps(Tx), 1250Mbps(Rx), SURFACE MOUNT, LC CONNECTOR FIBER OPTIC TRANSCEIVER, 1530-1580nm, 1250Mbps(Tx), 1250Mbps(Rx), SURFACE MOUNT, LC CONNECTOR FIBER OPTIC TRANSCEIVER, 1270-1355nm, 1250Mbps(Tx), 1250Mbps(Rx), SURFACE MOUNT, LC CONNECTOR FIBER OPTIC TRANSCEIVER, 1263-1360nm, 155Mbps(Tx), 155Mbps(Rx), SURFACE MOUNT, LC CONNECTOR FIBER OPTIC TRANSCEIVER, 1500-1580nm, 2500Mbps(Tx), 2500Mbps(Rx), SURFACE MOUNT, LC CONNECTOR FIBER OPTIC TRANSCEIVER, 1266-1360nm, 2500Mbps(Tx), 2500Mbps(Rx), SURFACE MOUNT, LC CONNECTOR FIBER OPTIC TRANSCEIVER, 1260-1360nm, 2500Mbps(Tx), 2500Mbps(Rx), SURFACE MOUNT, LC CONNECTOR
|
OPNEXT INC
|
SPC-MR-EIR-1271-CNA SPC-MR-EIR-1291-CNA SPC-MR-EIR |
FIBER OPTIC TRANSCEIVER, 1265-1278nm, 2700Mbps(Tx), 2700Mbps(Rx), SURFACE MOUNT, LC CONNECTOR ROHS COMPLIANT PACKAGE FIBER OPTIC TRANSCEIVER, 1285-1298nm, 2700Mbps(Tx), 2700Mbps(Rx), SURFACE MOUNT, LC CONNECTOR ROHS COMPLIANT PACKAGE FIBER OPTIC TRANSCEIVER, 1325-1338nm, 2700Mbps(Tx), 2700Mbps(Rx), SURFACE MOUNT, LC CONNECTOR ROHS COMPLIANT PACKAGE FIBER OPTIC TRANSCEIVER, 1345-1358nm, 2700Mbps(Tx), 2700Mbps(Rx), SURFACE MOUNT, LC CONNECTOR ROHS COMPLIANT PACKAGE FIBER OPTIC TRANSCEIVER, 1305-1318nm, 2700Mbps(Tx), 2700Mbps(Rx), SURFACE MOUNT, LC CONNECTOR ROHS COMPLIANT PACKAGE FIBER OPTIC TRANSCEIVER, 1605-1618nm, 2700Mbps(Tx), 2700Mbps(Rx), SURFACE MOUNT, LC CONNECTOR FIBER OPTIC TRANSCEIVER, 1525-1538nm, 2700Mbps(Tx), 2700Mbps(Rx), SURFACE MOUNT, LC CONNECTOR
|
|
SPC-03-LR-49TNA SPC-03-LR-53TDA SPC-03-LR-55TDA SP |
FIBER OPTIC TRANSCEIVER, 1485-1498nm, 155Mbps(Tx), 155Mbps(Rx), SURFACE MOUNT ROHS COMPLIANT PACKAGE FIBER OPTIC TRANSCEIVER, 1505-1518nm, 155Mbps(Tx), 155Mbps(Rx), SURFACE MOUNT ROHS COMPLIANT PACKAGE FIBER OPTIC TRANSCEIVER, 1545-1518nm, 155Mbps(Tx), 155Mbps(Rx), SURFACE MOUNT ROHS COMPLIANT PACKAGE FIBER OPTIC TRANSCEIVER, 1465-1478nm, 155Mbps(Tx), 155Mbps(Rx), SURFACE MOUNT ROHS COMPLIANT PACKAGE FIBER OPTIC TRANSCEIVER, 1565-1578nm, 155Mbps(Tx), 155Mbps(Rx), SURFACE MOUNT ROHS COMPLIANT PACKAGE FIBER OPTIC TRANSCEIVER, 1605-1618nm, 155Mbps(Tx), 155Mbps(Rx), SURFACE MOUNT ROHS COMPLIANT PACKAGE FIBER OPTIC TRANSCEIVER, 1585-1598nm, 155Mbps(Tx), 155Mbps(Rx), SURFACE MOUNT ROHS COMPLIANT PACKAGE
|
SPC Technology
|
SPC-48-LR-39CNA SPC-48-LR-61CDA SPC-48-LR-43CNA SP |
FIBER OPTIC TRANSCEIVER, 1200-1625nm, 2488Mbps(Tx), 2488Mbps(Rx), PANEL MOUNT ROHS COMPLIANT PACKAGE-20 FIBER OPTIC TRANSCEIVER, 1404-1417nm, 2488Mbps(Tx), 2488Mbps(Rx) OC-48 LR/STM-16 L-16.2 CWDM SFP Transceiver
|
Source Photonics, Inc.
|
B-13-622-TDPM3-SSC4-60 B-15-622-TDPM3-SSC4-60 B-13 |
FIBER OPTIC TRANSCEIVER, 1480-1580nm, 622Mbps(Tx), 622Mbps(Rx), THROUGH HOLE MOUNT, SC CONNECTOR FIBER OPTIC TRANSCEIVER, 1260-1360nm, 622Mbps(Tx), 622Mbps(Rx), THROUGH HOLE MOUNT, FC CONNECTOR 622 Mbps Bi-directional Single Fiber Transceiver
|
Source Photonics, Inc.
|
C-15-155-TDFB-SSC12D C-15-155-TDFB3-SSC12D C-15-15 |
155 Mbps DFB Laser Single Mode Transceiver (Ultra-LR) FIBER OPTIC TRANSCEIVER, 1500-1600nm, 155Mbps(Tx), 155Mbps(Rx), THROUGH HOLE MOUNT, FC CONNECTOR FIBER OPTIC TRANSCEIVER, 1500-1600nm, 155Mbps(Tx), 155Mbps(Rx), THROUGH HOLE MOUNT, ST CONNECTOR
|
Source Photonics, Inc. http://
|
PH1-7LPFA4362 PH1-7LPFC4362 PH1-FLPFC4362 PH1-MLPF |
FIBER OPTIC TRANSCEIVER, TRANSPONDER, 10709Mbps(Tx), 10709Mbps(Rx), FC/UPC CONNECTOR FIBER OPTIC TRANSCEIVER, TRANSPONDER, 10660Mbps(Tx), 10660Mbps(Rx), FC/UPC CONNECTOR FIBER OPTIC TRANSCEIVER, TRANSPONDER, 10000Mbps(Tx), 10000Mbps(Rx), FC/UPC CONNECTOR FIBER OPTIC TRANSCEIVER, TRANSPONDER, 10660Mbps(Tx), 10660Mbps(Rx), LC/SPC CONNECTOR FIBER OPTIC TRANSCEIVER, TRANSPONDER, 10709Mbps(Tx), 10709Mbps(Rx), LC/SPC CONNECTOR FIBER OPTIC TRANSCEIVER, TRANSPONDER, 10660Mbps(Tx), 10660Mbps(Rx), SC/UPC CONNECTOR FIBER OPTIC TRANSCEIVER, TRANSPONDER, 10709Mbps(Tx), 10709Mbps(Rx), SC/UPC CONNECTOR FIBER OPTIC TRANSCEIVER, TRANSPONDER, 10000Mbps(Tx), 10000Mbps(Rx), LC/SPC CONNECTOR FIBER OPTIC TRANSCEIVER, TRANSPONDER, SC/UPC CONNECTOR FIBER OPTIC TRANSCEIVER, TRANSPONDER, 10000Mbps(Tx), 10000Mbps(Rx), SC/UPC CONNECTOR FIBER OPTIC TRANSCEIVER, TRANSPONDER, FC/UPC CONNECTOR FIBER OPTIC TRANSCEIVER, TRANSPONDER, LC/SPC CONNECTOR
|
JDS Uniphase, Corp. JDS UNIPHASE CORP
|
SCP69N4-GL-YN-41 SCP6EN4-GL-BN-61 |
FIBER OPTIC TRANSCEIVER, 1405-1418nm, 1250Mbps(Tx), 1250Mbps(Rx), SURFACE MOUNT, LC CONNECTOR FIBER OPTIC TRANSCEIVER, 1605-1618nm, 1250Mbps(Tx), 1250Mbps(Rx), SURFACE MOUNT, LC CONNECTOR
|
Omron Electronics, LLC
|
HFBR-5910E HFBR5910E |
FIBER OPTIC TRANSCEIVER
|
Agilent Technologies
|
|