PART |
Description |
Maker |
LPS-RK-45SP LPS-RK-15SP LPS-RK-2-1/2SP LPS-RK-4/10 |
TIME DELAY BLOW ELECTRIC FUSE, 45A, 600VAC, 300VDC, 300000A (IR), INLINE/HOLDER TIME DELAY BLOW ELECTRIC FUSE, 15A, 600VAC, 300VDC, 300000A (IR), INLINE/HOLDER TIME DELAY BLOW ELECTRIC FUSE, 2.5A, 600VAC, 300VDC, 300000A (IR), INLINE/HOLDER TIME DELAY BLOW ELECTRIC FUSE, 0.4A, 600VAC, 300VDC, 300000A (IR), INLINE/HOLDER TIME DELAY BLOW ELECTRIC FUSE, 1.6A, 600VAC, 300VDC, 300000A (IR), INLINE/HOLDER TIME DELAY BLOW ELECTRIC FUSE, 4.5A, 600VAC, 300VDC, 300000A (IR), INLINE/HOLDER TIME DELAY BLOW ELECTRIC FUSE, 12A, 600VAC, 300VDC, 300000A (IR), INLINE/HOLDER TIME DELAY BLOW ELECTRIC FUSE, 2.8A, 600VAC, 300VDC, 300000A (IR), INLINE/HOLDER TIME DELAY BLOW ELECTRIC FUSE, 0.3A, 600VAC, 300VDC, 300000A (IR), INLINE/HOLDER TIME DELAY BLOW ELECTRIC FUSE, 30A, 600VAC, 300VDC, 300000A (IR), INLINE/HOLDER TIME DELAY BLOW ELECTRIC FUSE, 1.5A, 600VAC, 300VDC, 300000A (IR), INLINE/HOLDER TIME DELAY BLOW ELECTRIC FUSE, 1.8A, 600VAC, 300VDC, 300000A (IR), INLINE/HOLDER TIME DELAY BLOW ELECTRIC FUSE, 10A, 600VAC, 300VDC, 300000A (IR), INLINE/HOLDER TIME DELAY BLOW ELECTRIC FUSE, 3.2A, 600VAC, 300VDC, 300000A (IR), INLINE/HOLDER TIME DELAY BLOW ELECTRIC FUSE, 1.4A, 600VAC, 300VDC, 300000A (IR), INLINE/HOLDER TIME DELAY BLOW ELECTRIC FUSE, 40A, 600VAC, 300VDC, 300000A (IR), INLINE/HOLDER TIME DELAY BLOW ELECTRIC FUSE, 20A, 600VAC, 300VDC, 300000A (IR), INLINE/HOLDER TIME DELAY BLOW ELECTRIC FUSE, 3.5A, 600VAC, 300VDC, 300000A (IR), INLINE/HOLDER TIME DELAY BLOW ELECTRIC FUSE, 2.25A, 600VAC, 300VDC, 300000A (IR), INLINE/HOLDER TIME DELAY BLOW ELECTRIC FUSE, 1.25A, 600VAC, 300VDC, 300000A (IR), INLINE/HOLDER TIME DELAY BLOW ELECTRIC FUSE, 1.125A, 600VAC, 300VDC, 300000A (IR), INLINE/HOLDER
|
Cooper Bussmann, Inc.
|
TR2-S505H-3.15-R TR2-S505H-6.3-R TR2-S505H-1.6-R T |
TIME DELAY BLOW ELECTRIC FUSE, 3.15A, 600VAC, 400VDC, 100A (IR), INLINE/HOLDER TIME DELAY BLOW ELECTRIC FUSE, 6.3A, 500VAC, 400VDC, 100A (IR), INLINE/HOLDER TIME DELAY BLOW ELECTRIC FUSE, 1.6A, 600VAC, 400VDC, 100A (IR), INLINE/HOLDER TIME DELAY BLOW ELECTRIC FUSE, 1.25A, 600VAC, 400VDC, 100A (IR), THROUGH HOLE TIME DELAY BLOW ELECTRIC FUSE, 5A, 600VAC, 400VDC, 100A (IR), INLINE/HOLDER TIME DELAY BLOW ELECTRIC FUSE, 1A, 600VAC, 400VDC, 100A (IR), INLINE/HOLDER TIME DELAY BLOW ELECTRIC FUSE, 2.5A, 600VAC, 400VDC, 100A (IR), INLINE/HOLDER TIME DELAY BLOW ELECTRIC FUSE, 3.15A, 600VAC, 400VDC, 100A (IR), THROUGH HOLE
|
COOPER INDUSTRIES
|
CCMR030 CCMR050 |
TIME DELAY BLOW ELECTRIC FUSE, 30A, 600VAC, 500VDC, 200000A (IR), INLINE/HOLDER TIME DELAY BLOW ELECTRIC FUSE, 50A, 600VAC, 250VDC, 200000A (IR), INLINE/HOLDER
|
|
TR2/GMD-800MA-R BK1/GMD-800MA-R |
TIME DELAY BLOW ELECTRIC FUSE, 0.8A, 250VAC, 35A (IR), INLINE/HOLDER
|
COOPER INDUSTRIES
|
FLNR110 |
TIME DELAY BLOW ELECTRIC FUSE, 110A, 250VAC, 125VDC, 200000A (IR), INLINE/HOLDER
|
|
BK/C515-7-R |
FUSE 7.00A 125V T-LAG GLASS C515 TIME DELAY BLOW ELECTRIC FUSE, 7A, 125VAC, 400A (IR), THROUGH HOLE
|
Cooper Bussmann, Inc.
|
BD5323FVE-TR BD5323G-TR BD5240G-TR BD5242G-TR BD52 |
Free Delay Time Setting CMOS Voltage Detector IC Series Delay time controlled by extemal capacitor Free Delay Time Setting CMOS Voltage Detector IC Series Delay Time Controlled by external Capacitor, Two output types Highly accurate, low current consumption Voltage Detector ICs with a capacitor-controlled time delay.
|
Rohm
|
1504 1504SERIES 1504-600F 1504-80B 1504-80C 1504-7 |
FIXED DIP DELAY LINE TD/TR = 5 Delay 20 /-1.0 ns, Fixed dip delay line Td/Tr=5 Delay 60 /-3 ns, Fixed dip delay line Td/Tr=5 Delay 800 /-40 ns, Fixed dip delay line Td/Tr=5 Delay 40 /-2 ns, Fixed dip delay line Td/Tr=5 Delay 400 /-20 ns, Fixed dip delay line Td/Tr=5 Delay 750 /-37.5 ns, Fixed dip delay line Td/Tr=5 Delay 225 /-12 ns, Fixed dip delay line Td/Tr=5 Delay 140 /-7 ns, Fixed dip delay line Td/Tr=5 Delay 100 /-5 ns, Fixed dip delay line Td/Tr=5 Delay 220 /-11 ns, Fixed dip delay line Td/Tr=5 Delay 380 /-19 ns, Fixed dip delay line Td/Tr=5 Delay 480 /-24 ns, Fixed dip delay line Td/Tr=5 Delay 120 /-6 ns, Fixed dip delay line Td/Tr=5 Delay 150 /-7.5 ns, Fixed dip delay line Td/Tr=5 Delay 450 /-22.5 ns, Fixed dip delay line Td/Tr=5 Delay 75 /-3.8 ns, Fixed dip delay line Td/Tr=5 Delay 360 /-18 ns, Fixed dip delay line Td/Tr=5 Delay 25 /-1.3 ns, Fixed dip delay line Td/Tr=5 Delay 250 /-12.5 ns, Fixed dip delay line Td/Tr=5 Fixed passive DIP delay line PASSIVE DELAY LINE, TRUE OUTPUT, DIP16 Delay 160 /-8 ns, Fixed dip delay line Td/Tr=5 Delay 375 /-18.8 ns, Fixed dip delay line Td/Tr=5 Delay 50 /-2.5 ns, Fixed dip delay line Td/Tr=5 Delay 320 /-16 ns, Fixed dip delay line Td/Tr=5 Delay 90 /-4.5 ns, Fixed dip delay line Td/Tr=5 Delay 45 /-2.3 ns, Fixed dip delay line Td/Tr=5 Delay 1000 /-50 ns, Fixed dip delay line Td/Tr=5 Delay 10 /-1 ns, Fixed dip delay line Td/Tr=5 Delay 125 /-6.3 ns, Fixed dip delay line Td/Tr=5 Delay 30 /-1.5 ns, Fixed dip delay line Td/Tr=5 Delay 180 /-9 ns, Fixed dip delay line Td/Tr=5 Delay 500 /-25 ns, Fixed dip delay line Td/Tr=5 Delay 300 /-15 ns, Fixed dip delay line Td/Tr=5 Delay 200 /-10 ns, Fixed dip delay line Td/Tr=5 Delay 240 /-12 ns, Fixed dip delay line Td/Tr=5 Delay 80 /-4 ns, Fixed dip delay line Td/Tr=5 Delay 600 /-30 ns, Fixed dip delay line Td/Tr=5
|
Data Delay Devices, Inc... DATA DELAY DEVICES INC
|
AM29LV800DB-120SD AM29LV800DB-120ED AM29LV800DB-12 |
8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory Time-Delay Relay; Time Range:0.1 sec. to 30 sec.; Mounting Type:Plug In; Timing Function:Delay-On-Make; Relay Mounting:Plug-In; Supply Voltage AC, Max:230V; Supply Voltage AC, Min:115V; Supply Voltage DC, Max:230V RoHS Compliant: Yes Time-Delay Relay; Contacts:NO; Time Range:0.1 to 102.4s; Timing Function:Delay-On-Make; Supply Voltage Max:288V; Supply Voltage Min:100V; Time Range Max:102.4s; Time Range Min:0.1s RoHS Compliant: Yes Low Voltage, Active Transmission Line Termination Clamp (4 Terminations) Time-Delay Relay; Time Range:0.1 - 30; Timing Function:Delay-On-Make; Time Range Max:30s; Time Range Min:0.1s Time-Delay Relay; Time Range:0.1 sec. to 30 sec.; Mounting Type:Plug-In; Timing Function:Delay-On-Make; Supply Voltage:115V RoHS Compliant: Yes Time-Delay Relay; Time Range:1sec. to 1024 sec.; Mounting Type:Plug In; Timing Function:Delay-On-Make; Relay Mounting:Plug-In; Supply Voltage AC, Max:288V; Supply Voltage AC, Min:19V; Supply Voltage DC, Max:288V RoHS Compliant: Yes 2-Port PCI-X to PCI-X Bridge Time-Delay Relay; Contacts:NO; Timing Function:Delay-On-Make; Supply Voltage Max:50V; Supply Voltage Min:18V; Time Range Max:102.4s; Time Range Min:0.1s RoHS Compliant: Yes 512K X 16 FLASH 3V PROM, 120 ns, PDSO48
|
Advanced Micro Devices, Inc.
|
GS84032AB-180 GS84018AB-180 GS84036AB-180 GS84036A |
256K x 18, 128K x 32, 128K x 36 4Mb Sync Burst SRAMs 256 × 1828K的3228K的36 4Mb的同步突发静态存储器 256K x 18/ 128K x 32/ 128K x 36 4Mb Sync Burst SRAMs Time-Delay Relay; Contacts:SPST-NC; Time Range:0.1 - 60 sec.; Mounting Type:Panel; Timing Function:Delay-On-Break; Supply Voltage:12VDC; Time Range Max:60s; Time Range Min:0.1s
|
ETC Electronic Theatre Controls, Inc.
|
|