PART |
Description |
Maker |
ADP3335 ADP3335ARM-18 ADP3335ARM-25 ADP3335ARM-285 |
0.3-16V; 200mW; 500MHz, high accuracy ultralow 500mA anyCAP low dropout regulator. For PCMCIA card, cellular phones, camcorders and cameras High Accuracy Ultralow IQ/ 500 mA anyCAP Low Dropout Regulator Cap-Free, NMOS, 150mA Low Dropout Regulator with Reverse Current Protection High Accuracy Ultralow IQ, 500 mA anyCAP Low Dropout Regulator High Accuracy Ultralow Quiescent Current, 500mA, anyCAP?Low Dropout
|
Analog Devices, Inc. AD[Analog Devices] http://
|
ADP3334ACP-REEL7 ADP3334AR-REEL ADP3334AR-REEL7 AD |
High Accuracy Low I<SUB>Q</SUB>, 500 mA anyCAP® Adjustable Low Dropout Regulator High Accuracy Low IQ, 500 mA anyCAP® Adjustable Low Dropout Regulator Cap-Free, NMOS, 150mA Low Dropout Regulator with Reverse Current Protection 1.5 V-10 V ADJUSTABLE POSITIVE LDO REGULATOR, 0.4 V DROPOUT, PDSO8 High Accuracy, Low IQ, anyCAP? Adjustable Low Dropout Regulator
|
Analog Devices, Inc.
|
MAX6709 MAX6709-MAX6714 MAX6714 MAX6714CUB MAX6709 |
60 mA, 2.0 V to 5.5 V, low-voltage, high-accuracy, quad voltage monitor Low-Voltage / High-Accuracy / Quad Voltage Monitors in MAX Package Low-Voltage, High-Accuracy, Quad Voltage Monitors in レMAX Package LOW-VOLTAGE, HIGH-ACCURACY, QUAD VOLTAGE MONITORS IN ヌMAX PACKAGE "Low-Voltage, High-Accuracy, Quad Voltage Monitors in ?MAX Package" Low-Voltage, High-Accuracy, Quad Voltage Monitors in MAX Package Low-Voltage, High-Accuracy, Quad Voltage Monitors in μMAX Package 35 mA, 2.0 V to 5.5 V, low-voltage, high-accuracy, quad voltage monitor
|
MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products] Maxim Integrated Products, Inc.
|
AME7106 AME7106A AME7106ACKW AME7106CPL AME7106R A |
3-1/2 Digit A/D Converter High Accuracy, Low Power
|
AME[Analog Microelectronics]
|
ADP3307ART-33 ADP3307ART-32 |
High Accuracy anyCAP?/a> 100 mA Low Dropout Linear Regulator High Accuracy anyCAP100 mA Low Dropout Linear Regulator 高精anyCAP⑩一○○毫安低压差线性稳压器
|
Analog Devices, Inc.
|
MAX16008 MAX16008TP MAX16009TG |
Low-Voltage, High-Accuracy, Quad Window Voltage Detectors in Thin QFN Low-Voltage, High-Accuracy, Quad Window Monitor in Small TQFN Package
|
Maxim Integrated Products
|
ADP3339 ADP3339AKC-18 ADP3339AKC-25 ADP3339AKC-285 |
High-Accuracy Ultralow IQ, 1.5 A, anyCAP Low Dropout Regulator 5 V FIXED POSITIVE LDO REGULATOR, 0.48 V DROPOUT, PDSO4 High-Accuracy Ultralow Iq, 1.5 A, anyCAPLow Dropout Regulator High-Accuracy Ultralow Iq, 1.5 A, anyCAP?Low Dropout Regulator High-Accuracy Ultralow IQ, 1.5 A, anyCAP Low Dropout Regulator High-Accuracy Ultralow IQ 1.5 A anyCAP Low Dropout Regulator High-Accuracy Ultralow IQ/ 1.5 A/ anyCAP Low Dropout Regulator Circular Connector; No. of Contacts:24; Series:MS27474; Body Material:Aluminum; Connecting Termination:Crimp; Connector Shell Size:24; Circular Contact Gender:Pin; Circular Shell Style:Jam Nut Receptacle; Insert Arrangement:24-24 RoHS Compliant: No Circular Connector; No. of Contacts:85; Series:MS27474; Body Material:Aluminum; Connecting Termination:Crimp; Connector Shell Size:22; Circular Contact Gender:Pin; Circular Shell Style:Jam Nut Receptacle; Insert Arrangement:22-2 RoHS Compliant: No JT 85C 85#22 PIN RECP JT 100C 100#22D SKT RECP 0.3-8.5V; high-accuracy ultralow Ig, 1.5A, anyCAP low dropout regulator. For notebook, palmtop computers, SCSI terminators, battery-powered systems, PCMCIA regulator
|
ANALOG DEVICES INC AD[Analog Devices] Analog Devices, Inc.
|
TSV854A TSV854AIDT TSV854AIPT TSV854AIYPT TSV850A |
Low-power, high accuracy, general-purpose operational amplifier
|
ST Microelectronics
|
ADP3330 ADP3330ART-25 ADP3330ART-275 ADP3330ART-28 |
THREE-TERMINAL POSITIVE FIXED VOLTAGE REGULATORS 3.3 V FIXED POSITIVE LDO REGULATOR, 0.23 V DROPOUT, PDSO6 Cap-Free, NMOS, 150mA Low Dropout Regulator with Reverse Current Protection 无电容,NMOS管,150mA的低压差稳压器的反向电流保护 Cap-Free, NMOS, 150mA Low Dropout Regulator with Reverse Current Protection 3 V FIXED POSITIVE LDO REGULATOR, 0.23 V DROPOUT, PDSO6 THREE-TERMINAL POSITIVE FIXED VOLTAGE REGULATORS 2.75 V FIXED POSITIVE LDO REGULATOR, 0.23 V DROPOUT, PDSO6 THREE-TERMINAL POSITIVE FIXED VOLTAGE REGULATORS 3.6 V FIXED POSITIVE LDO REGULATOR, 0.23 V DROPOUT, PDSO6 High Accuracy Ultralow IQ/ 200 mA/ SOT-23/ anyCAP Low Dropout Regulator High Accuracy Ultralow IQ, 200 mA, SOT-23, anyCAP Low Dropout Regulator High Accuracy Ultralow IQ, 200 mA, SOT-23, anyCAP⑩ Low Dropout Regulator High Accuracy Ultralow I(Q), 200 mA, SOT-23, anyCAP® Low Dropout Regulator Analog Devices High Accuracy Ultralow I(Q), 200 mA, SOT-23, anyCAPLow Dropout Regulator High Accuracy Ultralow IQ, 200 mA, SOT-23, anyCAP?/a> Low Dropout Regulator
|
Analog Devices, Inc. AD[Analog Devices]
|
TMP117 |
<font color=red>[Old version datasheet]</font> High-Accuracy, Low-Power, Digital Temperature Sensor With SMBus- and I2C-Compatible Interface
|
TI store
|
NCV8535MN150R2G NCV8535MNADJR2G NCV8535MN285R2G NC |
Ultra High Accuracy, Low Iq, 500 mA Low Dropout Regulator with Enable
|
ON Semiconductor
|
|