PART |
Description |
Maker |
BA982 LL4148 LS4154 BAV21 LS4150 |
SILICON, VHF BAND, MIXER DIODE 0.15 A, 100 V, SILICON, SIGNAL DIODE, DO-213AA 0.15 A, 35 V, SILICON, SIGNAL DIODE 0.25 A, 250 V, SILICON, SIGNAL DIODE, DO-35 0.3 A, 50 V, SILICON, SIGNAL DIODE
|
TEMIC SEMICONDUCTORS
|
1N914BT-10 1N914BT-87Y 1N914BT-12A 1N914BT-85 1N91 |
0.15 A, 100 V, SILICON, SIGNAL DIODE, DO-35 0.13 A, 90 V, SILICON, SIGNAL DIODE, DO-35 0.11 A, 40 V, SILICON, SIGNAL DIODE, DO-35 0.2 A, 250 V, SILICON, SIGNAL DIODE, DO-35 0.15 A, 75 V, SILICON, SIGNAL DIODE, DO-35 0.2 A, 40 V, SILICON, SIGNAL DIODE, DO-34 0.05 A, 40 V, SILICON, SIGNAL DIODE, DO-35 0.11 A, 40 V, SILICON, SIGNAL DIODE, DO-34 0.2 A, 200 V, SILICON, SIGNAL DIODE, DO-35 0.13 A, 90 V, SILICON, SIGNAL DIODE, DO-34 0.05 A, 40 V, SILICON, SIGNAL DIODE, DO-34
|
|
FFM101 FFM102 FM107 FFM107 FFM104 FFM106 FFM105 FF |
1 A, 100 V, SILICON, SIGNAL DIODE, DO-214AC SURFACE MOUNT GLASS PASSIVATED FAST RECOVERY SILICON RECTIFIER VOLTAGE RANGE 50 to 1000 Volts CURRENT 1.0 Ampere 1 A, 1000 V, SILICON, SIGNAL DIODE, DO-214AC
|
Rectron Semiconductor RECTRON LTD
|
CRSH1-4 CRSH1-10 CRSH1-6 CRSH1-8 CRSH1-2 CRSH1-5 |
SCHOTTKY BARRIER RECTIFIER 1.0 AMPS, 20 THRU 100 VOLTS 1 A, 100 V, SILICON, SIGNAL DIODE, DO-41
|
Central Semiconductor Corp. Central Semiconductor, Corp.
|
CT38 CT24 |
0.2 A, 100 V, SILICON, SIGNAL DIODE, DO-35 0.1 A, 150 V, SILICON, SIGNAL DIODE, DO-35
|
|
BYM10-1000/26 BYM10-600/46 BYM10-100/26 GL41T-HE3 |
1 A, 1000 V, SILICON, SIGNAL DIODE, DO-213AB PLASTIC PACKAGE-2 1 A, 600 V, SILICON, SIGNAL DIODE, DO-213AB PLASTIC PACKAGE-2 1 A, 100 V, SILICON, SIGNAL DIODE, DO-213AB PLASTIC PACKAGE-2 1 A, 1300 V, SILICON, SIGNAL DIODE, DO-213AB
|
Vishay Beyschlag VISHAY SEMICONDUCTORS
|
SF12-13 |
1 A, 100 V, SILICON, SIGNAL DIODE, DO-41
|
DIODES INC
|
U1BC44 |
0.9 A, 100 V, SILICON, SIGNAL DIODE
|
|
CMPD7000TRLEADFREE |
0.2 A, 100 V, 2 ELEMENT, SILICON, SIGNAL DIODE
|
CENTRAL SEMICONDUCTOR CORP
|
CMSD7000BKLEADFREE |
0.2 A, 100 V, 2 ELEMENT, SILICON, SIGNAL DIODE
|
CENTRAL SEMICONDUCTOR CORP
|
FLLD258TA |
0.25 A, 100 V, 2 ELEMENT, SILICON, SIGNAL DIODE
|
DIODES INC
|
|