PART |
Description |
Maker |
S8JX-G10012 S8JX-G10012D S8JX-G05005 S8JX-G05005D |
Switch Mode Power Supply Wide Variety of Output Voltage Variations: 48 V for 15 to 150 W, and 5 or 12 V for 150 W
|
Omron Electronics LLC
|
LD808-5-TO3 |
Output power5.0w(CW) Variety of stripe width Efficient quantum well structure
|
Roithner LaserTechnik GmbH
|
OK-XA3XXXX-X |
extremely low phase noise and jitter with variety of different output types in a small surface mount FR4 based package
|
Nel Frequency Controls,...
|
AN6701S AN6701 |
Switch Mode Power Supply; Output Power:1512W; No. of Outputs:1; Output 1 VDC :360VDC; Output Current 1:4.2A; Power Supply Mounting:PC Board; Leaded Process Compatible:Yes; Output Current:4.2A; Output Power Max:1512W RoHS Compliant: Yes 温度传感器IC Temperature Sensor IC
|
Panasonic, Corp. PANASONIC[Panasonic Semiconductor]
|
BL22P64 |
BL22P64 can be used for dedicated control functions in a variety of applications
|
SHANGHAI BELLING CO., LTD.
|
413-2646 |
Perfect for cutting jackets off a variety of fibre optic cable
|
List of Unclassifed Manufacturers
|
ACT3000 |
TCXOs and VCTCXOs housed in a variety of Surface Mount and Through Hole packages
|
Advanced Crystal Technology
|
FS100UM-03 |
100 A, 30 V, 0.0054 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220 Bench Power Supply; Output Voltage:30V; Output Current:3A; Number of Outputs:3; Calibrated:Yes; Certificate of Calibration:Yes; Output Current 2:.5A; Output Current 3:.5A; Output Voltage 2:12V; Output Voltage 3:5V HIGH-SPEED SWITCHING USE
|
Mitsubishi Electric Corporation MITSUBISHI[Mitsubishi Electric Semiconductor]
|
DAN215 DAN209 DAN209S DAP201 DAP215 DAN201 DAP209 |
AC/DC Power Supply; Output Power:26.4W; No. of Outputs:1; Output 1 VDC :3.3VDC; Output Current 1:8A; Power Supply Mounting:PC Board; Leaded Process Compatible:Yes RoHS Compliant: Yes Epitaxial Planar Silicon Diode Arrays
|
Rohm CO.,LTD. ROHM[Rohm]
|
M-AT-1LR |
High reliability rotary attenuator for adjusting the signal level in variety of high frequency devices
|
Hirose Electric
|
DBF60T |
Switch Mode Power Supply; Series:ZPS; Output Voltage:15VDC; Output Power Max:40W; Output Current:2.67A; Number of Outputs:1; Approval Bodies:UR, CSA, CE 6.0A Single-Phase Bridge Rectifier
|
Sanyo Electric Co.,Ltd. SANYO[Sanyo Semicon Device]
|