Part Number Hot Search : 
SHVM10 AS2916 2DRWH6SM 022H1 LM5041B C3510 U473K06 N111197
Product Description
Full Text Search
  stripe Datasheet PDF File

For stripe Found Datasheets File :: 3081    Search Time::1.204ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

    OL-STRIPE

Everlight Electronics Co., Ltd
Part No. OL-stripe
OCR Text ....com office lighting stripe luminaire series features ? no uv light radiation ? ful...
Description The light source of the OL-stripe series is suggested the Everlight LED T5 Cobra light tube.

File Size 264.35K  /  5 Page

View it Online

Download Datasheet





    TDA5155 TDA5155X

PHILIPS[Philips Semiconductors]
Part No. TDA5155 TDA5155X
OCR Text ...A5155 * Designed for 10 dual-stripe MR-read/inductive write heads * Current bias-current sense architecture * Single supply voltage (5.0 V 10%); a separate write drivers supply pin can be biased from VCC to 8 V +10% * MR elements connect...
Description Pre-amplifier for Hard Disk Drive HDD with MR-read/inductive write heads

File Size 104.27K  /  24 Page

View it Online

Download Datasheet

    AUO
Part No. B133EW07-V1 B133EW07V1
OCR Text ...4cm) pixel format 1280 (rgb stripe, h) x 800 (v) pixel pitch 0.2235(v) x 3x0.0745(h) mm color depth 18-bits (6r, 6g, 6b), 262144 colors pooling requirement rigid post spacer with strong p ooling resistance packaging prot...
Description LCD Module

File Size 1,233.94K  /  55 Page

View it Online

Download Datasheet

    WEDC[White Electronic Designs Corporation]
Part No. ENH038QD1-650 ENH038QD1-450 ENH038QD1-600
OCR Text ...d of 76,800 pixel elements in a stripe arrangement. ENH038QD1450/600/650 ENH038QD1-450/600/650 Color TFT-LCD Module Features Wide viewing angle technology is employed. (The most suitable viewing angle is in the 6 o'clock direction.) ...
Description ENH038QD1-450/600/650 Color TFT-LCD Module Features

File Size 212.05K  /  15 Page

View it Online

Download Datasheet

    PRIME VIEW
Part No. PD057VU1
OCR Text ...th back-light u nit . pixel in stripe configuration . thin and light weight . display colors ? 262,144 colors . ttl interface 3. mechanical specifications parameter specifications unit screen size 5.7 (diagonal) inc...
Description TFT LCD Module

File Size 666.84K  /  18 Page

View it Online

Download Datasheet

    ALTERA[Altera Corporation]
Part No. EPXA4
OCR Text ... simultaneous accesses from the stripe and PLD results in incorrect memory accesses. Simultaneous accesses to different addresses are not affected. Work Around Do not use the DPRAM locking feature. Instead, use a handshake mechanism suc...
Description Excalibur Devices

File Size 280.28K  /  34 Page

View it Online

Download Datasheet

    ETC[ETC]
Part No. M150X3-T03
OCR Text ....) 530(Typ.)/570(Max.) Vertical stripe: TBD(Typ.)/-(Max.) 450(Typ.)/480(Max.) Differential Input Voltage for LVDS Receiver Threshold: "H" Level: 2.64(Min.)/Vcc(Max.) 2.4(Min.)/3.6(Max.) "L" Level: GND(Min.)/0.6(Max.) 0(Min.)/0.6(Max.) Delet...
Description From old datasheet system
15.0 TFT Liquid Crystal Display module

File Size 618.63K  /  27 Page

View it Online

Download Datasheet

    ETC[ETC]
Part No. M150X3-T05
OCR Text ....297(H) x 0.297(W) RGB vertical stripe 262,144 Normally white Unit mm mm pixel mm color Note (1) - 1.5 MECHANICAL SPECIFICATIONS Item Horizontal(H) Module Size Vertical(V) Depth(D) Weight Min. Typ. 331.6 254.76 13.0 Max. 1,350 Unit mm m...
Description 15.0? TFT Liquid Crystal Display module
15.0 TFT Liquid Crystal Display module
From old datasheet system

File Size 656.05K  /  26 Page

View it Online

Download Datasheet

    MITSUBISHI[Mitsubishi Electric Semiconductor]
Part No. M65762FP
OCR Text ... the screen. * Supporting multi-stripe * When a page consists of more than one stripe, is capable of repeating encoding/decoding process in stripes. * Built-in load/store function of line memory planes and multi-stripe function * Is capable...
Description QM-CODER(purpose of reducing)

File Size 135.63K  /  28 Page

View it Online

Download Datasheet

    UPD16448A UPD16448AN

NEC[NEC]
Part No. UPD16448A UPD16448AN
OCR Text ...Simultaneous sampling: vertical stripe Successive sampling: * Two sample and hold circuits * Low output deviation between pins ( 20 mV MAX.) * stripe, delta, and mosaic pixel arrays supported by internal multiplexer circuit * Left and right...
Description SOURCE DRIVER FOR 240-OUTPUT TFT-LCD NAVIGATION AUTOMOBILE LCD-TV
SOURCE DRIVER FOR 240-OUTPUT TFT-LCD NAVIGATION, AUTOMOBILE LCD-TV

File Size 126.99K  /  24 Page

View it Online

Download Datasheet

For stripe Found Datasheets File :: 3081    Search Time::1.204ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of stripe

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
1.0914690494537