PART |
Description |
Maker |
ABS0908 |
32.768kHz SMD LOW PROFILE CRYSTAL
|
Abracon Corporation
|
CM7V03-T1A |
Low Profile SM 32.768Khz Watch Crystal with Military Temperature Range
|
Golledge Electronics Lt...
|
ABS07-LR |
32.768kHz SMD Low E SR Crysta l
|
Abracon Corporation
|
HM7719007LTTR HM7729007LTTR HM77-33010ALF HM77-340 |
Low Profile Surface Mount Inductors 1 ELEMENT, 77 uH, GENERAL PURPOSE INDUCTOR, SMD Low Profile Surface Mount Inductors 1 ELEMENT, 114 uH, GENERAL PURPOSE INDUCTOR, SMD Low Profile Surface Mount Inductors 1 ELEMENT, 115 uH, GENERAL PURPOSE INDUCTOR, SMD Low Profile Surface Mount Inductors 超薄表面贴装电感 Low Profile Surface Mount Inductors 1 ELEMENT, 1.01 uH, POWDERED IRON-CORE, GENERAL PURPOSE INDUCTOR, SMD
|
BI Technologies Corporation BI Technologies, Corp.
|
HLMP-3466-F0001 HLMP-3466-F0002 HLMP-3366-H0002 HL |
的T 1 3 / 4毫米)超薄LED Half pitch interface connectors (General); HRS No: 230-5056-0 00; No. of Positions: 68; Operating Temperature Range (degrees C): -55 to 85; General Description: One-touch lock plug cover; Overmold type HLMP-3351-F0002 · T-1 3/4 (5 mm) Low Profile LED Lamp HLMP-3351-F00R1 · T-1 3/4 (5 mm) Low Profile LED Lamp HLMP-3351-F0001 · T-1 3/4 (5 mm) Low Profile LED Lamp HLMP-3451-F0001 · T-1 3/4 (5 mm) Low Profile LED Lamp HLMP-3451-F0000 · T-1 3/4 (5 mm) Low Profile LED Lamp HLMP-3451-D0000 · T-1 3/4 (5 mm) Low Profile LED Lamp HLMP-3451-F0002 · T-1 3/4 (5 mm) Low Profile LED Lamp HLMP-3351-D0002 · T-1 3/4 (5 mm) Low Profile LED Lamp HLMP-3451-D0002 · T-1 3/4 (5 mm) Low Profile LED Lamp HLMP-3568-F0002 · T-1 3/4 (5 mm) Low Profile LED Lamp HLMP-3568-F0001 · T-1 3/4 (5 mm) Low Profile LED Lamp HLMP-3451-EFB00 · T-1 3/4 (5 mm) Low Profile LED Lamp HLMP-3554-E00R1 · T-1 3/4 (5 mm) Low Profile LED Lamp HLMP-3554-E0002 · T-1 3/4 (5 mm) Low Profile LED Lamp HLMP-3554-E0001 · T-1 3/4 (5 mm) Low Profile LED Lamp HLMP-3366-H0001 · T-1 3/4 (5 mm) Low Profile LED Lamp HLMP-3366-H0002 · T-1 3/4 (5 mm) Low Profile LED Lamp HLMP-3466-F0002 · T-1 3/4 (5 mm) Low Profile LED Lamp HLMP-3466-F0001 · T-1 3/4 (5 mm) Low Profile LED Lamp
|
Agilent (Hewlett-Packard)
|
QETF26-GW |
Tuning Fork 32.768KHz - clock source for communication equipment 音叉频率2.768kHz -通信设备的时钟源
|
Rakon France SAS
|
90SMX 90SMX-N 90SMXN |
32.768kHz SMD 8.7 x 3.8 x 2.5mm
|
EUROQUARTZ limited
|
C26-SMD |
32.768KHz Molded SMD
|
Crystek Corporation
|
FK335 FK335R FK336 FK338 FK336R |
HCMOS 3.3V 32.768kHz SMD Oscillator
|
Fox Electronics
|
F32K |
HCMOS 32.768kHz SMD Oscillator
|
Fox Electronics
|
VCS25AXT VCS25AXTR |
3.3V LOW PROFILE SMD VCXO
|
Fox Electronics
|
FOX312BE09 |
3.0V, LOW PROFILE, SMD VCTCXO
|
Fox Electronics
|