PART |
Description |
Maker |
5962R9672602TRC 5962R9672602TXC ACTS541KTR-02 ACTS |
Radiation Hardened Octal Three-State Buffer/Line Driver Inductor Kit;Contents Of Kit:Inductors; Leaded Process Compatible:Yes; Peak Reflow Compatible (260 C):Yes; For Use With:CM Series; Series:CM201212 RoHS Compliant: Yes
|
Intersil Corporation
|
PE-51590 PE-92117 PE-92402 PE-92107 |
LT3734 Evaluation Kit LTC2922 Evaluation Kit Low Cost Inductors - Bare Coil and Klipmount Series 低成本的电感裸线圈和Klipmount系列
|
Pulse Engineering, Inc.
|
VISHAYSFERNICE-RE115L7D502 RE115L29D103 |
Series REC 115 L Precision Linear Transducers, Conductive Plastic, up to 1000 mm
|
Vishay Sfernice
|
E28F004BX-B80 E28F004BX-B60 E28F004BX-T120 28F400B |
4-MBIT (256K X 16. 512K X 8) BOOT BLOCK FLASH MEMORY FAMILY 4兆位56 × 16。为512k × 8)启动块闪存系列 OSC 5V SMT PLAS 14X9 CMOS LENS, ROUND, RED; Colour:Red; Diameter, external:29mm RoHS Compliant: Yes Series RR3130 round rocker switches have an ergonomic euro design and panel mounting ACTUATOR, SWITCH, ROUND, MOMENTARY; Approval Bodies:BEAB, VDE, UL, CSA; Diameter, external:29mm; IP rating:65; Operations, mechanical No. of:1000000; Temp, op. max:85(degree C); Temp, op. min:-20(degree C) RoHS Compliant: Yes Evaluation Kit for the MAX5944 Series RR3112 round rocker switches have an ergonomic feel and multiple circuit options 4-MBIT (256K X 16, 512K X 8) BOOT BLOCK FLASH MEMORY FAMILY 4-MBIT (256K X 16/ 512K X 8) BOOT BLOCK FLASH MEMORY FAMILY
|
http:// Electronic Theatre Controls, Inc. PROM Intel Corp. Intel Corporation
|
207235-5 |
M Series Connectors; UNASSM JS KIT,M SERIES ( AMP )
|
Tyco Electronics
|
25AA640T-I/SN 25AA640-I/ST 25AA640-I/P 25LC640X-E/ |
Evaluation Kit for the MAX1715 Evaluation Kit for the MAX1879 Evaluation Kit for the MAX1864 3µs, 12-Bit ADC Evaluation Kit for the MAX1717 Notebook CPU Step-Down Controller for Intel Mobile Voltage Positioning (IMVP-II) SPI串行EEPROM
|
Luxo, Corp.
|
ECS |
Precision Rotative Transducers, Conductive Plastic, Economic Series, Size 09, Long Life, Bush or Servo Mounting, Comolded Terminals
|
Vishay
|
S3B-EH S2B-EH B10B-EH-A B11B-EH-A B12B-EH-A B13B-E |
GE KIT: CAT5 VGA VIDEO 2CSPLITTER & LR REMOTE GE KIT:CAT5 VGA VIDEO 4CHSPLITTER & 4 REMOTES CONNECTOR ACCESSORY BZ Series Standard Basic Switch, Single Pole Double Throw Circuitry, 15 A at 250 Vac, Overtravel Plunger Actuator, 2,5 N - 3,61 N [9 oz - 13 oz] Operating Force], Silver Contacts, Screw Termination, CE, CSA MS27656T15B18A Disconnectable Crimp style connectors 可分离式压接式连接器 ER 15C 15#16 SKT RECP LINE 可分离式压接式连接器 Circular Connector; Body Material:Aluminum; Series:PT01; Number of Contacts:3; Connector Shell Size:8; Connecting Termination:Solder; Circular Shell Style:Cable Receptacle; Circular Contact Gender:Socket; Insert Arrangement:8-3 可分离式压接式连接器 GE KIT: CAT5 VGA VIDEO 2CSPLITTER & LR REMOTE 可分离式压接式连接器 GE KIT:CAT5 VGA VIDEO 4CHSPLITTER & 4 REMOTES 可分离式压接式连接器
|
List of Unclassifed Man... Electronic Theatre Controls, Inc. List of Unclassifed Manufacturers ETC[ETC] Unisonic Technologies Co., Ltd.
|
84-105-5557 |
84 & 88 SERIES HARDWARE KIT (ROHS)
|
Winchester Electronics Corporation
|
STM32F3DISCOVERY |
STM32 F3 series discovery kit
|
STMicroelectronics
|
ISPLSI2128VL-100LB100 ISPLSI2128VL-100LB208 ISPLSI |
2.5V In-System Programmable SuperFAST⑩ High Density PLD 2.5V In-System Programmable SuperFAST High Density PLD 2.5VIn-SystemProgrammableSuperFASTHighDensityPLD Linear Motion Control; Series:LCL; Track Resistance:5kohm; Resistance Tolerance:20%; Power Rating:3W; Operating Temperature Range:-30 C to C; Resistor Element Material:Conductive Plastic RoHS Compliant: Yes Linear Motion Control; Series:LCP8; Track Resistance:10kohm; Resistance Tolerance: /-15%; Power Rating:0.2W; Operating Temperature Range:-30 C to 105 C; Resistor Element Material:Conductive Plastic RoHS Compliant: Yes EE PLD, 13 ns, PBGA208 Resistors, Variable sliding; Series:LCP15; Track Resistance:10kohm; Resistance Tolerance: /-10%; Power Rating:0.5W; Operating Temperature Range:-30 C to 105 C; Resistor Element Material:Conductive Plastic RoHS Compliant: Yes EE PLD, 13 ns, PBGA100 2.5V In-System Programmable SuperFASTHigh Density PLD EE PLD, 10 ns, PBGA100 2.5V In-System Programmable SuperFASTHigh Density PLD EE PLD, 8.5 ns, PBGA208 2.5V In-System Programmable SuperFASTHigh Density PLD EE PLD, 10 ns, PQFP176 2.5V In-System Programmable SuperFASTHigh Density PLD EE PLD, 8.5 ns, PQFP100 2.5V In-System Programmable SuperFASTHigh Density PLD EE PLD, 8.5 ns, PBGA100
|
LATTICE[Lattice Semiconductor] LatticeSemiconductor Lattice Semiconductor Corporation Lattice Semiconductor, Corp.
|
SMH4042G-AGM SMH4042G-AGN SMH4042G-BGM SMH4042G-BG |
Hot Swap??Controller Hot Swap Controller Hot Swap?/a> Controller XTAL PLAS SMT 13X5 4PAD XTAL PLAS SMT 12X4 4PAD XTAL MTL T/H HC49/U PCMCIA 16MBYTE 16MBYTE Hot SwapController ⑩热插拔控制 XTAL MTL SMT HC49/USM ⑩热插拔控制
|
Summit Microelectronics, Inc. Electronic Theatre Controls, Inc.
|