PART |
Description |
Maker |
SD10-100-R SD10-150-R SD10-151-R SD10-1R5-R SD10-4 |
SD Series High Power Density, Low Profile, Shielded Inductors SD Series High Power Density, Low Profile, Shielded Inductors
|
Cooper Bussmann, Inc.
|
DX10AJ-50P-LNA DX10AJ-100SE-CR2A |
DX SERIES HIGH-DENSITY I/O CONNECTORS
|
Hirose Electric USA, INC.
|
637-015-230-042 637-015-230-043 637-015-230-046 63 |
637 SERIES HIGH DENSITY SUBMINIATURE D CONNECTOR
|
List of Unclassifed Manufacturers
|
ISPLSI2096VE-100LT128 ISPLSI2096VE-135LT128 ISPLSI |
3.3V In-System Programmable SuperFAST?/a> High Density PLD CRYSTAL 24.0 MHZ 20PF SMD 3.3V In-System Programmable SuperFASTHigh Density PLD 3.3V In-System Programmable SuperFAST High Density PLD 3.3V In-System Programmable SuperFAST⑩ High Density PLD 3.3VIn-SystemProgrammableSuperFASTHighDensityPLD
|
Lattice Semiconductor Corporation LATTICE[Lattice Semiconductor]
|
ISPLSI2192VE-135LT128 ISPLSI2192VE-180-L-T128 ISPL |
3.3V In-System Programmable SuperFAST High Density PLD 3.3V In-System Programmable SuperFAST⑩ High Density PLD 3.3VIn-SystemProgrammableSuperFASTHighDensityPLD RELAY SSR 110A 240VAC AC INPUT 3.3V In-System Programmable SuperFASTHigh Density PLD
|
LATTICE[Lattice Semiconductor] LatticeSemiconductor Lattice Semiconductor Corporation
|
MA2830 |
IND, HIGH-POWER DENSITY, HIGH EFFICIENCY, SHIELDED Power Switching Regulators
|
Shindengen Electric Manufacturing Company, Ltd. Shindengen Electric Mfg.Co.Ltd
|
ISPLSI1024 ISPLSI1024EA-200LT100 1024EA ISPLSI1024 |
200 MHz in-system prommable high density PLD Shielded Paired Cable; Number of Conductors:8; Conductor Size AWG:28; No. Strands x Strand Size:7 x 36; Jacket Material:Polyethylene; Number of Pairs:4; Features:Alumunium Foil Polyester/Tinned Copper Braid; Impedance:120ohm RoHS Compliant: Yes In-System Programmable High Density PLD 100 MHz in-system prommable high density PLD
|
Lattice Semiconductor Corporation LATTICE[Lattice Semiconductor] http://
|
ATL35 |
The ATL35 series ASIC family is fabricated on a 0.35 micron CMOS process with up to four levels of metal. This family features arrays with up to 2.7 million routable gates and 976 pins. The high density and high pin count capabilities of t
|
Atmel
|
600-146-02 600-146-03 600-146-05 600-146-06 |
Series 811 Mighty Mouse High Density (HD) Double-Start ACME Threads General Information, Connector Selection Guide
|
Glenair, Inc.
|
600-052 600-052-1 600-058 600-090-1 |
Series 811 Mighty Mouse High Density (HD) Contacts and Tools Band-Master Advanced Termination System Bands and instructions
|
Glenair, Inc.
|
DM5374X-XXXX |
2.77mm Density Coaxial / High Voltage and High Power
|
Cinch
|