PART |
Description |
Maker |
FFM101 |
SUFACE MOUNT FAST RECOVERY RECTIFIER
|
TY Semiconductor Co., Ltd
|
SM101 |
SUFACE MOUNT FAST RECOVERY RECTIFIER DIODES
|
SUNMATE electronic Co.,...
|
70HFL10S02 70HFL100S10 70HFL100S05 40HFL100S10 40H |
40A Fast Recovery Rectifier Diode(40A 快速恢复整流二极管) Fast Recovery Rectifiers 1000V Fast Recovery Diode in a DO-203AB (DO-5) package 100V Fast Recovery Diode in a DO-203AB (DO-5) package 200V Fast Recovery Diode in a DO-203AB (DO-5) package 400V Fast Recovery Diode in a DO-203AB (DO-5) package 800V Fast Recovery Diode in a DO-203AB (DO-5) package 600V Fast Recovery Diode in a DO-203AB (DO-5) package
|
IRF[International Rectifier]
|
FFM107 FFM101 FFM105 FFM102 FFM103 FFM104 FFM106 |
Surface mount glass passivated fast recovery silicon rectifier. MaxVRRM = 1000V, maxVRMS = 700V, maxVDC = 1000V. Current 1.0A. Surface mount glass passivated fast recovery silicon rectifier. MaxVRRM = 50V, maxVRMS = 35V, maxVDC = 50V. Current 1.0A. Surface mount glass passivated fast recovery silicon rectifier. MaxVRRM = 600V, maxVRMS = 420V, maxVDC = 600V. Current 1.0A. Surface mount glass passivated fast recovery silicon rectifier. MaxVRRM = 100V, maxVRMS = 70V, maxVDC = 100V. Current 1.0A. Surface mount glass passivated fast recovery silicon rectifier. MaxVRRM = 200V, maxVRMS = 140V, maxVDC = 200V. Current 1.0A. Surface mount glass passivated fast recovery silicon rectifier. MaxVRRM = 400V, maxVRMS = 280V, maxVDC = 400V. Current 1.0A. Surface mount glass passivated fast recovery silicon rectifier. MaxVRRM = 800V, maxVRMS = 560V, maxVDC = 800V. Current 1.0A.
|
Rectron Semiconductor
|
UFS1200 |
Ultra Fast Recovery Pack: SMA SURFACE MOUNT FAST SWITCHING RECTIFIER VOLTAGE拢潞1200V CURRENT拢潞 1.0A SURFACE MOUNT FAST SWITCHING RECTIFIER VOLTAGE?200V CURRENT 1.0A
|
Gulf Semiconductor
|
DSR1D DSR1G DSR1M DSR1A DSR1B DSR1J DSR1K |
SUFACE MOUNT GENERAL PURPOSE SILICON RECTIFIER
|
Formosa MS
|
RS2J RS2A RS2M |
SURFACE MOUNT FAST RECOVERY RECTIFIER Fast switching for high efficiency
|
DIOTEC Electronics Corp... Diotech Company. DIOTEC Electronics Corporation
|
MUR7005 MUR7060 MUR7010 MUR7020 MUR7040 |
70A, 400V ultra fast recovery rectifier 70A, 200V ultra fast recovery rectifier 70A, 100V ultra fast recovery rectifier 70A, 50V ultra fast recovery rectifier 70 Amp Supre Fast Recovery Rectifier 50 to 600 Volts
|
Micro Commercial Components Corp. MCC[Micro Commercial Components]
|
P4SMA P4SMA75A |
400 Watts Suface Mount Transient Voltage Suppressor
|
Taiwan Semiconductor Company, Ltd Taiwan Semiconductor Co...
|
SMAJ |
400 Watts Suface Mount Transient Voltage Suppressor
|
Taiwan Semiconductor Co...
|
RS1X-13-F RS1GB-13-F RS1J-13-F RS1D-13-F RS1K-13-F |
1.0A SURFACE MOUNT FAST RECOVERY RECTIFIER RECTIFIER FAST-RECOVERY SINGLE 1A 400V 30A-ifsm 1.3V-vf 150ns 5uA-ir SMB 3K/REEL-13 1 A, 400 V, SILICON, SIGNAL DIODE RECTIFIER FAST-RECOVERY SINGLE 1A 600V 30A-ifsm 1.3V-vf 250ns 5uA-ir SMA 5K/REEL-13 1 A, 600 V, SILICON, SIGNAL DIODE RECTIFIER FAST-RECOVERY SINGLE 1A 200V 30A-ifsm 1.3V-vf 150ns 5uA-ir SMA 5K/REEL-13 1 A, 200 V, SILICON, SIGNAL DIODE RECTIFIER FAST-RECOVERY SINGLE 1A 800V 30A-ifsm 1.3V-vf 500ns 5uA-ir SMA 5K/REEL-13 1 A, 800 V, SILICON, SIGNAL DIODE RECTIFIER FAST-RECOVERY SINGLE 1A 400V 30A-ifsm 1.3V-vf 150ns 5uA-ir SMA 5K/REEL-13 1 A, 400 V, SILICON, SIGNAL DIODE 1.0A SURFACE MOUNT FAST RECOVERY RECTIFIER
|
Diodes Incorporated Diodes, Inc.
|