PART |
Description |
Maker |
T491B3361004A2 T491A4751004A2 T491A476M004A2 T491C |
T491 Series Industrial Grade MnO2
|
Kemet Corporation
|
T491C336M006AT T491B106K016AT7280 T491B685K006AT |
Tantalum Surface Mount Capacitors ?Standard Tantalum T491 Series Industrial Grade MnO Tantalum Surface Mount Capacitors ?Standard Tantalum T491 Series Industrial Grade MnO2 Tantalum Surface Mount Capacitors ?Standard Tantalum T491 Series Industrial Grade MnO2
|
Kemet Corporation
|
T491D2271004AT T491A1561004A2 T491B3361004A2 T491A |
Tantalum Surface Mount Capacitors ?Standard Tantalum T491 Industrial Grade MnO2 Series Tantalum Surface Mount Capacitors ?Standard Tantalum T491 Series Industrial Grade MnO
|
Kemet Corporation
|
T491A1061004A2 T491C3361004A2 T491D22712R5A2 T491A |
Tantalum Surface Mount Capacitors . Standard Tantalum T491 Series Industrial Grade MnO2 Tantalum Surface Mount Capacitors ?Standard Tantalum Tantalum Surface Mount Capacitors ?Standard Tantalum Tantalum Surface Mount Capacitors ?Standard Tantalum T491 Series Industrial Grade MnO2 Tantalum Surface Mount Capacitors ?Standard Tantalum Tantalum Surface Mount Capacitors ?Standard Tantalum
|
Kemet Corporation
|
T491D476M010AT |
Tantalum, MnO2 Tantalum, T491, 47 uF, 20%, 10 V, 7343, SMD, MnO2, Molded, 800 mOhms, Height Max = 3.1mm
|
Kemet Corporation
|
T491D106K035AT |
Tantalum, MnO2 Tantalum, T491, 10 uF, 10%, 35 V, 7343, SMD, MnO2, Molded, 1 Ohms, Height Max = 3.1mm
|
Kemet Corporation
|
SPM4M024-100 SPC8M075-006 SPC8M045-010 SPC8M030-02 |
6 A, 1000 V, 2 ohm, 6 CHANNEL, N-CHANNEL, Si, POWER, MOSFET Standard Industrial Grade MOSFET Power Modules 130 A, 60 V, 0.006 ohm, 4 CHANNEL, N-CHANNEL, Si, POWER, MOSFET Standard Industrial Grade MOSFET Power Modules 120 A, 300 V, 0.035 ohm, 2 CHANNEL, N-CHANNEL, Si, POWER, MOSFET Standard Industrial Grade MOSFET Power Modules 40 A, 600 V, 0.18 ohm, 4 CHANNEL, N-CHANNEL, Si, POWER, MOSFET Standard Industrial Grade MOSFET Power Modules 350 A, 60 V, 0.003 ohm, N-CHANNEL, Si, POWER, MOSFET Standard Industrial Grade MOSFET Power Modules 30 A, 200 V, 0.075 ohm, 6 CHANNEL, N-CHANNEL, Si, POWER, MOSFET Standard Industrial Grade MOSFET Power Modules 45 A, 100 V, 0.03 ohm, 4 CHANNEL, N-CHANNEL, Si, POWER, MOSFET Standard Industrial Grade MOSFET Power Modules 30 A, 200 V, 0.075 ohm, 4 CHANNEL, N-CHANNEL, Si, POWER, MOSFET Standard Industrial Grade MOSFET Power Modules 300 A, 100 V, 0.005 ohm, N-CHANNEL, Si, POWER, MOSFET
|
Sensitron Semiconductor http://
|
T110B475K050AT |
Tantalum, MnO2 Tantalum, Commercial Grade, T110, 4.7 uF, 10%, 50 V, 2.5 Ohms
|
Kemet Corporation
|
T350C225M035AT7301 |
Tantalum, MnO2 Tantalum, Commercial Grade, T350, 2.2 uF, 20%, 35 V, Radial, Solid Tantalum, Conformal, Dipped, Lead Spacing= 2.54mm
|
Kemet Corporation
|
T495D226K035ATE250-17 |
Tantalum, MnO2 Tantalum, T495, 22 uF, 10%, 35 V, 7343, SMD, MnO2, Molded, Low ESR, 250 mOhms, 3.1mm
|
Kemet Corporation
|
T495B105K035ATE1K7 |
Tantalum, MnO2 Tantalum, T495, 1 uF, 10%, 35 V, 3528, SMD, MnO2, Molded, Low ESR, 1.7 Ohms, Height Max = 2.1mm
|
Kemet Corporation
|
|