PART |
Description |
Maker |
AD5060ARJZ-1REEL7 AD5060ARJZ-2REEL7 AD5060YRJZ-1RE |
Full Accurate 3 V/5 V 16-Bit VOUT nanoDAC® Converter, Output Buffered, in a Sot 23; Package: SOT-23; No of Pins: 8; Temperature Range: Industrial SERIAL INPUT LOADING, 4 us SETTLING TIME, 16-BIT DAC, PDSO8 Fully Accurate 14-/16-Bit VOUT nanoDAC SPI Interface 2.7 V to 5.5 V, in an SOT-23 Fully Accurate 14-/16-Bit VOUT nanoDAC?SPI Interface 2.7 V to 5.5 V, in an SOT-23
|
Analog Devices, Inc. ANALOG DEVICES INC
|
AD5045 AD5045BRUZ AD5045BRUZ-REEL7 AD502508 AD5025 |
SERIAL INPUT LOADING, 10.7 us SETTLING TIME, 16-BIT DAC, PDSO14 Fully Accurate, 12-/14-/16-Bit, Dual, VOUT nanoDAC SPI Interface, 4.5 V to 5.5 V in a TSSOP
|
ANALOG DEVICES INC
|
AD5066BRUZ-1REEL7 AD5066ARUZ AD5066ARUZ-REEL7 EVAL |
Fully Accurate 16-Bit UnBuffered VOUT DAC SPI Interface 2.7 V to 5.5 V in a TSSOP
|
Analog Devices
|
LT1468 LT1468CN8 LT1468CS8 LT1468IN8 LT1468IS8 146 |
90MHz, 22V/us 16-Bit Accurate Operational Amplifier 90MHz/ 22V/us 16-Bit Accurate Operational Amplifier From old datasheet system
|
Linear Technology Corporation LINER[Linear Technology]
|
AD5040 AD5063 AD5062 AD5060 AD5061 AD5060ARJZ-2REE |
Full Accurate 3 V/5 V 14-Bit Vout nanoDAC™ Converter, Output Buffered, in a Sot 23 Full Accurate 3 V/5 V 16-Bit Vout nanoDAC™ Converter, Output Buffered, in a Sot 23 Full Accurate 14/16 Bit Vout nanoDac Buffered 3V/5V Sot 23 Full Accurate 14/16 Bit Vout nanoDac Buffered, 3V/5V, Sot 23
|
AD[Analog Devices] Analog Devices, Inc.
|
AM25LS2569DC AM25LS2569DCB AM25LS2568DC AM25LS2568 |
Dual 90MHz, 22V/us 16-Bit Accurate Operational Amplifier; Package: PDIP; No of Pins: 8; Temperature Range: -40°C to 85°C Dual 90MHz, 22V/us 16-Bit Accurate Operational Amplifier; Package: MSOP; No of Pins: 8; Temperature Range: 0°C to 70°C Dual 90MHz, 22V/us 16-Bit Accurate Operational Amplifier; Package: SO; No of Pins: 8; Temperature Range: -40°C to 85°C Synchronous Up/Down Counter 同步减计数器 Dual/Quad Over-The-Top Micropower Rail-to-Rail Input and Output Op Amps; Package: PDIP; No of Pins: 8; Temperature Range: -40°C to 85°C 同步减计数器
|
Advanced Micro Devices, Inc. Electronic Theatre Controls, Inc. Unisonic Technologies Co., Ltd.
|
LTC1066-1 LTC1066-1CS LT10661 |
14-Bit DC Accurate Clock-Tunable/ 8th Order Elliptic or Linear Phase Lowpass Filter 14-Bit DC Accurate Clock-Tunable, 8th Order Elliptic or Linear Phase Lowpass Filter From old datasheet system
|
LINER[Linear Technology]
|
LT1469 LT1469CN8 LT1469CS8 LT1469IN8 LT1469IS8 |
Dual 90MHz, 22V/us 16-Bit Accurate Operational Amplifier Dual 90MHz/ 22V/us 16-Bit Accurate Operational Amplifier
|
Linear Technology Corporation LINER[Linear Technology]
|
MAX4435 |
Single-Supply, 150MHz, 16-Bit Accurate, Ultra-Low Distortion Op Amps
|
Maxim Integrated Products
|
MAX4435ESA MAX4437EUA MAX4434EUK/VT |
Single-Supply, 150MHz, 16-Bit Accurate, Ultra-Low Distortion Op Amps
|
Maxim Integrated Products
|
LTC1066-1CSW LTC1066-109 |
14-Bit DC Accurate Clock-Tunable, 8th Order Elliptic or Linear Phase Lowpass Filter
|
Linear Technology
|