PART |
Description |
Maker |
T491X227006A T491D337006A T491C476004A T491A106M01 |
T491 Industrial Grade MnO2 Series Tantalum Surface Mount Capacitors ?Standard Tantalum T491 Industrial Grade MnO2 Series T491 Industrial Grade MnO2 Series
|
Kemet Corporation
|
T491D157K003AT T491D157K003AH T491D2271006A2 T491A |
T491 Industrial Grade MnO2 Series Tantalum Surface Mount Capacitors ?Standard Tantalum T491 Series Industrial Grade MnO
|
Kemet Corporation
|
T491C336M006AT T491B106K016AT7280 T491B685K006AT |
Tantalum Surface Mount Capacitors ?Standard Tantalum T491 Series Industrial Grade MnO Tantalum Surface Mount Capacitors ?Standard Tantalum T491 Series Industrial Grade MnO2 Tantalum Surface Mount Capacitors ?Standard Tantalum T491 Series Industrial Grade MnO2
|
Kemet Corporation
|
T491B686K010AT |
Tantalum, MnO2 Tantalum, T491, 68 uF, 10%, 10 V, 3528, SMD, MnO2, Molded, 1 Ohms, Height Max = 2.1mm
|
Kemet Corporation
|
T491C106K025AH |
Tantalum, MnO2 Tantalum, T491, 10 uF, 10%, 25 V, 6032, SMD, MnO2, Molded, 1.5 Ohms, Height Max = 2.8mm
|
Kemet Corporation
|
T491D476K020AT |
Tantalum, MnO2 Tantalum, T491, 47 uF, 10%, 20 V, 7343, SMD, MnO2, Molded, 700 mOhms, Height Max = 3.1mm
|
Kemet Corporation
|
T491B106M010AT |
Tantalum, MnO2 Tantalum, T491, 10 uF, 20%, 10 V, 3528, SMD, MnO2, Molded, 3 Ohms, Height Max = 2.1mm
|
Kemet Corporation
|
T491C106K035AT |
Tantalum, MnO2 Tantalum, T491, 10 uF, 10%, 35 V, 6032, SMD, MnO2, Molded, 1.6 Ohms, Height Max = 2.8mm
|
Kemet Corporation
|
T491C106M020AT |
Tantalum, MnO2 Tantalum, T491, 10 uF, 20%, 20 V, 6032, SMD, MnO2, Molded, 1.6 Ohms, Height Max = 2.8mm
|
Kemet Corporation
|
R5T510E477M010AGA030 R5T510E477K020AGA030 R5T510E4 |
T510 Series Automotive Grade Multiple Anode Low ESR MnO2
|
Kemet Corporation
|
T356G156K025AT |
T356, Tantalum, MnO2 Tantalum, Commercial Grade, 15 uF, 10%, 25 V, Radial, Solid Tantalum, Conformal, Dipped, Lead Spacing = 5.08mm
|
Kemet Corporation
|
|