PART |
Description |
Maker |
COM117HVT |
Hi-Rel Adjustable Voltage 3-Terminal Positive Regulator COMMERCIAL OFF-THE-SHELF 1.5 AMP POSITIVE ADJUSTABLE VOLTAGE REGULATOR, HIGH VOLTA G E COMMERCIAL OFF-THE-SHELF 1.5 AMP POSITIVE ADJUSTABLE VOLTAGE REGULATOR, HIGH VOLTAGE
|
International Rectifier ETC N.A. List of Unclassifed Manufacturers
|
CS5206-5GT3 CS5206-1 CS5206-1GDP3 CS5206-1GDPR3 CS |
6.0 A Adjustable, and Fixed 3.3 V and 5.0 V Linear Regulators 1.25 V-13 V ADJUSTABLE POSITIVE LDO REGULATOR, 1.4 V DROPOUT, PSFM3 6.0 A Adjustable, and Fixed 3.3 V and 5.0 V Linear Regulators 1.25 V-13 V ADJUSTABLE POSITIVE LDO REGULATOR, 1.4 V DROPOUT, PSSO3 6.0 A Adjustable, and Fixed 3.3 V and 5.0 V Linear Regulators 6.0A Adjustable Output 6.0A, 5V Output 6.0A, 3.3V Output
|
DB Lectro, Inc. ONSEMI[ON Semiconductor]
|
PA0229NL |
SMT Power Inductors Power Beads - Volta 1 & 2 series
|
Pulse A Technitrol Company
|
ADP3331 ADP3331ART ADP3331ART-REEL7 |
Cap-Free, NMOS, 150mA Low Dropout Regulator with Reverse Current Protection 1.5 V-11.75 V ADJUSTABLE POSITIVE LDO REGULATOR, 0.23 V DROPOUT, PDSO6 Adjustable Output Ultralow IQ/ 200 mA/ SOT-23/ anyCAP Low Dropout Regulator High Accuracy, Ultra-Low Quiescent Current LDO; SOT-23 1.5 V-11.75 V ADJUSTABLE POSITIVE LDO REGULATOR, 0.23 V DROPOUT, PDSO6 Adjustable Output Ultralow IQ, 200 mA, SOT-23, anyCAP Low Dropout Regulator Adjustable Output Ultralow IQ, 200 mA, SOT-23, anyCAP⑩ Low Dropout Regulator
|
Analog Devices, Inc. AD[Analog Devices]
|
CLM2815AU-X CLM2815 CLM2815A CLM2815AAT CLM2815AAT |
3.3 V, 1.5A low dropout voltage regulator adjustable and fixed output fast response 1.5 V, 1.5A low dropout voltage regulator adjustable and fixed output fast response 1.5A Low Dropout Voltage Regulator Adjustable & Fixed Output Fast Response Circular Connector; MIL SPEC:MIL-C-5015; Body Material:Metal; Series:GT; No. of Contacts:19; Connector Shell Size:24; Connecting Termination:Solder; Circular Shell Style:Square Flange Receptacle; Body Style:Straight 2.5 V, 1.5A low dropout voltage regulator adjustable and fixed output fast response
|
CALOGIC[Calogic, LLC] Calogic LLC
|
MAX830 MAX830CWE MAX830-MAX833 MAX831CWE MAX832CWE |
5V/3.3V/3V/Adjustable-Output, 1A, Step-Down, PWM, Switch-Mode DC-DC Regulators 1.2 A SWITCHING REGULATOR, 100 kHz SWITCHING FREQ-MAX, PDSO16 5V/3.3V/3V/Adjustable-Output 1A Step-Down PWM Switch-Mode DC-DC Regulators 5V/3.3V/3V/Adjustable-Output / 1A / Step-Down / PWM / Switch-Mode DC-DC Regulators
|
Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products] MAXIM - Dallas Semiconductor
|
NCV317MBDTG LM317MBDTG |
500mA, Adjustable Output, Positive Voltage Regulator 1.2 V-37 V ADJUSTABLE POSITIVE REGULATOR, PSSO2 500 mA Adjustable Output, Positive Voltage Regulator 1.2 V-37 V ADJUSTABLE POSITIVE REGULATOR, PSSO2
|
ON Semiconductor
|
ICM7357B |
Quad 12/10/8-Bit Voltage Output DACs with Serial Interface and Adjustable Output Gain 12/10/8-Bit电压串行接口和可调输出增益输出DAC
|
IC MICROSYSTEMS Sdn. Bhd.
|
MAX779L MAX779LCPA MAX779LCSA MAX779LEPA MAX779LES |
Low-Voltage Input, 3V/3.3V/5V/ Adjustable Output, Step-Up DC-DC Converters Low-Voltage Input / 3V/3.3V/5V/ Adjustable Output / Step-Up DC-DC Converters Low-Voltage Input, 3V/3.3V/5V/ Adjustable Output, Step-Up DC-DC Converters 1 A SWITCHING REGULATOR, 150 kHz SWITCHING FREQ-MAX, PDIP8 Low-Voltage Input, 3V/3.3V/5V/ Adjustable Output, Step-Up DC-DC Converters 1 A SWITCHING REGULATOR, 150 kHz SWITCHING FREQ-MAX, UUC15 Low-Voltage Input 3V/3.3V/5V/ Adjustable Output Step-Up DC-DC Converters
|
Maxim Integrated Produc... MAXIM - Dallas Semiconductor Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products] MAXIM INTEGRATED PRODUCTS INC
|
ICM7353 |
Dual 12/10/8-Bit Voltage Output DACs Serial Interface with Adjustable Output Gain 12/10/8-Bit电压输出DAC的串行接口,具有可调节输出增
|
IC MICROSYSTEMS Sdn. Bhd.
|
SPX29150 SPX29150T SPX29150T-1.8 SPX29150T-2.5 SPX |
1.5A High Current Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response 1.5A的高电流低压差稳压器可调 1.5A Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response Time 1.5A的低压差线性稳压器可调 128 x 128 pixel format, LED or EL Backlight available 1.5A High Current Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response 1.5A Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response Time 1.5A Low Dropout Voltage Regulator, 1%
|
Electronic Theatre Controls, Inc. SIPEX[Sipex Corporation]
|
LP38691SDX-ADJ/NOPB |
<font color=red>[Old version datasheet]</font> LP38693-ADJ 500mA Low Dropout CMOS Linear Regulators with Adjustable Output Stable with Ceramic Output Capacitors
|
TI store
|