PART |
Description |
Maker |
TX10005JASLPLNH TX1000 TX10005BASLPLNH TX10005CASL |
1000 Watt. AC/DC power supply. Output voltage 2.5V, output current 200A 1000 Watt. AC/DC power supply. Output voltage 18.0V, output current 56A 1000 Watt. AC/DC power supply. Output voltage 24.0V, output current 42A 1000 Watt. AC/DC power supply. Output voltage 28.0V, output current 36A 1000 Watt. AC/DC power supply. Output voltage 3.3V, output current 182A 1000 Watt. AC/DC power supply. Output voltage 15.0V, output current 67A 1000 Watt. AC/DC power supply. Output voltage 48.0V, output current 21A 1000 Watt. AC/DC power supply. Output voltage 36.0V, output current 28A 1000 WATT AC/DC POWER SUPPLY 1000 Watt. AC/DC power supply. Output voltage 20.0V, output current 50A
|
CANDD[C&D Technologies]
|
SKIIP04ACB066V1 |
Large Current 300mA CMOS LDO Regulators; Output voltage (V): 3.1; Output current (mA): 300; Supply voltage (V): 2.5 to 5.5; I/O voltage difference (mV): 60; Ripple rejection (dB): 60; Circuit current (µA): 65; Package: HVSOF6 3-phase bridge inverter
|
Semikron International
|
SSTVN16857MTD SSTV16857 SSTV16857MTD SSTVN16857 |
Voltage Regulator IC; Output Current:300mA; Output Voltage:5V; Package/Case:8-MSOP; Supply Voltage Max:6V; Current Rating:300mA; Leaded Process Compatible:No; Output Current Max:300mA; Output Voltage Max:5V 14-Bit Register with SSTL-2 Compatible I/O and Reset
|
Fairchild Semiconductor Corporation FAIRCHILD[Fairchild Semiconductor]
|
SST89C54-33-AC-NJ SST89C58-33-AC-NJ SST89C54-33-AI |
Voltage Regulator IC; Output Current:150mA; Output Voltage:3.3V; Package/Case:5-SOT-23; Supply Voltage Max:6V; Current Rating:150mA; Leaded Process Compatible:No; Output Current Max:150mA; Output Voltage Max:3.3V Linear Voltage Regulator IC; Output Current Max:150mA; Supply Voltage Max:6V; Package/Case:5-SOT-23; Current Rating:150mA; Leaded Process Compatible:No; Output Voltage Max:5V; Peak Reflow Compatible (260 C):No Replaced by PT78ST133 : 3.3Vout 1.5A Wide Input Positive Step-Down ISR 3-SIP MODULE -40 to 85 Voltage Regulator IC; Output Current:150mA; Output Voltage:2.6V; Package/Case:5-SOT-23; Supply Voltage Max:6V; Current Rating:150mA; Leaded Process Compatible:No; Output Current Max:150mA; Output Voltage Max:2.6V Linear Voltage Regulator IC; Package/Case:5-SOT-23; Current Rating:150mA; Leaded Process Compatible:No; Output Voltage Max:5V; Peak Reflow Compatible (260 C):No; Reel Quantity:3000; Voltage Regulator Type:Low Dropout (LDO) RoHS Compliant: No Linear Voltage Regulator IC; Output Current Max:150mA; Supply Voltage Max:6V; Package/Case:5-SOT-23; Current Rating:150mA; Leaded Process Compatible:No; Output Voltage Max:2.85V; Peak Reflow Compatible (260 C):No Linear Voltage Regulator IC; Output Current Max:150mA; Supply Voltage Max:6V; Package/Case:5-SOT-23; Current Rating:150mA; Leaded Process Compatible:No; Output Voltage Max:3V; Peak Reflow Compatible (260 C):No Linear Voltage Regulator IC; Output Current Max:150mA; Supply Voltage Max:6V; Package/Case:5-SOT-23; Current Rating:150mA; Leaded Process Compatible:No; Output Voltage Max:1.8V; Peak Reflow Compatible (260 C):No Voltage Regulator IC; Output Current:500mA; Output Voltage:1.215V; Package/Case:8-MLP33; Supply Voltage Max:6V; Current Rating:500mA; Leaded Process Compatible:No; Output Current Max:500mA; Output Voltage Max:1.215V FlashFlex51 MCU FlashFlex51单片
|
Silicon Storage Technology, Inc. SILICON STORAGE TECHNOLOGY INC
|
DAN803 DAP803 DA4148 DA4148A DA4148K |
Switch Mode Power Supply; Output Power:10W; No. of Outputs:2; Output 1 VDC :12VDC; Output Current 1:0.45A; Output 2 VDC -:12VDC; Power Supply Mounting:PC Board; Leaded Process Compatible:No; Output Current:0.45A RoHS Compliant: Yes Small Signal Diode Arrays
|
DIOTEC SEMICONDUCTOR AG DIOTEC[Diotec Semiconductor] Diotec Elektronische
|
PWR6011 PWR6016 PWR6018 PWR6010 PWR6012 PWR6017 PW |
1.8 Watt regulated DC/DC converter. Nom.input voltage 15VDC, rated output voltage 5VDC, rated output current 360mA. 1.8 Watt regulated DC/DC converter. Nom.input voltage 12VDC, rated output voltage -15VDC, rated output current -60mA. 1.8 Watt regulated DC/DC converter. Nom.input voltage 12VDC, rated output voltage -12VDC, rated output current -75mA. 1.8 Watt regulated DC/DC converter. Nom.input voltage 12VDC, rated output voltage 5VDC, rated output current 360mA. 1.8 Watt regulated DC/DC converter. Nom.input voltage 5VDC, rated output voltage -15VDC, rated output current -60mA. 1.8 Watt regulated DC/DC converter. Nom.input voltage 5VDC, rated output voltage -12VDC, rated output current -75mA. 1.8 Watt regulated DC/DC converter. Nom.input voltage 5VDC, rated output voltage 5VDC, rated output current 360mA. Analog IC 模拟IC 1.8 WATT UNREGULATED DC/DC CONVERTER 2-OUTPUT 1.8 W DC-DC REG PWR SUPPLY MODULE DIODE ZENER SINGLE 500mW 2.5Vz 20mA-Izt 0.05 100uA-Ir 1Vr DO35-GLASS 5K/AMMO 2-OUTPUT 1.8 W DC-DC REG PWR SUPPLY MODULE
|
Molex, Inc. Bourns, Inc. CANDD[C&D Technologies]
|
FAD1532220 FAD1530024 FAD1530120 FAD1530220 FAD153 |
Dupline? Field- and Installationbus Receiver with Analog Current Output Dupline庐 Field- and Installationbus Receiver with Analog Current Output Dupline㈢ Field- and Installationbus Receiver with Analog Current Output DuplineField- and Installationbus Receiver with Analog Current Output Dupline㈢场和模拟Installationbus接收电流输出
|
List of Unclassifed Man... List of Unclassifed Manufacturers ETC[ETC] Electronic Theatre Controls, Inc.
|
MP120D2 MP240D2 MPDCD3-B |
; Output Device:Transistor; Output Voltage Max:60VDC; Output Voltage Min:3VDC; Control Voltage Max:32VDC; Control Voltage Min:3VDC; Load Current Max:3A; Switching:Zero Cross; Leaded Process Compatible:Yes; Output Current Max:3A
|
Crydom Inc. CRYDOM CORP
|
TS612_02 TS612 TS612ID TS612IDT |
DUAL WIDEBAND OP-AMP WITH HIGH OUTPUT CURRENT DUAL WIDE BAND OPERATIONAL AMPLIFIER WITH HIGH OUTPUT CURRENT
|
ST Microelectronics STMICROELECTRONICS[STMicroelectronics]
|
WD101 WD105 WD200 WD102 WD506 WD100 WD103 WD104 WD |
DC/DC Converters DC/DC converter, 10 watts. Input voltage 18.0-36.0 VDC. Output voltage -12.0 VDC. Output current -625 mA. Input current 30 mA(no load), 780 mA(full load). DC/DC converter, 10 watts. UL1950 approvals. Input voltage 18.0-36.0 VDC. Output voltage 12.0 VDC. Output current 1250 mA. Input current 20 mA(no load), 780 mA(full load). DC/DC converter, 15 watts. Input voltage 18.0-36.0 VDC. Output voltage 12.0 VDC. Output current 1250 mA. Input current 20 mA(no load), 780 mA(full load). DC/DC converter, 10 watts. Input voltage 18.0-36.0 VDC. Output voltage 5.0 VDC. Output current 3000 mA. Input current 20 mA(no load), 800 mA(full load). DC/DC converter, 10 watts. UL1950 approvals. Input voltage 18.0-36.0 VDC. Output voltage 3.3 VDC. Output current 3000 mA. Input current 20 mA(no load), 543 mA(full load). DC/DC converter, 15 watts. Input voltage 18.0-36.0 VDC. Output voltage -15.0 VDC. Output current -500 mA. Input current 30 mA(no load), 780 mA(full load). DC/DC converter, 10 watts. Input voltage 18.0-36.0 VDC. Output voltage 15.0 VDC. Output current 1000 mA. Input current 20 mA(no load), 780 mA(full load). DC/DC converter, 10 watts. UL1950 approvals. Input voltage 18.0-36.0 VDC. Output voltage -15.0 VDC. Output current -500 mA. Input current 30 mA(no load), 780 mA(full load). DC/DC converter, 10 watts. Input voltage 18.0-36.0 VDC. Output voltage -15.0 VDC. Output current -500 mA. Input current 30 mA(no load), 780 mA(full load). DC/DC converter, 15 watts. Input voltage 18.0-36.0 VDC. Output voltage 15.0 VDC. Output current 1000 mA. Input current 20 mA(no load), 780 mA(full load). DC/DC converter, 15 watts. Input voltage 18.0-36.0 VDC. Output voltage -12.0 VDC. Output current -625 mA. Input current 30 mA(no load), 780 mA(full load). DC/DC converter, 15 watts. Input voltage 18.0-36.0 VDC. Output voltage 3.3 VDC. Output current 3000 mA. Input current 20 mA(no load), 543 mA(full load). DC/DC converter, 15 watts. Input voltage 18.0-36.0 VDC. Output voltage 5.0 VDC. Output current 3000 mA. Input current 20 mA(no load), 800 mA(full load). DC/DC converter, 10 watts. UL1950 approvals. Input voltage 18.0-36.0 VDC. Output voltage 5.0 VDC. Output current 3000 mA. Input current 20 mA(no load), 800 mA(full load). DC/DC converter, 10 watts. Input voltage 18.0-36.0 VDC. Output voltage 12.0 VDC. Output current 1250 mA. Input current 20 mA(no load), 780 mA(full load). DC/DC converter, 10 watts. UL1950 approvals. Input voltage 18.0-36.0 VDC. Output voltage 15.0 VDC. Output current 1000 mA. Input current 20 mA(no load), 780 mA(full load). DC/DC converter, 10 watts. UL1950 approvals. Input voltage 18.0-36.0 VDC. Output voltage -12.0 VDC. Output current -625 mA. Input current 30 mA(no load), 780 mA(full load).
|
List of Unclassifed Man... International Power Sources ETC[ETC] List of Unclassifed Manufacturers
|
WC302 WC306 |
DC/DC converter. Input voltage 36-72 VDC. Output voltage 12 VDC. Output current 1250 mA. Input current 20 mA(no load), 370 mA(full load). DC/DC converter. Input voltage 36-72 VDC. Output voltage -15 VDC. Output current -500 mA. Input current 20 mA(no load), 365 mA(full load).
|
International Power Sources
|