Part Number Hot Search : 
SMA4030 VRE122MA 9218N LM311 LM311 01209 FS11FL 520101
Product Description
Full Text Search
  chips Datasheet PDF File

For chips Found Datasheets File :: 13666    Search Time::1.219ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

    Phycomp
Part No. TF024
OCR Text ...< 1 M: 25 V 1 M: 50 V unmounted chips; 10 1 s; 260 5 C no holes; clean surface; no damage see Table 3 R - Rnom: max. 0.05% 4.18 20 (Tb) 202F method 210C 202F method 208G 202F method 301 resistance to soldering heat no visi...
Description (TFx24 Series) Thin Film Chip Resistors

File Size 119.58K  /  16 Page

View it Online

Download Datasheet





    CDR32BP102BKUR

AVX Corporation
Part No. CDR32BP102BKUR
OCR Text chips part number example cdr31 thru cdr35 t ? w l d t military designation per mil-prf-55681 part number example (example) cdr31 bp 101 b k s m mil style voltage-temperature limits capacitance rated voltage capacitance tolerance terminatio...
Description Military Part Number Identification CDR31

File Size 38.96K  /  4 Page

View it Online

Download Datasheet

    CBM1180 CBM1183 CBM2075 CBM2080

List of Unclassifed Manufacturers
ETC[ETC]
Part No. CBM1180 CBM1183 CBM2075 CBM2080
OCR Text ... CBM1183 supports up to 4 flash chips and the 64-pin CBM2080L/CBM1180L CBM1183L supports up to 8 flash chips. Customers can choose different packages to meet their design requirement. The CBM2075 is a cost-effective general purpose USB2.0 d...
Description Fastest & Securest USB 2.0/USB1.1 Flash Disk Controller with dedicated 32-bit microprocessor

File Size 566.75K  /  17 Page

View it Online

Download Datasheet

    A1806UC4RP P0300SCMC

Teccor Electronics
Part No. A1806UC4RP P0300SCMC
OCR Text ...1 = Unidirectional part 2 = Two chips 3 = Three chips 210 2 A A 61 RP PACKING OPTIONS RP1 = TO-92 reel pack (0.100" lead spacing) RP2 = TO-92 reel pack (0.200" lead spacing) AP = Ammo pack RP = Reel pack TP = Tube pack LEAD ...
Description SIDACtor devices
solid state crowbar devices

File Size 1,853.79K  /  213 Page

View it Online

Download Datasheet

    MA4E1317 MA4E1318 MA4E1319-1 MA4E1319-2

http://
Tyco Electronics
Part No. MA4E1317 MA4E1318 MA4E1319-1 MA4E1319-2
OCR Text ...des Mounting Techniques These chips were designed to be inserted onto hard or soft substrates with the junction side down. They can be mounted with conductive epoxy or with a low temperature solder preform. The die can also be assembled w...
Description GaAs Flip Chip Schottky Barrier Diodes

File Size 157.10K  /  5 Page

View it Online

Download Datasheet

    Calogic LLC
Calogic LLC
CALOGIC[Calogic, LLC]
Part No. XSD314 SD312 SD314 SD310 SD314DE SD310DE SD312DE XSD310 XSD312
OCR Text ...e Hermetic TO-72 Package Sorted chips in Carriers Sorted chips in Carriers Sorted chips in Carriers Temperature Range -55oC to +125oC -55oC to +125oC -55oC to +125oC -55oC to +125oC -55oC to +125oC -55oC to +125oC -- Input (Gate) . . . ....
Description High-Speed Analog N-Channel DMOS FETs Improved On -Resistance

File Size 35.37K  /  3 Page

View it Online

Download Datasheet

   
Part No. APD1510-000
OCR Text ...otice. 12/03a silicon pin diode chips features established skyworks? pin diode process for switch and attenuator applications low capacitance designs to 0.05 pf voltage ratings to 200 v chip size smaller than 15 mils square apd series...
Description APD Series:Silicon PIN Diode chips|PIN Diodes: General Purpose Switching PIN Diodes

File Size 39.50K  /  2 Page

View it Online

Download Datasheet

    NIC
Part No. NSMX154100TRF NSMX823100TRF NSMX473100TRF NSMX683100TRF
OCR Text ...nd metalized pps film capacitor chips * note: vrms should be limited so that surface temperature rise does not exceed +10c nsmx 103 j 100 tr f ...
Description Wound Metalized PPS Film Capacitor chips

File Size 121.59K  /  3 Page

View it Online

Download Datasheet

    CM75MXA-24S13 CM75MXA-24S-13

Powerex Power Semiconductors
Powerex Power Semicondu...
Part No. CM75MXA-24S13 CM75MXA-24S-13
OCR Text ...perature. 6th generation cstbt chips yield low loss. features: low drive power low v ce(sat) discrete super-fast recovery free-wheel diode isolated baseplate for easy heat sinking applications: ac motor contr...
Description NX-Series CIB Module 75 Amperes/1200 Volts

File Size 1,589.10K  /  15 Page

View it Online

Download Datasheet

For chips Found Datasheets File :: 13666    Search Time::1.219ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of chips

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
1.9846980571747