PART |
Description |
Maker |
1N5223BT50R 1N5231BTR 1N5231BT26A 1N5231BT50A 1N52 |
surface mount silicon Zener diodes 6.2 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-35 16V, 0.5W Zener Diode 33V, 0.5W Zener Diode 12V, 0.5W Zener Diode 13V, 0.5W Zener Diode 10V, 0.5W Zener Diode 25V, 0.5W Zener Diode 22V, 0.5W Zener Diode 30V, 0.5W Zener Diode 15V, 0.5W Zener Diode 27V, 0.5W Zener Diode 6.8V, 0.5W Zener Diode 11V, 0.5W Zener Diode 6.0V, 0.5W Zener Diode 4.7V, 0.5W Zener Diode 8.7V, 0.5W Zener Diode 6.2V, 0.5W Zener Diode 8.2V, 0.5W Zener Diode 9.1V, 0.5W Zener Diode 7.5V, 0.5W Zener Diode 4.3V, 0.5W Zener Diode 3.9V, 0.5W Zener Diode 3.6V, 0.5W Zener Diode 2.4V, 0.5W Zener Diode 3.3V, 0.5W Zener Diode 5.6V, 0.5W Zener Diode 5.1V, 0.5W Zener Diode 2.7V, 0.5W Zener Diode 14V, 0.5W Zener Diode 18V, 0.5W Zener Diode 20V, 0.5W Zener Diode 24V, 0.5W Zener Diode 19V, 0.5W Zener Diode
|
Fairchild Semiconductor, Corp.
|
CZ5388B CZ5342B CZ5343B CZ5344B CZ5345B CZ5346B CZ |
surface mount silicon Zener diodes 150 V, 5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-201AD surface mount silicon Zener diodes 68 V, 5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-201AD surface mount silicon Zener diodes 30 V, 5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-201AD surface mount silicon Zener diodes 16 V, 5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-201AD surface mount silicon Zener diodes 19 V, 5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-201AD surface mount silicon Zener diodes 87 V, 5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-201AD surface mount silicon Zener diodes 39 V, 5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-201AD surface mount silicon Zener diodes 7.5 V, 5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-201AD surface mount silicon Zener diodes 91 V, 5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-201AD Silicon Zener Diode is a high quality voltage regulator Leaded Zener Diode General Purpose
|
Central Semiconductor, Corp. CENTRAL[Central Semiconductor Corp]
|
AZ23C8V2 AZ23C51 AZ23C5V1 AZ23C5V6 AZ23C6V2 AZ23C3 |
surface mount silicon Zener diodes 表面贴装硅稳压二极管 300mW DUAL SURFACE MOUNT ZENER DIODE
|
Diodes, Inc. Diodes Inc. DIODES[Diodes Incorporated]
|
BZX84C5V1 BZX84C3V9 BZX84C6V2 BZX84C9V1 BZX84C10 B |
350mW SURFACE MOUNT ZENER DIODE surface mount silicon Zener diodes 硅表面贴装齐纳二极管
|
WTE[Won-Top Electronics] Won-Top Electronics Co., Ltd.
|
CMZ5944B CMZ5948B CMZ5921B CMZ5925B CMZ5926B CMZ59 |
SURFACE MOUNT SILICON ZENER DIODE 1.5 WATT, 6.8 THRU 200 VOLTS 5% TOLERANCE SURFACE MOUNT SILICON ZENER DIODE 1.5 WATT, 6.8 THRU 200 VOLTS ± 5% TOLERANCE surface mount silicon Zener diodes 24 V, 0.9 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE
|
Central Semiconductor Corp
|
BZX84C3V3T-7-F BZX84C4V7T-7-F BZX84C8V2T-7-F BZX84 |
150mW SURFACE MOUNT ZENER DIODE surface mount silicon Zener diodes 4.3 V, 0.15 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE
|
Diodes Inc. Diodes, Inc.
|
1N5242B 1N5241B 1N5226B 1N5253B 1N5248B 1N5232B 1N |
Zener Diodes for Stabilized Power Supply 500MW 5% DO-35 ZENER DIODE surface mount silicon Zener diodes 2.8 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-35 surface mount silicon Zener diodes 3.6 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-35 surface mount silicon Zener diodes 33 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-35 surface mount silicon Zener diodes 18 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-35
|
Hitachi Semiconductor RECTRON[Rectron Semiconductor]
|
1SMA5932BT3 1SMA5934BT3 1SMA5938BT3 1SMA5937BT3 1S |
1.5Watt,Plastic Surface Mount Silicon Zener Diode(1.5W,20V齐纳电压,塑料表贴封装,硅齐纳二极管) 1.5Watt,Plastic Surface Mount Silicon Zener Diode(1.5W,24V齐纳电压,塑料表贴封装,硅齐纳二极管) 1.5Watt,Plastic Surface Mount Silicon Zener Diode(1.5W,36V齐纳电压,塑料表贴封装,硅齐纳二极管) 1.5Watt,Plastic Surface Mount Silicon Zener Diode(1.5W,33V齐纳电压,塑料表贴封装,硅齐纳二极管) 1.5Watt,Plastic Surface Mount Silicon Zener Diode(1.5W,22V齐纳电压,塑料表贴封装,硅齐纳二极管)
|
ON Semiconductor
|
1SMB5915BT 1SMB5956BT3 1SMB5915BT3 ON0034 1SMB5913 |
3W Plastic Surface Mount Silicon Zener Diode(3W塑料表贴封装齐纳二极 3.3 V, 0.83 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE From old datasheet system 3 WATTS 3.3-00 VOLTS 3 Watt Plastic Surface Mount Zener Voltage Regulators
|
Motorola Mobility Holdings, Inc. ON Semi ONSEMI
|
BZV55C15 BZV55C22 BZV55C2V410 BZV55C6V8 BZV55C9V1 |
SURFACE MOUNT SILICON ZENER DIODE 0.5 WATT, 2.4 THRU 75 VOLTS ± 5% TOLERANCE surface mount silicon Zener diodes 22 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE surface mount silicon Zener diodes 6.8 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE surface mount silicon Zener diodes 15 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE surface mount silicon Zener diodes 2.7 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE
|
Central Semiconductor Corp Central Semiconductor, Corp.
|
DL4738A DL4731A DL4744A DL4753A DL4732A DL4747A DL |
Surface Mount M.E.L.F ZENER DIODE RES 2.37K-OHM 0.1% 0.25W 25PPM THIN-FILM SMD-1206 TR-7-PA ROHS 24 V, 1 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE surface mount silicon Zener diodes 75 V, 1 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE
|
RECTRON[Rectron Semiconductor] RECTRON LTD
|
BZX2C15V BZX2C8V2 BZX2C7V5 BZX2C6V2 BZX2C4V7 BZX2C |
2 Watt Zener Diode 3.6 to 200 Volts 8.2 V, 2 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-41 GLASS PACKAGE-2 68 V, 2 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-41 GLASS PACKAGE-2 18 V, 2 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-41 GLASS PACKAGE-2 surface mount silicon Zener diodes 100 V, 2 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-41 surface mount silicon Zener diodes 11 V, 2 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-41 surface mount silicon Zener diodes 7.5 V, 2 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-41 surface mount silicon Zener diodes 27 V, 2 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-41 surface mount silicon Zener diodes 24 V, 2 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-41 surface mount silicon Zener diodes 6.2 V, 2 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-41 surface mount silicon Zener diodes 62 V, 2 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-41
|
MCC[Micro Commercial Components] Micro Commercial Components Corp. Micro Commercial Components, Corp.
|
|