PART |
Description |
Maker |
C527RT320-0303 C460RT320-0305 C470RT320-0301 C527R |
Reduced Forward Voltage 3.1 V Typical at 20 mA
|
Cree, Inc
|
CLY32-00 CLY32-05 CLY32-10 CLY32 |
Standard Recovery Rectifier; Forward Current:25A; Forward Current Average:15.9A; Forward Current Avg Rectified, IF(AV):15.9A; Forward Surge Current Max, Ifsm:350A; Forward Voltage:1.1V; Forward Voltage Max, VF:1.1V RoHS Compliant: Yes 伊雷尔C波段砷化镓功率场效应 HiRel C-Band GaAs Power-MESFET
|
INFINEON[Infineon Technologies AG]
|
C527RT200-S0200 C527RT200-S0300 C527RT200-S0400 |
Reduced Forward Voltage 3.0 V Typical at 5 mA
|
Cree, Inc
|
2SJ626 2SJ626-T1B 2SJ626-T2B |
Small Signal Diode; Repetitive Reverse Voltage Max, Vrrm:30V; Forward Voltage Max, VF:1V; Vf Test Current:5mA; Power Dissipation, Pd:80mW; Package/Case:DO-7; Current Rating:150mA; Forward Current Max, If:150mA; Forward Voltage:1.0V MOS场效应管 MOS FIELD EFFECT TRANSISTOR Pch enhancement type MOS FET
|
NEC, Corp. NEC[NEC]
|
XC6383C351PL XC6383A351ML XC6383A351MR XC6383A351P |
Hall Effect IC; Peak Reflow Compatible (260 C):Yes RoHS Compliant: Yes LEAD FREE EXT TEMP A2982 20L SOIC XC6383 Standard Recovery Rectifier; Repetitive Reverse Voltage Max, Vrrm:50V; Forward Current Avg Rectified, IF(AV):1A; Non Repetitive Forward Surge Current Max, Ifsm:30A; Forward Voltage Max, VF:1.1V; Package/Case:DO-41; Current Rating:1A 50V 1A 1N4001 (DO-41)
|
TOREX[Torex Semiconductor] TOREX SEMICONDUCTOR LTD.
|
HD74HC123 HD74HC123A HC123 |
Bridge Rectifier; Repetitive Reverse Voltage Max, Vrrm:1000V; Package/Case:DO-27A; Current Rating:3A; Forward Current:3A; Forward Voltage:1.2V; Mounting Type:Through Hole; Terminal Type:Axial Leaded Dual Retriggerable Monostable Multivibrators (with Clear)
|
Hitachi,Ltd. HITACHI[Hitachi Semiconductor]
|
ADCMP580 ADCMP581 ADCMP582 |
Ultrafast SiGe Voltage Comparator w/Reduced Swing PECL Output Drivers
|
Analog Devices
|
BZY91C9V1R BZY91 BZY91C10 BZY91C10R BZY91C11 BZY91 |
Standard Recovery Rectifier; Forward Current:150A; Forward Current Avg Rectified, IF(AV):150A; Forward Surge Current Max, Ifsm:3000A; Package/Case:DO-8 (Reverse); Repetitive Reverse Voltage Max, Vrrm:1400V; Current, It av:150A RoHS Compliant: Yes Zeners/Studs 齐纳基准螺栓
|
http:// LITTELFUSE[Littelfuse] Littelfuse, Inc.
|
NSD2101-DQFS NSD-2101 |
Piezo Motor Driver ASIC for SQL-RV Series Reduced Voltage SQUIGGLE RV and UTAF Motors
|
austriamicrosystems AG
|
RN5RZ54LA-TL RN5RZ41HA-TR RN5RZ30BA RN5RZ40BA-TL R |
LED Lamp; Bulb Size:T-1 3/4; LED Color:Yellow; Luminous Intensity:75ucd; Viewing Angle:15 ; Forward Current:20mA; Forward Voltage:2.1V; Operating Temperature Range:-25 C to 85 C; Color:Yellow; Leaded Process Compatible:Yes RoHS Compliant: Yes LED Lamp; Bulb Size:T-3; LED Color:Red; Luminous Intensity:10700ucd; Viewing Angle:8 ; Forward Current:20mA; Forward Voltage:1.85V; Operating Temperature Range:-40 C to 85 C; Color:Red; Leaded Process Compatible:Yes RoHS Compliant: Yes LED Lamp; Bulb Size:T-1 3/4; LED Color:Yellow; Luminous Intensity:9750mcd; Viewing Angle:6 ; Forward Current:20mA; Forward Voltage:2V; Operating Temperature Range:-40 C to C; Leaded Process Compatible:Yes RoHS Compliant: Yes LED Lamp; Bulb Size:T-3; LED Color:Green; Luminous Intensity:700ucd; Viewing Angle:8 ; Forward Current:20mA; Forward Voltage:2.15V; Operating Temperature Range:-40 C to C; Color:Green; Leaded Process Compatible:Yes RoHS Compliant: Yes LED Lamp; Bulb Size:T-3; LED Color:Amber; Luminous Intensity:8000ucd; Viewing Angle:6 ; Forward Current:20mA; Forward Voltage:2.1V; Operating Temperature Range:-40 C to 100 C; Color:Amber; Leaded Process Compatible:Yes RoHS Compliant: Yes LED Lamp; Bulb Size:T-1 3/4; LED Color:Green; Luminous Intensity:2500ucd; Viewing Angle:8 ; Forward Current:20mA; Forward Voltage:2.35V; Operating Temperature Range:-40 C to 85 C; Color:Green; Leaded Process Compatible:No RoHS Compliant: No LOW DROP-OUT AND LOW NOISE VOLTAGE REGULATOR 5 V FIXED POSITIVE LDO REGULATOR, 0.3 V DROPOUT, PDSO5
|
RICOH electronics devic... RICOH electronics devices division Ricoh Co., Ltd. http://
|
1N5614GP 1N5616GP 1N5618GP 1N5620GP 1N5622GP |
Glass Passivated Medium-Switching Junction Rectifiers, Forward Current 1.0A, Reverse Voltage 200V Glass Passivated Medium-Switching Junction Rectifiers, Forward Current 1.0A, Reverse Voltage 400V Glass Passivated Medium-Switching Junction Rectifiers, Forward Current 1.0A, Reverse Voltage 600V Glass Passivated Medium-Switching Junction Rectifiers, Forward Current 1.0A, Reverse Voltage 800V Glass Passivated Medium-Switching Junction Rectifiers, Forward Current 1.0A, Reverse Voltage 1000V
|
Vishay
|