PART |
Description |
Maker |
BD5244G-2CTR BD5211G-2CTR BD5223G-2CTR BD5336G-2C |
Free Time Delay Setting CMOS Voltage Detector (Reset) IC Free Time Delay Setting CMOS Voltage Detector (Reset) IC
|
Rohm
|
CCL30-60A CCK140-200A CCK225-300A CCK35-60A CBO060 |
Fork-Lift and Stud-Mounted Fuses 32 - 130 Volts DC Fast Acting and Time-Delay TIME DELAY BLOW ELECTRIC FUSE, 20A, 130VDC, INLINE/HOLDER TIME DELAY BLOW ELECTRIC FUSE, 200A, 72VDC, INLINE/HOLDER
|
Littelfuse
|
TS2-I-24V-800S |
TS-RELAYS NEW PCB TIME DELAY RELAY TIME-ON OR TIME-OFF DELAY OR PULSE RELAY
|
Panasonic Semiconductor
|
CKF-38-70010 CKD-38-20010 |
Mid-Priced CMOS IC Time Delay Relay 中档CMOS集成电路时间延迟继电
|
TE Connectivity, Ltd.
|
CHB-38-70023 CHA-38-70001 CHB-38-30001 CHB-38-3000 |
Mid- To Low-Priced CMOS IC Time Delay Relay
|
Tyco Electronics
|
R3131N26EA5-TR R3131NXXXA R3130NXXXA R3130N36EA-TR |
Low Voltage Detector with built-in Delay Circuit Low Voltage Detector with built in Delay Circuit Low voltage detector with built-in delay circuit. Detector threshold 3.6V. Standard output delay time 240ms. Output type Nch open drain. Taping type TR. Low voltage detector with built-in delay circuit. Detector threshold 3.08V. Output delay time 400ms. Output type Nch open drain. Taping type TR. Low voltage detector with built-in delay circuit. Detector threshold 3.08V. Output delay time 100ms. Output type CMOS. Taping type TR. Low voltage detector with built-in delay circuit. Detector threshold 3.08V. Output delay time 50ms. Output type CMOS. Taping type TR. Low voltage detector with built-in delay circuit. Detector threshold 3.08V. Standard output delay time 240ms. Output type CMOS. Taping type TR. Low voltage detector with built-in delay circuit. Detector threshold 3.08V. Output delay time 50ms. Output type Nch open drain. Taping type TR. Low voltage detector with built-in delay circuit. Detector threshold 3.08V. Output delay time 100ms. Output type Nch open drain. Taping type TR. Low voltage detector with built-in delay circuit. Detector threshold 3.08V. Output delay time 200ms. Output type Nch open drain. Taping type TR. Low voltage detector with built-in delay circuit. Detector threshold 3.08V. Standard output delay time 240ms. Output type Nch open drain. Taping type TR.
|
Ricoh
|
GS1086 GS1086CE2.5 GS1086CE2.85 GS1086CE3.3 GS1086 |
Time-Delay Relay; Contacts:DPDT; Time Range:1 to 10s; Mounting Type:Panel; Timing Function:Delay-On-Dropout; Contact Carrying Power:2VA 1.5A Low Dropout Positive Adjustable Regulator 1.5A的低压差可调稳压器正 1.5A Low Dropout Positive Adjustable Regulator
|
http:// VISAY[Vishay Siliconix] Vishay Intertechnology,Inc. Anpec Electronics, Corp. Vishay Intertechnology, Inc.
|
LP-CC-2-1/2 LP-CC-25 LP-CC-9 LP-CC-10 |
Cartridge Fuse; Current Rating:2.5A; Voltage Rating:600VAC; Fuse Type:Time Delay; Fuse Size/Group:13/32 x 1-1/2 "; Series:LP-CC TIME DELAY BLOW ELECTRIC FUSE, 2.5A, 600VAC, 300VDC, 200000A (IR), INLINE/HOLDER Cartridge Fuse; Current Rating:25A; Voltage Rating:600V; Fuse Type:Time Delay; Fuse Size/Group:10.31 x 38.1mm; Diameter:10.3124mm; Fuse Terminals:Ferrule; Leaded Process Compatible:No; Length:38.1mm RoHS Compliant: No Cartridge Fuse; Current Rating:9A; Voltage Rating:600VAC; Fuse Type:Time Delay; Fuse Size/Group:13/32 x 1-1/2 "; Leaded Process Compatible:No; Peak Reflow Compatible (260 C):No; Series:LP-CC RoHS Compliant: No Cartridge Fuse; Current Rating:10A; Voltage Rating:600V; Fuse Type:Time Delay; Fuse Size/Group:10.31 x 38.1mm; Diameter:10.3124mm; Fuse Terminals:Ferrule; Leaded Process Compatible:No; Length:38.1mm RoHS Compliant: No
|
Cooper Bussmann, Inc. COOPER INDUSTRIES
|
HCPL-7720 HCPL-7721 HCPL0721 HCPL-0720 HCPL-0720_0 |
40 ns Propagation Delay CMOS Optocoupler 40 NS Propagation Delay, CMOS Optocouplers FET-OUTPUTOPTOCOUPLER
|
Agilent(Hewlett-Packard)
|
CCMR030 CCMR050 |
TIME DELAY BLOW ELECTRIC FUSE, 30A, 600VAC, 500VDC, 200000A (IR), INLINE/HOLDER TIME DELAY BLOW ELECTRIC FUSE, 50A, 600VAC, 250VDC, 200000A (IR), INLINE/HOLDER
|
|
1513 1513SERIES 1513-75Y 1513-135Y 1513-2.5A 1513- |
Delay 50 /-2.5 ns, fixed SIP delay line Td/Tr=5 Delay 80 /-4 ns, fixed SIP delay line Td/Tr=5 Delay 45 /-2.3 ns, fixed SIP delay line Td/Tr=5 Delay 37.5 /-1.9 ns, fixed SIP delay line Td/Tr=5 Delay 22.5 /-1.2 ns, fixed SIP delay line Td/Tr=5 Delay 90 /-4.5 ns, fixed SIP delay line Td/Tr=5 Delay 2.5 /-1 ns, fixed SIP delay line Td/Tr=5 Fixed passive SIP delay line FIXED SIP DELAY LINE TD/TR = 5 固话SIP延迟线运输署/训练班\u003d 5 Delay 75 /-3.8 ns, fixed SIP delay line Td/Tr=5 Delay 135 /-6.8 ns, fixed SIP delay line Td/Tr=5 Delay 3.5 /-1 ns, fixed SIP delay line Td/Tr=5 Delay 120 /-6 ns, fixed SIP delay line Td/Tr=5 Delay 30 /-1.5 ns, fixed SIP delay line Td/Tr=5 Delay 40 /-2 ns, fixed SIP delay line Td/Tr=5 Delay 25 /-1.3 ns, fixed SIP delay line Td/Tr=5 Delay 60 /-3 ns, fixed SIP delay line Td/Tr=5 Delay 140 /-7 ns, fixed SIP delay line Td/Tr=5 Delay 20 /-1 ns, fixed SIP delay line Td/Tr=5 Delay 5 /-1 ns, fixed SIP delay line Td/Tr=5 Delay 15 /-1 ns, fixed SIP delay line Td/Tr=5
|
Coilcraft, Inc. Data Delay Devices Inc
|