PART |
Description |
Maker |
MTG-C5N-320 |
300A NULL BALANCE CURRENT SENSOR
|
Honeywell Accelerometers
|
HC55120 HC55121 HC55130 HC55140 HC55142 |
SLIC, Low Power, 30mA Loop Current, Longitudinal Balance 53dB SLIC, Low Power, 30mA Loop Current, Polarity Reversal, Longitudinal Balance 53dB SLIC, Low Power, 45mA Loop Current, Longitudinal Balance 63dB SLIC, Low Power, 45mA Loop Current, Polarity Reversal, Gnd Start, Gnd Key, Line Volt Measurement, with Long Balance 63dB and Pulse Metering SLIC, Low Power, Operation of the UniSLIC 14 and IDT821064 Evaluation Module
|
Intersil
|
LA305-S |
Current Transducer LA 305-S Sensor, Closed Loop Current Transducer, Primary Nominal r.m.s Current IPN 300A
|
http:// LEM[LEM] LEM Components
|
FAN7346M FAN7346MX |
4-Channel LED Current Balance Controller
|
Fairchild Semiconductor
|
WKU250-10W WKT250-10W WKL250-10W WKH250-10W WKV250 |
THYRISTOR MODULE|SCR|DUAL|CC|1KV V(RRM)|300A I(T) THYRISTOR MODULE|SCR DOUBLER|1KV V(RRM)|300A I(T) THYRISTOR MODULE|DOUBLER|HALF-CNTLD|NEGATIVE|1KV V(RRM)|300A I(T) THYRISTOR MODULE|DOUBLER|HALF-CNTLD|POSITIVE|1KV V(RRM)|300A I(T) THYRISTOR MODULE|SCR|DUAL|CA|1KV V(RRM)|300A I(T) THYRISTOR MODULE|SCR DOUBLER|800V V(RRM)|300A I(T) THYRISTOR MODULE|SCR DOUBLER|600V V(RRM)|300A I(T) THYRISTOR MODULE|SCR DOUBLER|400V V(RRM)|300A I(T) THYRISTOR MODULE|DOUBLER|HALF-CNTLD|NEGATIVE|1.6KV V(RRM)|300A I(T) 晶闸管模块|倍增|半CNTLD |负| 1.6KV五(无线资源管理)| 300我(翻译
|
Vicor, Corp.
|
D5003MC22P0 1171-1061 D1004MC22P0 |
Sens-A-Coil Temperature Sensor
|
Spectrum Microwave, Inc.
|
GMRB6 |
Giant Magneto Resistive Position Sens...
|
Infineon
|
7010.9900.57 7010.9903.03 7010.9901.55 7010.9902.0 |
VERY FAST BLOW ELECTRIC FUSE, 0.063A, 125VAC, 125VDC, 300A (IR), SURFACE MOUNT VERY FAST BLOW ELECTRIC FUSE, 0.375A, 125VAC, 125VDC, 300A (IR), SURFACE MOUNT VERY FAST BLOW ELECTRIC FUSE, 0.125A, 125VAC, 125VDC, 300A (IR), SURFACE MOUNT VERY FAST BLOW ELECTRIC FUSE, 0.25A, 125VAC, 125VDC, 300A (IR), SURFACE MOUNT
|
SCHURTER INC
|
DBF81F104-CSR-T |
Balance Filter
|
SOSHIN ELECTRIC
|
DBF81F106-CSR-T |
Balance Filter
|
SOSHIN ELECTRIC
|
UR5HC418 UR5HC418-FB UR5HC418-FN UR5HC418-P |
THERMISTOR NTC PROBE 500K OHM20% THERMISTOR MINI-SENS NTC 2K OHM AT / PS/2 - Compatible Keyboard Encoder
|
SEMTECH[Semtech Corporation]
|
|