|
|
|
Analog Devices, Inc. AD[Analog Devices]
|
Part No. |
AD524 AD524A AD524AD AD524AE AD524AR-16 AD524AR-16-REEL AD524AR-16-REEL7 5962-8853901EA AD524BD AD524B AD524BE AD524C AD524CD AD524S AD524SCHIPS AD524SD AD524SE_883B AD524SD_883B AD524SE/883B AD524SD/883B
|
OCR Text |
...- INPUT 1 + INPUT 2 RG2 3 INPUT null 4
16 15 14
RG1 OUTPUT null OUTPUT null G = 10 SHORT TO RG2 FOR DESIRED GAIN
AD524
TOP VIEW
13
INPUT null 5 (Not to Scale) 12 G = 100 REFERENCE 6 -VS 7 +VS 8
4 15
11 10 9
G = 1000 SENSE... |
Description |
Single Supply, Rail-to-Rail, Low Cost Instrumentation Amplifier INSTRUMENTATION AMPLIFIER, 1000 uV OFFSET-MAX, 1 MHz BAND WIDTH, CDIP16 Single Supply, Rail-to-Rail, Low Cost Instrumentation Amplifier INSTRUMENTATION AMPLIFIER, 250 uV OFFSET-MAX, 1 MHz BAND WIDTH, CDIP16 VARISTOR 150V RMS 14MM RADIAL PQ II HIP 7 REV A NO-PB Precision Instrumentation Amplifier
|
File Size |
392.59K /
16 Page |
View
it Online |
Download Datasheet |
|
|
|
|
Part No. |
186PC05DT
|
OCR Text |
...t sourcing output --- --- 10 ma null offset (184/185pc) 0.95 1.00 1.05 v null offset (186pc) 3.45 3.50 3.55 v null offset 185pc15at @ 2 psia 1.62 1.67 1.72 v 185pc30at @ 2 psia 1.28 1.33 1.38 v output at full pressure (184/185pc, g,d) 5.90 ... |
Description |
DIFFERENTIAL, STRAIN GUAGE PRESSURE SENSOR, 0-5Psi, 3.50-6V, RECTANGULAR, THROUGH HOLE MOUNT
|
File Size |
439.56K /
5 Page |
View
it Online |
Download Datasheet |
|
|
|
Honeywell Accelerometers
|
Part No. |
HPX100AS
|
OCR Text |
...ty % span hysteresis % span null offset (mv) span (mv) overpressure (psi) max. response time (ms) typ. temperature coefficient of null offset (% span/oc) typ. temperature coefficient of span (% span/oc) typ. 5.8 psi (... |
Description |
Microstructure Pressure Sensors
|
File Size |
290.55K /
4 Page |
View
it Online |
Download Datasheet |
|
|
|
Harris Semiconductor
|
Part No. |
CA3130BT
|
OCR Text |
...r applications requiring offset-null capability. terminal provisions are also made to permit strobing of the output stage. the ca3130a offers superior input characteristics over those of the ca3130. pinouts ca3131, ca3130a (pdip, soic) top ... |
Description |
15MHz, BiMOS operational amplifier with MOSFET input/CMOS output
|
File Size |
557.28K /
15 Page |
View
it Online |
Download Datasheet |
|
|
|
Honeywell
|
Part No. |
SS496A1 SS495A
|
OCR Text |
...esistors provide high accuracy (null to 3%, sensitivity up to 3%) and temperature compensation. these linear position sensors have an operating temperature range of -40 c to +150 c, appropriate for industrial and automotive environmen... |
Description |
Solid State Hall Effect Sensors
|
File Size |
207.07K /
5 Page |
View
it Online |
Download Datasheet |
|
Price and Availability
|