PART |
Description |
Maker |
STM32F103X810 STM32F103V8H6TR STM32F103V8H6XXX STM |
Medium-density performance line ARM-based 32-bit MCU with 64 or 128 KB Flash, USB, CAN, 7 timers, 2 ADCs, 9 communication interfaces Medium-density performance line ARM-based 32-bit MCU with 64 or 128 KB Flash, USB, CAN, 7 timers, 2 ADCs, 9 communication interfaces
|
STMicroelectronics
|
ATA6616 |
Single-package High Performance, Low Power AVR 8-bit Microcontroller with LIN
|
ATMEL Corporation
|
TDN5-4815WI TDN5-4821WI TDN5-0910WI TDN5-0912WI TD |
The power density of high performance DC/DC converters.
|
TRACO Electronic AG
|
STM32F100V4H6B STM32F100V4H6BTR STM32F100V4H7B STM |
Low & medium-density value line, advanced ARM-based 32-bit MCU Low & medium-density value line, advanced ARM-based 32-bit MCU
|
STMicroelectronics
|
ATA663454-14 |
LIN SBC including LIN Transceiver
|
ATMEL Corporation
|
QL7180 QL7180_DS |
Combining Performance, Density, and Embedded RAM From old datasheet system
|
quicklogic
|
QL7100 QL7100_DS |
Combining Performance, Density, and Embedded RAM From old datasheet system
|
quicklogic
|
QL6325E QL6325E_DS |
FPGA Combining Performance, Density, and Embedded RAM From old datasheet system
|
quicklogic
|
STM32F050C4T6A STM32F050C6 STM32F050C6T6A STM32F05 |
Low- and medium-density advanced ARM?based 32-bit MCU with up to 32 Kbytes Flash, timers, ADC and comm. interfaces Low- and medium-density advanced ARM-based 32-bit MCU with up to 32 Kbytes Flash, timers, ADC and comm. interfaces
|
STMicroelectronics
|
STM32F051K6U6 |
Low- and medium-density advanced ARM?based 32-bit MCU with 16 to 64 Kbytes Flash, timers, ADC, DAC and comm. interfaces
|
STMicroelectronics
|
ISPLSI2128VE ISPLSI2128VE-100LB100 ISPLSI2128VE-10 |
3.3V In-System Programmable SuperFAST?High Density PLD CRYSTAL 32.768KHZ 12.5PF SMD 3.3V In-System Programmable SuperFAST?/a> High Density PLD 3.3V In-System Programmable SuperFAST⑩ High Density PLD 3.3V In-System Programmable SuperFAST High Density PLD CRYSTAL 12.0 MHZ 20PF SMD 3.3V In-System Programmable SuperFASTHigh Density PLD EE PLD, 7.5 ns, PQFP176 3.3V In-System Programmable SuperFASTHigh Density PLD EE PLD, 7.5 ns, PBGA208 3.3V In-System Programmable SuperFASTHigh Density PLD EE PLD, 6 ns, PBGA208 3.3V In-System Programmable SuperFASTHigh Density PLD EE PLD, 10 ns, PBGA100 3.3V In-System Programmable SuperFASTHigh Density PLD EE PLD, 7.5 ns, PBGA100 3.3V In-System Programmable SuperFASTHigh Density PLD EE PLD, 7.5 ns, PQFP160 3.3V In-System Programmable SuperFASTHigh Density PLD EE PLD, 7.5 ns, PQFP100 3.3V In-System Programmable SuperFASTHigh Density PLD 3.3在系统可编程超快⑩高密度可编程逻辑器件 3.3VIn-SystemProgrammableSuperFASTHighDensityPLD 3.3V In-System Programmable SuperFAST?/a> High Density PLD
|
LATTICE[Lattice Semiconductor] Lattice Semiconductor Corporation Lattice Semiconductor, Corp.
|
FMMT589 FMMT589TA |
Discrete - Bipolar Transistors - Transistor (BJT) Master Table - Transistors 30V to 50V 30V PNP MEDIUM POWER HIGH PERFORMANCE TRANSISTOR IN SOT23 30V PNP MEDIUM POWER HIGH PERFORMANCE TRANSISTOR IN SOT23
|
Diodes Incorporated
|